전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7865AS-2 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD7865AS-2
상세설명  Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7865AS-2 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD7865AS-2 Datasheet HTML 2Page - Analog Devices AD7865AS-2 Datasheet HTML 3Page - Analog Devices AD7865AS-2 Datasheet HTML 4Page - Analog Devices AD7865AS-2 Datasheet HTML 5Page - Analog Devices AD7865AS-2 Datasheet HTML 6Page - Analog Devices AD7865AS-2 Datasheet HTML 7Page - Analog Devices AD7865AS-2 Datasheet HTML 8Page - Analog Devices AD7865AS-2 Datasheet HTML 9Page - Analog Devices AD7865AS-2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
REV. B
AD7865
–6–
PIN FUNCTION DESCRIPTIONS
Pin
Mnemonic
Description
1
BUSY
Busy Output. The busy output is triggered high by the rising edge of
CONVST and remains
high until conversion is completed on all selected channels.
2
FRSTDATA
First Data Output. FRSTDATA is a logic output which, when high, indicates that the Output
Data Register Pointer is addressing Register 1—See Accessing the Output Data Registers.
3
CONVST
Convert Start Input. Logic Input. A low-to-high transition on this input puts all track/holds
into their hold mode and starts conversion on the selected channels. In addition, the state of
the Channel Sequence Selection is also latched on the rising edge of
CONVST.
4
CS
Chip Select Input. Active low logic input. The device is selected when this input is active.
5
RD
Read Input. Active low logic input which is used in conjunction with
CS low to enable the
data outputs. Ensure the
WR pin is at logic high while performing a read operation.
6
WR
Write Input. A rising edge on the
WR input, with CS low and RD high, latches the logic state
on DB0 to DB3 into the channel select register.
7
CLK IN/SL1
Conversion Clock Input/Hardware Channel Select. The function of this pin depends upon the
H/S SEL input. When the H/S SEL input is high (choosing software control of the channel
selection sequence), this pin assumes its CLK IN function. CLK IN is an externally applied
clock (that is only necessary when INT/EXT CLK is high) this allows the user to control the
conversion rate of the AD7865. Each conversion needs 16 clock cycles in order for the conver-
sion to be completed. The clock should have a duty cycle that is no greater than 60/40. See
Using an External Clock.
When the
H/S SEL input is low (choosing hardware control of the channel conversion se-
quence), this pin assumes its Hardware Channel Select function. The SL1 input determines
whether Channel 1 is included in the channel conversion sequence. The selection is latched
on the rising edge of
CONVST. See Selecting a Conversion Sequence.
8
INT/EXT CLK/SL2
Internal/External Clock/Hardware Channel Select. The function of this pin depends upon the
H/S SEL input. When the H/S SEL input is high (choosing software control of the channel
selection sequence), this pin assumes its
INT/EXT CLK function. When INT/EXT CLK is at
a Logic 0, the AD7865 uses its internally generated master clock. When
INT/EXT CLK is at
Logic 1, the master clock is generated externally to the device and applied to CLK IN.
When the
H/S SEL input is low (choosing hardware control of the channel conversion sequence),
this pin assumes its Hardware Channel Select function. The SL2 input determines whether
Channel 2 is included in the channel conversion sequence. The selection is latched on the
rising edge of
CONVST. When H/S is at Logic 1 these pins have no function and can be tied
to Logic 1 or Logic 0. See Selecting a Conversion Sequence.
9, 10
SL3, SL4
Hardware Channel Select. When the
H/S SEL input is at Logic 0, the SL3 input determines
whether Channel 3 is included in the channel conversion sequence while SL4 determines
whether Channel 4 is included in the channel conversion sequence. When the pin is at Logic
1, the channel is included in the conversion sequence. When the pin is at Logic 0, the channel
is excluded from the conversion sequence. The selection is latched on the rising edge of
CONVST. See Selecting a Conversion Sequence.
11
H/S SEL
Hardware/Software Select Input. When this pin is at a Logic 0, the AD7865 conversion
sequence selection is controlled via the SL1–SL4 input pins and runs off an internal clock.
When this pin is at Logic 1, the conversion sequence is controlled via the channel select regis-
ter and allows the ADC to run with an internal or external clock. See Selecting a Conversion
Sequence.
12
AGND
Analog Ground. General Analog Ground. This AGND pin should be connected to the system’s
AGND plane.
13–16
VIN4x, VIN3x
Analog Inputs. See Analog Input section.
17
AGND
Analog Ground. Analog Ground reference for the attenuator circuitry. This AGND pin
should be connected to the system’s AGND plane.
18–21
VIN2x, VIN1x
Analog Inputs. See Analog Input section.
22
STBY
Standby Mode Input. This pin is used to put the device into the power save or standby mode.
The
STBY input is high for normal operation and low for standby operation.
23
AGND
Analog Ground. General Analog Ground. This AGND pin should be connected to the
system’s AGND plane.


유사한 부품 번호 - AD7865AS-2

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7865AS-2 AD-AD7865AS-2 Datasheet
195Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. A
AD7865AS-2 AD-AD7865AS-2 Datasheet
211Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865AS-2 AD-AD7865AS-2 Datasheet
197Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865AS-2 AD-AD7865AS-2 Datasheet
197Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865AS-2 AD-AD7865AS-2 Datasheet
197Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
More results

유사한 설명 - AD7865AS-2

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7865ASZ-1 AD-AD7865ASZ-1 Datasheet
211Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865ASZ-3 AD-AD7865ASZ-3 Datasheet
197Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865ASZ AD-AD7865ASZ Datasheet
197Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865BSZ-1 AD-AD7865BSZ-1 Datasheet
211Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865ASZ-3 AD-AD7865ASZ-3 Datasheet
211Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
AD7865 AD-AD7865_17 Datasheet
242Kb / 20P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
AD7865 AD-AD7865 Datasheet
195Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. A
AD7865ASZ-2 AD-AD7865ASZ-2 Datasheet
197Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
logo
Linear Technology
LTC1408 LINER-LTC1408 Datasheet
496Kb / 20P
   Channel, 14-Bit, 600ksps Simultaneous Sampling ADC with Shutdown
LTC2351-14 LINER-LTC2351-14 Datasheet
289Kb / 20P
   Channel, 14-Bit, 1.5Msps Simultaneous Sampling ADC with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com