전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8033AKSZ 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD8033AKSZ
상세설명  Low Cost, 80 MHz FastFET Op Amps
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8033AKSZ 데이터시트(HTML) 4 Page - Analog Devices

  AD8033AKSZ Datasheet HTML 1Page - Analog Devices AD8033AKSZ Datasheet HTML 2Page - Analog Devices AD8033AKSZ Datasheet HTML 3Page - Analog Devices AD8033AKSZ Datasheet HTML 4Page - Analog Devices AD8033AKSZ Datasheet HTML 5Page - Analog Devices AD8033AKSZ Datasheet HTML 6Page - Analog Devices AD8033AKSZ Datasheet HTML 7Page - Analog Devices AD8033AKSZ Datasheet HTML 8Page - Analog Devices AD8033AKSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
AD8033/AD8034
Rev. D | Page 3 of 24
SPECIFICATIONS
TA = 25°C, VS = ±5 V, RL = 1 kΩ, gain = +2, unless otherwise noted.
Table 1.
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
G = +1, VOUT = 0.2 V p-p
65
80
MHz
G = +2, VOUT = 0.2 V p-p
30
MHz
G = +2, VOUT = 2 V p-p
21
MHz
Input Overdrive Recovery Time
−6 V to +6 V input
135
ns
Output Overdrive Recovery Time
−3 V to +3 V input, G = +2
135
ns
Slew Rate (25% to 75%)
G = +2, VOUT = 4 V step
55
80
V/μs
Settling Time to 0.1%
G = +2, VOUT = 2 V step
95
ns
G = +2, VOUT = 8 V step
225
ns
NOISE/HARMONIC PERFORMANCE
Distortion
fC = 1 MHz, VOUT = 2 V p-p
Second Harmonic
RL = 500 Ω
−82
dBc
RL = 1 kΩ
−85
dBc
Third Harmonic
RL = 500 Ω
−70
dBc
RL = 1 kΩ
−81
dBc
Crosstalk, Output-to-Output
f = 1 MHz, G = +2
−86
dB
Input Voltage Noise
f = 100 kHz
11
nV/√Hz
Input Current Noise
f = 100 kHz
0.7
fA/√Hz
DC PERFORMANCE
Input Offset Voltage
VCM = 0 V
1
2
mV
TMIN − TMAX
3.5
mV
Input Offset Voltage Match
2.5
mV
Input Offset Voltage Drift
4
27
μV/°C
Input Bias Current
1.5
11
pA
TMIN − TMAX
50
pA
Open-Loop Gain
VOUT = ± 3 V
89
92
dB
INPUT CHARACTERISTICS
Common-Mode Input Impedance
1000||2.3
GΩ||pF
Differential Input Impedance
1000||1.7
GΩ||pF
Input Common-Mode Voltage Range
FET Input Range
−5.0 to +2.2
V
Common-Mode Rejection Ratio
VCM = −3 V to +1.5 V
−89
−100
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
±4.75
±4.95
V
Output Short-Circuit Current
40
mA
Capacitive Load Drive
30% overshoot, G = +1, VOUT = 400 mV p-p
35
pF
POWER SUPPLY
Operating Range
5
24
V
Quiescent Current per Amplifier
3.3
3.5
mA
Power Supply Rejection Ratio
VS = ±2 V
−90
−100
dB


유사한 부품 번호 - AD8033AKSZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8033AKSZ-R2 AD-AD8033AKSZ-R2 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033AKSZ-REEL AD-AD8033AKSZ-REEL Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033AKSZ-REEL7 AD-AD8033AKSZ-REEL7 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
More results

유사한 설명 - AD8033AKSZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8034 AD-AD8034_15 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034ARTZ-REEL7 AD-AD8034ARTZ-REEL7 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033 AD-AD8033 Datasheet
374Kb / 20P
   Low Cost, 80 MHz FastFET ??Op Amps
REV. D
AD8033 AD-AD8033_15 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034ARZ AD-AD8034ARZ Datasheet
494Kb / 24P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8065 AD-AD8065_06 Datasheet
547Kb / 28P
   High Performance, 145 MHz FastFET??Op Amps
Rev. G
AD8065 AD-AD8065 Datasheet
364Kb / 28P
   High Performance, 145 MHz FastFET??Op Amps
REV. E
AD8065WARTZ-R7 AD-AD8065WARTZ-R7 Datasheet
617Kb / 29P
   High Performance, 145 MHz FastFET Op Amps
Rev. J
AD8065 AD-AD8065_15 Datasheet
617Kb / 29P
   High Performance, 145 MHz FastFET Op Amps
Rev. J
AD8066 AD-AD8066_15 Datasheet
617Kb / 29P
   High Performance, 145 MHz FastFET Op Amps
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com