전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8602DRZ-REEL7 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD8602DRZ-REEL7
상세설명  Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8602DRZ-REEL7 데이터시트(HTML) 8 Page - Analog Devices

Back Button AD8602DRZ-REEL7 Datasheet HTML 4Page - Analog Devices AD8602DRZ-REEL7 Datasheet HTML 5Page - Analog Devices AD8602DRZ-REEL7 Datasheet HTML 6Page - Analog Devices AD8602DRZ-REEL7 Datasheet HTML 7Page - Analog Devices AD8602DRZ-REEL7 Datasheet HTML 8Page - Analog Devices AD8602DRZ-REEL7 Datasheet HTML 9Page - Analog Devices AD8602DRZ-REEL7 Datasheet HTML 10Page - Analog Devices AD8602DRZ-REEL7 Datasheet HTML 11Page - Analog Devices AD8602DRZ-REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD8601/AD8602/AD8604
Rev. G | Page 8 of 24
10k
1k
100
10
1
0.1
0.001
0.01
0.1
1
10
100
LOAD CURRENT (mA)
VS = 5V
TA = 25°C
SOURCE
SINK
Figure 17. Output Voltage to Supply Rail vs. Load Current
5.1
5.0
4.9
4.8
4.7
4.6
4.5
–40
25
105
203550658095
110
125
TEMPERATURE (°C)
VS = 5V
VOH @ 1mA LOAD
VOH @ 10mA LOAD
Figure 18. Output Voltage Swing vs. Temperature
250
200
150
100
50
0
–40
–25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
VS = 5V
VOH @ 1mA LOAD
VOH @ 10mA LOAD
Figure 19. Output Voltage Swing vs. Temperature
35
30
25
20
15
10
5
0
–40
–25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
VS = 2.7V
VOH @ 1mA LOAD
Figure 20. Output Voltage Swing vs. Temperature
2.67
2.66
2.65
2.64
2.63
2.62
–40
–25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
VS = 2.7V
VOH @ 1mA LOAD
Figure 21. Output Voltage Swing vs. Temperature
120
45
0
–45
–90
90
135
180
225
270
315
360
100
80
60
40
20
0
–20
–40
–60
–80
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
VS = 3V
RL = NO LOAD
TA = 25°C
PHASE
GAIN
Figure 22. Open-Loop Gain and Phase vs. Frequency


유사한 부품 번호 - AD8602DRZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8602DRZ-REEL7 AD-AD8602DRZ-REEL7 Datasheet
356Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
More results

유사한 설명 - AD8602DRZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8602ARZ AD-AD8602ARZ Datasheet
350Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8601 AD-AD8601_11 Datasheet
356Kb / 24P
   Precision CMOS, Single-Supply, Rail-to-Rail, Input/Output Wideband Operational Amplifiers
Rev. G
AD8601 AD-AD8601 Datasheet
255Kb / 16P
   Precision CMOS Single Supply Rail-to-Rail Input/Output Wideband Operational Amplifiers
REV. 0
AD8601 AD-AD8601_03 Datasheet
290Kb / 20P
   Precision CMOS Single-Supply Rail-to-Rail Input/Output Wideband Operational Amplifiers
REV. D
OP250 AD-OP250 Datasheet
209Kb / 16P
   CMOS Single-Supply Rail-to-Rail Input/Output Operational Amplifiers
REV. 0
OP-184 AD-OP-184 Datasheet
522Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
OP184 AD-OP184 Datasheet
291Kb / 20P
   Precision Rail-to-Rail Input & Output Operational Amplifiers
REV. 0
AD8592 AD-AD8592_15 Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
Rev. B
AD8592ARMZ-REEL AD-AD8592ARMZ-REEL Datasheet
408Kb / 16P
   CMOS Single-Supply, Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. B
AD8591 AD-AD8591 Datasheet
227Kb / 15P
   CMOS Single Supply Rail-to-Rail Input/Output Operational Amplifiers with Shutdown
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com