전자부품 데이터시트 검색엔진 |
|
V-10G3-1AR6-T 데이터시트(PDF) 7 Page - Omron Electronics LLC |
|
V-10G3-1AR6-T 데이터시트(HTML) 7 Page - Omron Electronics LLC |
7 / 16 page V V 116 Switching Capacity per Load (Reference Values) Model Voltage Non-inductive load Inductive load Resistive load Lamp load Inductive load Motor load NC NO NC NO NC NO NC NO V-21 250 VAC 21 A 3 A 12 A 4 A 8 VDC 21 A 5 A 12 A 7 A 30 VDC 14 A 5 A 12 A 5 A 125 VDC 0.6 A 0.1 A 0.6 A 0.1 A 250 VDC 0.3 A 0.05 A 0.3 A 0.05 A V-16 250 VAC 16 A 2 A 10 A 3 A 8 VDC 16 A 4 A 10 A 6 A 30 VDC 10 A 4 A 10 A 4 A 125 VDC 0.6 A 0.1 A 0.6 A 0.1 A 250 VDC 0.3 A 0.05 A 0.3 A 0.05 A V-15 250 VAC 15 A 2 A 10 A 3 A 8 VDC 15 A 4 A 10 A 6 A 30 VDC 10 A 4 A 10 A 4 A 125 VDC 0.6 A 0.1 A 0.6 A 0.1 A 250 VDC 0.3 A 0.05 A 0.3 A 0.05 A V-11 250 VAC 11 A 1.5 A 6 A 2 A 8 VDC 11 A 3 A 6 A 3 A 30 VDC 6 A 3 A 6 A 3 A 125 VDC 0.6 A 0.1 A 0.6 A 0.1 A 250 VDC 0.3 A 0.05 A 0.3 A 0.05 A V-10 250 VAC 10 A 1.5 A 6 A 2 A 8 VDC 10 A 3 A 6 A 3 A 30 VDC 6 A 3 A 6 A 3 A 125 VDC 0.6 A 0.1 A 0.6 A 0.1 A 250 VDC 0.3 A 0.05 A 0.3 A 0.05 A Note: 1. The above current values are the normal current values of models with a contact gap of 1 mm (gap F), which vary with the normal current values of models with a contact gap of 0.5 mm (gap G). 2. Inductive load has a power factor of 0.4 min. (AC) and a time constant of 7 ms max. (DC). 3. Lamp load has an inrush current of 10 times the steady-state current. 4. Motor load has an inrush current of 6 times the steady-state current. |
유사한 부품 번호 - V-10G3-1AR6-T |
|
유사한 설명 - V-10G3-1AR6-T |