전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

V-11G5-1AR6-T 데이터시트(PDF) 4 Page - Omron Electronics LLC

부품명 V-11G5-1AR6-T
상세설명  Miniature Basic Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OMRON [Omron Electronics LLC]
홈페이지  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V-11G5-1AR6-T 데이터시트(HTML) 4 Page - Omron Electronics LLC

  V-11G5-1AR6-T Datasheet HTML 1Page - Omron Electronics LLC V-11G5-1AR6-T Datasheet HTML 2Page - Omron Electronics LLC V-11G5-1AR6-T Datasheet HTML 3Page - Omron Electronics LLC V-11G5-1AR6-T Datasheet HTML 4Page - Omron Electronics LLC V-11G5-1AR6-T Datasheet HTML 5Page - Omron Electronics LLC V-11G5-1AR6-T Datasheet HTML 6Page - Omron Electronics LLC V-11G5-1AR6-T Datasheet HTML 7Page - Omron Electronics LLC V-11G5-1AR6-T Datasheet HTML 8Page - Omron Electronics LLC V-11G5-1AR6-T Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
V
V
113
Actuator
COM terminal
iti
Contact form
Terminals (see note)
11 A (OF: 0.98 N {100 gf}
position
()
Without barrier
Pin plunger
Bottom
SPDT
A
V-11-1A4
C2
V-11-1C24
C
V-11-1C4
Short hinge lever
A
V-111-1A4
g
C2
V-111-1C24
C
V-111-1C4
Hinge lever
A
V-112-1A4
g
C2
V-112-1C24
C
V-112-1C4
Long hinge lever
A
V-113-1A4
C2
V-113-1C24
C
V-113-1C4
Simulated roller lever
A
V-114-1A4
C2
V-114-1C24
C
V-114-1C4
Short hinge roller lever
A
V-115-1A4
g
C2
V-115-1C24
C
V-115-1C4
Hinge roller lever
A
V-116-1A4
g
C2
V-116-1C24
C
V-116-1C4
Note:
A:
Solder terminals
C2: Quick-connect terminals (#187)
C:
Quick-connect terminals (#250)


유사한 부품 번호 - V-11G5-1AR6-T

제조업체부품명데이터시트상세설명
logo
Omron Electronics LLC
V-11-1A4 OMRON-V-11-1A4 Datasheet
1Mb / 16P
   Snap Action Switch
V-11-1A4 OMRON-V-11-1A4 Datasheet
1Mb / 16P
   General Purpose Snap Action Switch
V-11-1A4 OMRON-V-11-1A4 Datasheet
1Mb / 16P
   General Purpose Snap Action Switch
V-11-1A4 OMRON-V-11-1A4 Datasheet
1Mb / 16P
   Snap Action Switch
V-11-1A4 OMRON-V-11-1A4 Datasheet
1Mb / 16P
   Snap Action Switch
More results

유사한 설명 - V-11G5-1AR6-T

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
MV-3 ETC-MV-3 Datasheet
4Mb / 12P
   Miniature Basic Switch
V-102-1A4 ETC2-V-102-1A4 Datasheet
1Mb / 16P
   Miniature Basic Switch
logo
Omron Electronics LLC
D3V OMRON-D3V Datasheet
1Mb / 18P
   Miniature Basic Switch
D2MV OMRON-D2MV Datasheet
1Mb / 5P
   Miniature Basic Switch
logo
List of Unclassifed Man...
D2SW ETC-D2SW Datasheet
95Kb / 6P
   Watertight Miniature Basic Switch
logo
Honeywell Solid State E...
V5B210CB1C HONEYWELL-V5B210CB1C Datasheet
133Kb / 5P
   V5 Series Miniature Basic Switch
logo
Omron Electronics LLC
D2FC-F-7N OMRON-D2FC-F-7N Datasheet
316Kb / 6P
   Ultra Sub Miniature Basic Switch
logo
Honeywell Solid State E...
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
   MICRO SWITCH Premium Miniature Basic Switches
V15S05 HONEYWELL-V15S05 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com