전자부품 데이터시트 검색엔진 |
|
AD7689BCPZ 데이터시트(PDF) 9 Page - Analog Devices |
|
AD7689BCPZ 데이터시트(HTML) 9 Page - Analog Devices |
9 / 32 page Data Sheet AD7682/AD7689 Rev. D | Page 9 of 32 ABSOLUTE MAXIMUM RATINGS Table 6. Parameter Rating Analog Inputs INx,1 COM1 GND − 0.3 V to VDD + 0.3 V or VDD ± 130 mA REF, REFIN GND − 0.3 V to VDD + 0.3 V Supply Voltages VDD, VIO to GND −0.3 V to +7 V VIO to VDD −0.3 V to VDD + 0.3 V DIN, CNV, SCK to GND −0.3 V to VIO + 0.3 V SDO to GND −0.3 V to VIO + 0.3 V Storage Temperature Range −65°C to +150°C Junction Temperature 150°C θJA Thermal Impedance (LFCSP) 47.6°C/W θJC Thermal Impedance (LFCSP) 4.4°C/W 1 See the section. Analog Inputs Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ESD CAUTION |
유사한 부품 번호 - AD7689BCPZ |
|
유사한 설명 - AD7689BCPZ |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |