전자부품 데이터시트 검색엔진 |
|
CB1A685M2BCB 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers |
|
CB1A685M2BCB 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers |
1 / 6 page www.element14.com www.farnell.com www.newark.com Page <1> V1.1 06/09/12 CB Series Tantalum Capacitor Features: • Lead-Free • Specially designed of general purpose • Highly reliable resin dipped type • Excellent frequency and temperature characteristics • Non-flammable epoxy resin Technical Specifications: Temperature Characteristics: Item Performance Characteristics Operating Temperature Range -55°C to +125°C (>85°C with rated voltage derating) Rated Working Voltage Range 6.3V DC to 50V DC Nominal Capacitance Range 0.1μF to 220μF Capacitance Tolerance ± 20% Leakage Current Not more than 0.01 CrVr or 0.5μA whichever is greater Dissipation Factor Capacitance ≤1μF 1.5 to 6.8 μF 10 to 68 μF ≥100 μF Max. tan δ 0.04 0.06 0.08 0.1 Cap. (μF) Change in Cap. (%) DF Max. (%) DCL max. (μA) -55°C +85°C +125°C -55°C +20°C +85°C +125°C +20°C +85°C +125°C ≤1 ±10 ±15 ±25 6 4 6 6 Io=0.01CrVr 0.5μA(whichever is greater) 10Io 12.5Io 1.5 ~ 6.8 8 6 8 8 10 ~ 68 10 8 10 10 100 ~ 680 12 10 12 12 |
유사한 부품 번호 - CB1A685M2BCB |
|
유사한 설명 - CB1A685M2BCB |