전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB1935FA-BH 데이터시트(PDF) 2 Page - ON Semiconductor

부품명 LB1935FA-BH
상세설명  Stepping Motor Driver IC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1935FA-BH 데이터시트(HTML) 2 Page - ON Semiconductor

  LB1935FA-BH Datasheet HTML 1Page - ON Semiconductor LB1935FA-BH Datasheet HTML 2Page - ON Semiconductor LB1935FA-BH Datasheet HTML 3Page - ON Semiconductor LB1935FA-BH Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LB1935FA
No.A2060-2/4
Allowable Operating Range at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Source voltage
VCC
2.2 to 7.5
V
Input high level voltage
VIH
ENA, IN1, IN2 pin
1.8 to 7.5
V
Input low level voltage
VIL
ENA, IN1, IN2 pin
-0.3 to +0.7
V
Electric Characteristics at Ta = 25
°C, VCC = 3.3V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
ICC0
ENA = 0V, VIN = 3V or 0V
0.1
1
μA
Power source current
ICC1
ENA = 3V, VIN = 3V or 0V
13
19
mA
VOUT1
ENA = 3V, VIN = 3V or 0V, IOUT = 100mA
0.2
0.3
V
Output saturation voltage
VOUT2
ENA = 3V, VIN = 3V or 0V, IOUT = 200mA
0.4
0.6
V
IIN
VIN = 3V
40
60
μA
Input current
IENA
VENA = 3V
40
60
μA
Spark killer diode
Reverse current
IS(leak)
1
μA
Forward voltage
VSF
IOUT = 200mA
1.7
V
Package Dimensions
unit : mm (typ)
3428
Pin Assignments
SANYO : Micro10
3.0
0.25
0.16
0.5
1
10
2
0
Pd max -- Ta
-20
500
300
400
100
200
20
0
40
60
80
100
Ambient temperature, Ta --
°C
Specified Substrate : 20.0
×10.0×0.8mm3
Peper phenol
240
VCC
IN2
1
10
2
3
4
56
7
8
9
Top view
LB1935FA
IN1
ENA
(NC)
OUT4
OUT1
OUT3
OUT2
GND


유사한 부품 번호 - LB1935FA-BH

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LB1935FA-AH ONSEMI-LB1935FA-AH Datasheet
172Kb / 4P
   Stepping Motor Driver IC
June, 2013
More results

유사한 설명 - LB1935FA-BH

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TA8430AF TOSHIBA-TA8430AF Datasheet
348Kb / 10P
   STEPPING MOTOR DRIVER IC
TA7774P TOSHIBA-TA7774P_07 Datasheet
352Kb / 17P
   Stepping Motor Driver IC
logo
ON Semiconductor
LB1935FA-AH ONSEMI-LB1935FA-AH Datasheet
172Kb / 4P
   Stepping Motor Driver IC
June, 2013
logo
Toshiba Semiconductor
TC78S600FNG TOSHIBA-TC78S600FNG Datasheet
1Mb / 40P
   Stepping Motor Driver IC
2014-10-01
TA7774P TOSHIBA-TA7774P Datasheet
333Kb / 11P
   STEPPING MOTOR DRIVER IC
TB6608FNG TOSHIBA-TB6608FNG Datasheet
748Kb / 30P
   Stepping Motor Driver IC
logo
Sanyo Semicon Device
LB1935T SANYO-LB1935T_07 Datasheet
124Kb / 6P
   Stepping Motor Driver IC
logo
ON Semiconductor
LB1909MC-BH ONSEMI-LB1909MC-BH Datasheet
63Kb / 4P
   Stepping Motor Driver IC
June, 2013
logo
Sanyo Semicon Device
LB1935FA SANYO-LB1935FA Datasheet
216Kb / 4P
   Stepping Motor Driver IC
logo
IK Semicon Co., Ltd
IK6502 IKSEMICON-IK6502 Datasheet
1Mb / 16P
   Stepping Motor Driver IC
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com