전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA7908TU 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 KA7908TU
상세설명  3-Terminal 1 A Negative Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA7908TU 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  KA7908TU Datasheet HTML 1Page - Fairchild Semiconductor KA7908TU Datasheet HTML 2Page - Fairchild Semiconductor KA7908TU Datasheet HTML 3Page - Fairchild Semiconductor KA7908TU Datasheet HTML 4Page - Fairchild Semiconductor KA7908TU Datasheet HTML 5Page - Fairchild Semiconductor KA7908TU Datasheet HTML 6Page - Fairchild Semiconductor KA7908TU Datasheet HTML 7Page - Fairchild Semiconductor KA7908TU Datasheet HTML 8Page - Fairchild Semiconductor KA7908TU Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
© 2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
KA79XX / KA79XXA / LM79XX Rev. 1.1.0
5
Electrical Characteristics (KA7908 / LM7908)
(VI = -14 V, IO = 500 mA, 0°C ≤ TJ ≤ +125°C, CI = 2.2 μF, CO =1 μF; unless otherwise specified.)
Note:
5. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must
be taken into account separately. Pulse testing with low duty is used.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VO
Output Voltage
TJ =+25°C
-7.7
-8.0
-8.3
V
IO = 5 mA to 1 A, PO ≤ 15 W,
VI = -10 V to -23 V
-7.6
-8.0
-8.4
ΔVO
Line Regulation(5)
TJ = +25°C
VI = -10.5 V to -25 V
10
160
mV
VI = -11 V to -17 V
5
80
ΔVO
Load Regulation(5)
TJ = +25°C, IO = 5 mA to 1.5 A
12
160
mV
TJ = +25°C, IO = 250 mA to 750 mA
4
80
IQ
Quiescent Current
TJ = +25°C3
6
mA
ΔIQ
Quiescent Current
Change
IO = 5 mA to 1 A
0.05
0.50
mA
VI = -10.5 V to -25 V
0.10
1.00
ΔVo/ΔT
Temperature Coefficient
of VD
IO = 5 mA
-0.6
mV/
°C
VN
Output Noise Voltage
f = 10 Hz to 100 kHz, TA = +25°C175
μV
RR
Ripple Rejection
f = 120 Hz,
ΔVI = 10 V
54
60
dB
VD
Dropout Voltage
TJ =+25°C, IO = 1 A
2
V
ISC
Short-Circuit Current
TJ =+25°C, VI = -35 V
300
mA
IPK
Peak Current
TJ = +25°C2.2
A


유사한 부품 번호 - KA7908TU

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA7908TU FAIRCHILD-KA7908TU Datasheet
164Kb / 17P
   3-Terminal 1A Negative Voltage Regulator
KA7908TU FAIRCHILD-KA7908TU Datasheet
280Kb / 18P
   3-Terminal 1 A Negative Voltage Regulator
More results

유사한 설명 - KA7908TU

제조업체부품명데이터시트상세설명
logo
Thinki Semiconductor Co...
LM79XX THINKISEMI-LM79XX Datasheet
407Kb / 3P
   3-Terminal 1 A Negative Voltage Regulator
logo
Fairchild Semiconductor
KA7905ATU FAIRCHILD-KA7905ATU Datasheet
280Kb / 18P
   3-Terminal 1 A Negative Voltage Regulator
logo
SeCoS Halbleitertechnol...
SJ79XX SECOS-SJ79XX Datasheet
457Kb / 5P
   3-Terminal Negative Voltage Regulator
SM79L06 SECOS-SM79L06 Datasheet
340Kb / 2P
   3-Terminal Negative Voltage Regulator
SM79L18 SECOS-SM79L18 Datasheet
356Kb / 2P
   3-Terminal Negative Voltage Regulator
SI79XXA SECOS-SI79XXA Datasheet
466Kb / 5P
   3-Terminal Negative Voltage Regulator
logo
New Japan Radio
NJM7906FA NJRC-NJM7906FA Datasheet
426Kb / 7P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
PL7909XE3 CYSTEKEC-PL7909XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PL7915XE3 CYSTEKEC-PL7915XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PL7908XE3 CYSTEKEC-PL7908XE3 Datasheet
149Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com