전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OP282GSZ-REEL7 데이터시트(PDF) 8 Page - Analog Devices

부품명 OP282GSZ-REEL7
상세설명  Dual/Quad, Low Power, High Speed JFET Operational Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

OP282GSZ-REEL7 데이터시트(HTML) 8 Page - Analog Devices

Back Button OP282GSZ-REEL7 Datasheet HTML 4Page - Analog Devices OP282GSZ-REEL7 Datasheet HTML 5Page - Analog Devices OP282GSZ-REEL7 Datasheet HTML 6Page - Analog Devices OP282GSZ-REEL7 Datasheet HTML 7Page - Analog Devices OP282GSZ-REEL7 Datasheet HTML 8Page - Analog Devices OP282GSZ-REEL7 Datasheet HTML 9Page - Analog Devices OP282GSZ-REEL7 Datasheet HTML 10Page - Analog Devices OP282GSZ-REEL7 Datasheet HTML 11Page - Analog Devices OP282GSZ-REEL7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
OP282/OP482
Data Sheet
Rev. I | Page 8 of 16
TCVOS (µV/°C)
0
0
400
20
80
16
120
160
40
28
32
36
24
200
280
320
360
240
4
12
8
VS = ±15V
300 × OP282
(600 OP AMPS)
Figure 24. OP282 TCVOS Distribution, SOIC_N Package
FREQUENCY (Hz)
1k
10k
100k
1M
100M
10M
80
90
135
0
45
180
60
40
20
0
VS = ±15V
TA = 25°C
Figure 25. OP482 Open-Loop Gain and Phase vs. Frequency
125
100
50
75
25
0
–75
–50
–25
TEMPERATURE (°C)
30
35
25
20
15
10
5
VS = ±15V
RL = 10k
0
Figure 26. OP482 Open-Loop Gain vs. Temperature
500
0
300
100
200
400
70
10
0
60
50
40
30
20
LOAD CAPACITANCE (pF)
AVCL = 1
NEGATIVE EDGE
VS = ±15V
RL = 2kΩ
VIN = 100mV p-p
AVCL = 1
POSITIVE EDGE
Figure 27. OP482 Small-Signal Overshoot vs. Load Capacitance
FREQUENCY (Hz)
1k
10k
100k
1M
100M
10M
60
40
20
10
0
50
30
–10
–20
AVCL = 10
AVCL = 1
AVCL = 100
VS = ±15V
TA = 25°C
Figure 28. OP482 Closed-Loop Gain vs. Frequency
–SR
–75
TEMPERATURE (°C)
–50
–25
0
25
50
75
100
125
5
10
25
15
20
+SR
VS = ±15V
RL = 10k
CL = 50pF
0
Figure 29. OP482 Slew Rate vs. Temperature


유사한 부품 번호 - OP282GSZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
OP282GSZ-REEL7 AD-OP282GSZ-REEL7 Datasheet
340Kb / 16P
   Dual/Quad Low Power, High Speed JFET Operational Amplifiers
Rev. F
More results

유사한 설명 - OP282GSZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8682 AD-AD8682 Datasheet
327Kb / 16P
   Dual/Quad Low Power, High Speed JFET Operational Amplifiers
REV. 0
OP282 AD-OP282_04 Datasheet
340Kb / 16P
   Dual/Quad Low Power, High Speed JFET Operational Amplifiers
Rev. F
OP282 AD-OP282 Datasheet
260Kb / 12P
   Dual/Quad Low Power, High Speed JFET Operational Amplifiers
REV. B
AD8682 AD-AD8682_07 Datasheet
318Kb / 16P
   Dual/Quad Low Power, High Speed JFET Operational Amplifiers
REV. A
logo
STMicroelectronics
TL062ACDT STMICROELECTRONICS-TL062ACDT Datasheet
866Kb / 15P
   Low-power JFET dual operational amplifiers
TL062CDT STMICROELECTRONICS-TL062CDT Datasheet
866Kb / 15P
   Low-power JFET dual operational amplifiers
TL062IDT STMICROELECTRONICS-TL062IDT Datasheet
866Kb / 15P
   Low-power JFET dual operational amplifiers
logo
Texas Instruments
TLE2072 TI-TLE2072 Datasheet
986Kb / 37P
[Old version datasheet]   EXCALIBUR LOW-NOISE HIGH-SPEED JFET-INPUT DUAL OPERATIONAL AMPLIFIERS
TLE2082 TI-TLE2082 Datasheet
992Kb / 37P
[Old version datasheet]   EXCALIBUR HIGH-SPEED JFET-INPUT DUAL OPERATIONAL AMPLIFIERS
LF347NE4 TI-LF347NE4 Datasheet
392Kb / 10P
[Old version datasheet]   JFET-INPUT QUAD OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com