전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI2323CDS-T1-GE3 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 SI2323CDS-T1-GE3
상세설명  P-Channel 20 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2323CDS-T1-GE3 데이터시트(HTML) 3 Page - Vishay Siliconix

  SI2323CDS-T1-GE3 Datasheet HTML 1Page - Vishay Siliconix SI2323CDS-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI2323CDS-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI2323CDS-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI2323CDS-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI2323CDS-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI2323CDS-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI2323CDS-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI2323CDS-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Vishay Siliconix
Si2323CDS
Document Number: 65700
S13-2081-Rev. B, 30-Sep-13
www.vishay.com
3
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
5
10
15
20
0.0
0.5
1.0
1.5
2.0
VDS - Drain-to-Source Voltage (V)
VGS =5 V thru 2 V
VGS =1.5 V
VGS =1 V
0.00
0.02
0.04
0.06
0.08
0.10
0
5
10
15
20
ID - Drain Current (A)
VGS =2.5 V
VGS =4.5 V
VGS =1.8V
0
1
2
3
4
5
04
8
12
16
20
ID =4.6 A
Qg - Total Gate Charge (nC)
VDS = 16 V
VDS =10 V
VDS =5 V
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
1
2
3
4
0.0
0.3
0.6
0.9
1.2
1.5
VDS - Gate-to-Source Voltage (V)
TC = 25 °C
TC = 125 °C
TC =- 55 °C
Crss
0
450
900
1350
1800
2250
0
5
10
15
20
Ciss
VDS - Drain-to-Source Voltage (V)
Coss
0.6
0.8
1.0
1.2
1.4
1.6
- 50
- 25
0
25
50
75
100
125
150
TJ - Junction Temperature (°C)
VGS =4.5 V,ID =4.6 A
VGS =2.5 V,ID =4.1 A


유사한 부품 번호 - SI2323CDS-T1-GE3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI2323CDS-T1-GE3 VISHAY-SI2323CDS-T1-GE3 Datasheet
223Kb / 10P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 30-Sep-13
logo
VBsemi Electronics Co.,...
SI2323CDS-T1-GE3 VBSEMI-SI2323CDS-T1-GE3 Datasheet
1Mb / 9P
   P-Channel 30 V (D-S) MOSFET
More results

유사한 설명 - SI2323CDS-T1-GE3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com