전자부품 데이터시트 검색엔진 |
|
CDC341NSRG4 데이터시트(PDF) 4 Page - Texas Instruments |
|
CDC341NSRG4 데이터시트(HTML) 4 Page - Texas Instruments |
4 / 10 page CDC341 1-LINE TO 8-LINE CLOCK DRIVER SCAS333D – DECEMBER 1992 – REVISED OCTOBER 1998 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS TA = 25°C MIN MAX UNIT PARAMETER TEST CONDITIONS MIN TYP† MAX MIN MAX UNIT VIK VCC = 4.75 V, II = –18 mA –1.2 –1.2 V VCC = 4.75 V, IOH = – 3 mA 2.5 2.5 VOH VCC = 5 V, IOH = – 3 mA 3 3 V VCC = 4.75 V, IOH = – 48 mA 2 2 VOL VCC = 4.75 V, IOL = 48 mA 0.5 V II VCC = 5.25 V, VI = VCC or GND ±1 ±1 µA IO‡ VCC = 5.25 V, VO = 2.5 V –50 – 100 – 200 –50 – 200 mA ICC VCC = 5.25 V, IO = 0, Outputs high 2 3.5 mA ICC CC , O , VI = VCC or GND Outputs low 24 33 mA Ci VI = 2.5 V or 0.5 V 3 pF † All typical values are at VCC = 5 V. ‡ Not more than one output should be tested at a time, and the duration of the test should not exceed one second. switching characteristics, CL = 50 pF (see Figures 1 and 2) PARAMETER FROM (INPUT) TO (OUTPUT) VCC = 5 V, TA = 25°C VCC = 4.75 V to 5.25 V, TA = 0°C to 70°C UNIT (INPUT) (OUTPUT) MIN TYP MAX MIN MAX tPLH A Y 3.5 4.5 3.1 4.9 ns tPHL A Y 3.5 4.3 3.1 4.9 ns tPLH G Y 2 3.8 2 4 ns tPHL G Y 2 3.8 2 4 ns tsk(o) 0.3 0.5 0.6 tsk(p) A Y 0.6 0.8 0.9 ns tsk(pr) 1 1 tr A Y 1.5 ns tf A Y 1.5 ns tpd performance information relative to VCC and temperature variation (see Note 4) DtPLH(TA)† Temperature drift of tPLH from 0°C to 70°C – 41 ps / 10 °C DtPHL(TA)† Temperature drift of tPHL from 0°C to 70°C – 52 ps / 10 °C DtPLH(VCC)‡ VCC drift of tPLH from 4.75 V to 5.25 V 28 ps / 100 mV DtPHL(VCC)‡§ VCC drift of tPHL from 4.75 V to 5.25 V 20 ps / 100 mV † Virtually independent of VCC ‡ Virtually independent of temperature NOTE 4: The data extracted is from a wide range of characterization material. |
유사한 부품 번호 - CDC341NSRG4 |
|
유사한 설명 - CDC341NSRG4 |