전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC701CH 데이터시트(PDF) 6 Page - Texas Instruments

부품명 DAC701CH
상세설명  Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

DAC701CH 데이터시트(HTML) 6 Page - Texas Instruments

Back Button DAC701CH Datasheet HTML 2Page - Texas Instruments DAC701CH Datasheet HTML 3Page - Texas Instruments DAC701CH Datasheet HTML 4Page - Texas Instruments DAC701CH Datasheet HTML 5Page - Texas Instruments DAC701CH Datasheet HTML 6Page - Texas Instruments DAC701CH Datasheet HTML 7Page - Texas Instruments DAC701CH Datasheet HTML 8Page - Texas Instruments DAC701CH Datasheet HTML 9Page - Texas Instruments DAC701CH Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
®
DAC701, 702, 703
DISCUSSION OF
SPECIFICATIONS
DIGITAL INPUT CODES
The DAC701/702/703 accept complementary digital
input codes in either binary format (CSB, unipolar or
COB, bipolar). The COB models DAC702/703 may be
connected by the user for either complementary offset
binary (COB) or complementary two’s complement (CTC)
codes (see Table I).
Zero Drift
Zero drift is a measure of the change in the output with
FFFFH (DAC701) applied to the digital inputs over the
specified temperature range. For the bipolar models, zero is
measured at 7FFFH (bipolar zero) applied to the digital
inputs. This code corresponds to zero volts (DAC703) or
zero milliamps (DAC702) at the analog output. The maxi-
mum change in offset at tMIN or tMAX is referenced to the
zero error at +25
°C and is divided by the temperature
change. This drift is expressed in parts per million of full
scale range per degree centigrade (ppm of FSR/
°C).
SETTLING TIME
Settling time of the D/A is the total time required for the
analog output to settle within an error band around its final
value after a change in digital input. Refer to Figure 1 for
typical values for this family of products.
Voltage Output
Settling times are specified to
±0.003% of FSR (±1/2LSB
for 14 bits) for two input conditions: a full-scale range
change of 20V (DAC703) or 10V (DAC701) and a 1LSB
change at the “major carry,” the point at which the worst-
case settling time occurs. (This is the worst-case point since
all of the input bits change when going from one code to the
next).
Current Output
Settling times are specified to
±0.003% of FSR for a full-
scale range change for two output load conditions: one for
10
Ω to 100Ω and one for 1000Ω. It is specified this way
because the output RC time constant becomes the dominant
factor in determining settling time for large resistive loads.
ANALOG OUTPUT
DAC701
DAC702/703
DAC702/703
DIGITAL
Complementary
Complementary
Complementary
INPUT
Straight Binary
Offset Binary
Two’s Complement
CODES
(CSB)
(COB)
(CTC)*
0000H
+ Full Scale
+ Full Scale
–1LSB
7FFFH
+1/2 Full Scale
Bipolar Zero
– Full Scale
8000H
+1/2 Full Scale
–1LSB
+ Full Scale
–1LSB
FFFFH
Zero
– Full Scale
Bipolar Zero
* Invert the MSB of the COB code with an external inverter to obtain CTC
code.
TABLE I. Digital Input Codes.
ACCURACY
Linearity
This specification describes one of the most important mea-
sures of performance of a D/A converter. Linearity error is
the deviation of the analog output from a straight line drawn
through the end points (all bits ON point and all bits OFF
point).
Differential Linearity Error
Differential linearity error (DLE) of a D/A converter is the
deviation from an ideal 1LSB change in the output from one
adjacent output state to the next. A differential linearity error
specification of
±1/2LSB means that the output step sizes
can be between 1/2LSB and 3/2LSB when the input changes
from one adjacent input state to the next. A negative DLE
specification of no more than –1LSB (–0.006% for 14-bit
resolution) insures monotonicity.
Monotonicity
Monotonicity assures that the analog output will increase or
remain the same for increasing input digital codes. The
DAC701/702/703 are specified to be monotonic to 14 bits
over the entire specification temperature range.
DRIFT
Gain Drift
Gain drift is a measure of the change in the full-scale range
output over temperature expressed in parts per million per
degree centigrade (ppm/
°C). Gain drift is established by: (1)
testing the end point differences for each D/A at t
MIN, +25°C
and tMAX; (2) calculating the gain error with respect to the
+25
°C value; and (3) dividing by the temperature change.
FIGURE 1. Final-Value Error Band vs Full-Scale Range
Settling Time.
COMPLIANCE VOLTAGE
Compliance voltage applies only to current output models. It
is the maximum voltage swing allowed on the output current
pin while still being able to maintain specified accuracy.
Settling Time (µs)
0.01
0.1
1
10
1
0.1
0.01
0.001
DAC702
DAC701
DAC703
R
L = 100Ω
R
L = 1kΩ


유사한 부품 번호 - DAC701CH

제조업체부품명데이터시트상세설명
logo
Burr-Brown (TI)
DAC701CH BURR-BROWN-DAC701CH Datasheet
301Kb / 12P
   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
More results

유사한 설명 - DAC701CH

제조업체부품명데이터시트상세설명
logo
Burr-Brown (TI)
PCM54 BURR-BROWN-PCM54 Datasheet
83Kb / 7P
   16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTERS
DAC701 BURR-BROWN-DAC701 Datasheet
301Kb / 12P
   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
DAC80 BURR-BROWN-DAC80 Datasheet
211Kb / 9P
   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC80P TI-DAC80P Datasheet
190Kb / 10P
[Old version datasheet]   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC70 BURR-BROWN-DAC70 Datasheet
481Kb / 10P
   Monlithic 16-bit digital-to-analog converters
logo
Texas Instruments
DAC707KH TI-DAC707KH Datasheet
121Kb / 13P
[Old version datasheet]   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Maxim Integrated Produc...
MAX1167BE MAXIM-MAX1167BE Datasheet
348Kb / 30P
   Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 1; 10/09
logo
List of Unclassifed Man...
DAC-HP ETC-DAC-HP Datasheet
136Kb / 4P
   16-Bit, High-Performance Digital-to-Analog Converters
logo
Burr-Brown (TI)
DAC707 BURR-BROWN-DAC707 Datasheet
149Kb / 11P
   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Murata Power Solutions ...
DAC-HP16BGC MURATA-PS-DAC-HP16BGC Datasheet
139Kb / 4P
   16-Bit, High-Performance Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com