전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

E100E 데이터시트(PDF) 4 Page - List of Unclassifed Manufacturers

부품명 E100E
상세설명  The SBE - Encapsulated, Copper Wound Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

E100E 데이터시트(HTML) 4 Page - List of Unclassifed Manufacturers

  E100E Datasheet HTML 1Page - List of Unclassifed Manufacturers E100E Datasheet HTML 2Page - List of Unclassifed Manufacturers E100E Datasheet HTML 3Page - List of Unclassifed Manufacturers E100E Datasheet HTML 4Page - List of Unclassifed Manufacturers E100E Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Industrial Control Transformers
Contact
Technical Services at (800) 377-4384 with any questions.
Visit our website at www.solahd.com.
178
SBE Series Selection Tables - continued
Group 3 – 240 x 480 Volt Primary, 24 Volt Secondary, 60 Hz
VA
Catalog
Number
Height
in (mm)
Width
in (mm)
Depth
in (mm)
Mtg Width
W1 / W2
in (mm)
Mtg Depth
D1 / D2
in (mm)
Slot Size
in (mm)
Approx.
Ship Weight
lbs (kg)
50
E050D
2.72
(69.1)
3.01
(76.5)
3.99
(101.3)
2.51 / N/A
(63.8 / N/A)
2.02 / N/A
(51.3 / N/A)
.20 x .33
(5.1 x 8.4)
3.0 (1.36)
100
E100D
2.96
(75.2)
3.39
(86.1)
4.61
(117.1)
2.81 / 2.50
(71.4 / 63.5)
2.37 / N/A
(60.2 / N/A)
.20 x .50
(5.1 x 12.7)
5.0 (2.27)
250
E250D
3.89
(98.8)
4.50
(114.3)
5.21
(132.3)
3.74 / 3.12
(95.0 / 79.3)
3.29 / 3.61
(83.6 / 91.7)
.20 x .65
(5.1 x 16.5)
11.0 (5.00)
500
E500D
4.53
(115.1)
5.25
(133.4)
5.75
(146.1)
4.38 / 3.75
(111.3 / 95.3)
4.33 / N/A
(110.0 / N/A)
.31 x .71
(7.9 x 18.0)
19.0 (8.64)
Note: Includes FB2X secondary fuse holder.
Group 4 – 208/240/277 Volt Primary, 120/24 Volt Secondary, 60 Hz
VA
Catalog
Number
Height
in (mm)
Width
in (mm)
Depth
in (mm)
Mtg Width
W1 / W2
in (mm)
Mtg Depth
D1 / D2
in (mm)
Slot Size
in (mm)
Approx.
Ship Weight
lbs (kg)
50
E050JL
2.72
(69.1)
3.01
(76.5)
3.99
(101.3)
2.51 / N/A
(63.8 / N/A)
2.02 / N/A
(51.3 / N/A)
.20 x .33
(5.1 x 8.4)
3.0 (1.36)
100
E100JL
2.96
(75.2)
3.39
(86.1)
4.61
(117.1)
2.81 / 2.50
(71.4 / 63.5)
2.37 / N/A
(60.2 / N/A)
.20 x .50
(5.1 x 12.7)
5.0 (2.27)
250
E250JL
3.89
(98.8)
4.50
(114.3)
5.21
(132.3)
3.74 / 3.12
(95.0 / 79.3)
3.29 / 3.61
(83.6 / 91.7)
.20 x .65
(5.1 x 16.5)
11.0 (5.00)
500
E500JL
4.53
(115.1)
5.25
(133.4)
5.75
(146.1)
4.38 / 3.75
(111.3 / 95.3)
4.33 / N/A
(110.0 / N/A)
.31 x .71
(7.9 x 18.0)
19.0 (8.64)
Note: Will only accept one FB2 secondary fuse holder. Will not accept FB2X secondary fuse holder.
Group 5 – 208/240/480/600 Volt Primary, 120/24 Volt Secondary, 60 Hz
200/230/460/575 Volt Primary, 115/23 Volt Secondary, 60 Hz
VA
Catalog
Number
Height
in (mm)
Width
in (mm)
Depth
in (mm)
Mtg Width
W1 / W2
in (mm)
Mtg Depth
D1 / D2
in (mm)
Slot Size
in (mm)
Approx.
Ship Weight
lbs (kg)
50
E050JN
2.96
(75.2)
3.39
(86.1)
4.36
(110.7)
2.81 / 2.50
(71.4 / 63.5)
2.10 / N/A
(53.3 / N/A)
.20 x .50
(5.1 x 12.7)
4.0 (1.81)
100
E100JN
3.89
(98.8)
4.50
(114.3)
4.48
(113.8)
3.74 / 3.12
(95.0 / 79.3)
2.56 / 2.87
(65.0 / 72.9)
.20 x .65
(5.1 x 16.5)
8.0 (3.67)
150
E150JN
3.89
(98.8)
4.50
(114.3)
5.21
(132.3)
3.74 / 3.12
(95.0 / 79.3)
3.29 / 3.61
(83.6 / 91.7)
.20 x .65
(5.1 x 16.5)
11.0 (5.00)
250
E250JN
4.53
(115.1)
5.25
(133.4)
5.07
(128.8)
4.38 / 3.75
(111.3 / 95.3)
3.54 / N/A
(89.9 / N/A)
.31 x .71
(7.9 x 18.0)
15.0 (6.82)
500
E500JN
5.56
(141.2)
6.38
(162.1)
6.93
(176.0)
5.32 / 4.37
(135.1 / 111.0)
4.25 / 5.75
(108.0 / 146.1)
.31 x .85
(7.9 x 21.6)
30.0 (13.64)
Note: Will only accept one FB2 secondary fuse holder. Will not accept FB2X secondary fuse holder.


유사한 부품 번호 - E100E

제조업체부품명데이터시트상세설명
logo
MicroPower Direct, LLC
E100E MPD-E100E Datasheet
230Kb / 2P
   Low Cost, 1W Ultra-Miniature SIP DC/DC Converters
E100EI MPD-E100EI Datasheet
266Kb / 2P
   1W, High Isolation Ultra-Miniature SIP DC/DC Converters
More results

유사한 설명 - E100E

제조업체부품명데이터시트상세설명
logo
PHOENIX CONTACT
2322676 PHOENIX-2322676 Datasheet
72Kb / 5P
   Encapsulated socket strips on the module side
logo
TT Electronics.
HM31 TTELEC-HM31 Datasheet
1Mb / 1P
   Encapsulated Encapsulated Encapsulated Current Sense Transformers
logo
M/A-COM Technology Solu...
S2080 MA-COM-S2080 Datasheet
45Kb / 2P
   Moisture Effects on the Soldering of Plastic Encapsulated Devices
logo
Astec America, Inc
AEE ASTEC-AEE Datasheet
175Kb / 2P
   Encapsulated
logo
Shoulder Electronics Li...
HDF860ES4 SHOULDER-HDF860ES4 Datasheet
169Kb / 8P
   The tape shall be wound around the reel in the direction shown below
HDF915ANS6 SHOULDER-HDF915ANS6 Datasheet
178Kb / 8P
   The tape shall be wound around the reel in the direction shown below
HDF866AS6 SHOULDER-HDF866AS6 Datasheet
169Kb / 8P
   The tape shall be wound around the reel in the direction shown below
logo
Artesyn Technologies
ASA ARTESYN-ASA Datasheet
701Kb / 3P
   Encapsulated
logo
Banner Engineering Corp...
WLA BANNER-WLA Datasheet
383Kb / 4P
   WLA Series Encapsulated Work Light
logo
Littelfuse
DO-35 LITTELFUSE-DO-35 Datasheet
386Kb / 5P
   Standard Series Glass Encapsulated Thermistors
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com