전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC42X-2-104E 데이터시트(PDF) 1 Page - Bourns Electronic Solutions

부품명 TC42X-2-104E
상세설명  2 mm SMD Trimpot Trimming Potentiometer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BOURNS [Bourns Electronic Solutions]
홈페이지  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TC42X-2-104E 데이터시트(HTML) 1 Page - Bourns Electronic Solutions

  TC42X-2-104E Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.0
(.039)
1
1.0
(.039)
1.9
(.075)
1.3
(.051)
2.2
(.087)
0.7
(.028)
0.3
(.012)
0.8 ± 0.1
(.031 ± .004)
0.45
(.018)
0.3
(.012)
0.45
(.018)
2.8
(.110)
1.3
(.051)
1.5
(.059)
1.1
(.043)
1.15
(.045)
0.6
(.024)
1.0
(.039)
0.6
(.024)
1.0
(.039)
1.3
(.051)
1.8
(.071)
1.9
(.075)
0.7
(.028)
2
3
Features
Single-turn cermet/open-frame
Rotor design compatible with pick and place and automatic adjustment equipment
2 mm size meets EIA/EIAJ standard trimmer footprint
RoHS compliant* - see processing information on RoHS compliant surface mount trimmers
For trimmer applications/processing guidelines, click here
TC42 - 2 mm SMD Trimpot® Trimming Potentiometer
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
“Trimpot” is a registered trademark of Bourns, Inc.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Electrical Characteristics
Standard Resistance Range
......................100 ohms to 1 megohm
(see standard resistance table)
Resistance Tolerance ........... ±25 % std.
Absolute Minimum Resistance
≤ 1K Ohms ................... 20 ohms max.
> 1K Ohms .................2 % max. of TR
Contact Resistance Variation .. 5 % max.
Resolution ................. Essentially infinite
Adjustment Angle .................240 ° ±20 °
Environmental Characteristics
Power Rating (50 VDC max.)
70 °C ...................................... 0.1 watt
Temperature Range ... -40 °C to +100 °C
Temperature Coefficient ... ±250 ppm/°C
Humidity .................................. 95 % RH
TRS Max........................................ ±5 %
Load Life
.........@70 °C rated power 1000 hours
TRS ±5 %
Rotational Cycling ...................20 cycles
TRS ±10 %
Physical Characteristics
Torque............... 0.49 - 7.84 mN-m max.
Mechanical Angle ... Continuous rotation
Marking..................... Part marking code
Standard Packaging .. 3000 pcs./7 ” reel
Adjustment Tool.............................. H-90
Aqueous cleaning not recommended.
Product Dimensions
DIMENSIONS:
MM
(INCHES)
1
3 CW
CLOCKWISE
CCW
2 WIPER
How To Order
TC42 X - 2 - 103 E
Model
Style
Standard Product Indicator
-2 = Cross Slot Rotor
Resistance Code
Embossed Tape Designator
E = 3000 pcs./7 ” Reel (Standard)
Recommended Land Pattern
Packaging Specifications
Standard Resistance Table
Resistance
Resistance
(Ohms)
Code
100
101
200
201
500
501
1,000
102
2,000
202
5,000
502
10,000
103
20,000
203
50,000
503
100,000
104
200,000
204
500,000
504
1,000,000
105
Popular distribution values listed in boldface.
REV. 06/11
180.0 -3/+0
(7.09 -.118/+0)
8.00
(.315)
5.5
(.217)
9.0 ± 1.0
(.354 ± .039)
11.4 ± 1.0
(.449 ± .039)
60.0 -0/+1.0
(2.362 -0/+.039)
DIA.
4.0 ± 0.1
(.157 ± .004)
4.0 ± 0.1
(.157 ± .004)
2.0 ± 0.1
(.079 ± .004)
1.55 ± 0.05
(.061 ± .002)
DIA.
0.3
(.012)
1.5
(.059)
3.25 ± 0.05
(.128 ± .002)
3.0
(.118)
1.75 ± 0.1
(.069 ± .004)


유사한 부품 번호 - TC42X-2-104E

제조업체부품명데이터시트상세설명
logo
Productwell Precision E...
TC4220D-750M PRODUCTWELL-TC4220D-750M Datasheet
129Kb / 4P
   TOROID INDUCTORS
logo
Linear Technology
TC4222CG-PBF LINER-TC4222CG-PBF Datasheet
276Kb / 32P
   Dual Hot Swap Controller with I2C Compatible Monitoring
logo
Allen-Bradley
TC425 ALLEN-BRADLEY-TC425 Datasheet
11Mb / 114P
   IEC Contactor Specifications
2021
logo
TelCom Semiconductor, I...
TC426 TELCOM-TC426 Datasheet
76Kb / 5P
   1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC426 MICROCHIP-TC426 Datasheet
461Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
2002
More results

유사한 설명 - TC42X-2-104E

제조업체부품명데이터시트상세설명
logo
Bourns Electronic Solut...
3312 BOURNS-3312 Datasheet
740Kb / 3P
   2 mm SMD Trimpot Trimming Potentiometer
3312J-1-202E BOURNS-3312J-1-202E Datasheet
214Kb / 3P
   3312 - 2 mm SMD Trimpot Trimming Potentiometer
TC33B-1-103E BOURNS-TC33B-1-103E Datasheet
258Kb / 2P
   3 mm SMD Trimpot Trimming Potentiometer
3224-J-1-502E BOURNS-3224-J-1-502E Datasheet
237Kb / 2P
   3224 4 mm SMD Trimpot Trimming Potentiometer
3224J-1-502E BOURNS-3224J-1-502E Datasheet
237Kb / 2P
   3224 - 4 mm SMD Trimpot Trimming Potentiometer
3224W-1-105E BOURNS-3224W-1-105E Datasheet
237Kb / 2P
   3224 - 4 mm SMD Trimpot Trimming Potentiometer
3224W-1-501E BOURNS-3224W-1-501E Datasheet
237Kb / 2P
   3224 - 4 mm SMD Trimpot Trimming Potentiometer
3224X-2-503E BOURNS-3224X-2-503E Datasheet
239Kb / 2P
   3224 - 4 mm SMD Trimpot Trimming Potentiometer
3224G-1-101E BOURNS-3224G-1-101E Datasheet
239Kb / 2P
   3224 - 4 mm SMD Trimpot Trimming Potentiometer
3006 BOURNS-3006 Datasheet
131Kb / 1P
   Trimpot Trimming Potentiometer
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com