전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMG22S 데이터시트(PDF) 2 Page - Thinki Semiconductor Co., Ltd.

부품명 FMG22S
상세설명  10.0 Ampere Insulated Glass Passivated Super Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  THINKISEMI [Thinki Semiconductor Co., Ltd.]
홈페이지  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

FMG22S 데이터시트(HTML) 2 Page - Thinki Semiconductor Co., Ltd.

  FMG22S Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. FMG22S Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
10
6
4
2
8
1
5.0
50
0.1
0.4
0.2
0.6
0.8
1.0
1.2
1.4
1.6
0
0
50
100
150
CASE TEMPERATURE,
oC
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
0
20
40
60
80
100
1
10
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.1
0
1
10
1000
100
20
40
60
80
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
0.1
10
1000
1.0
4.0
10
100
100
60 Hz Resistive or
Inductive load
Pulse Width 8.3ms
Single Half-Sire-Wave
(JEDEC Method)
TJ=25
oC
PULSE WIDTH=300uS
1% DUTY CYCLE
TJ=125
oC
TJ=25
oC
TJ = 25
oC
f = 1.0 MHZ
Vsig = 50mVp-p
FMG22S/FMG22R
FMG23S/FMG23R
®
FMG22 thru FMG24
FMG24S/FMG24R
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 2/2
Rev.04


유사한 부품 번호 - FMG22S

제조업체부품명데이터시트상세설명
logo
Thinki Semiconductor Co...
FMG22S THINKISEMI-FMG22S Datasheet
814Kb / 2P
   10 Ampere Insulated Common Cathode Fast Recovery Half Bridge Rectifiers
FMG22S THINKISEMI-FMG22S Datasheet
812Kb / 2P
   10 Amperes Insulated Dual Common Cathode Ultra Fast Recovery Half Bridge Rectifiers
FMG22S THINKISEMI-FMG22S_17 Datasheet
814Kb / 2P
   10 Ampere Insulated Common Cathode Fast Recovery Half Bridge Rectifiers
More results

유사한 설명 - FMG22S

제조업체부품명데이터시트상세설명
logo
Thinki Semiconductor Co...
10F40HF3S THINKISEMI-10F40HF3S Datasheet
620Kb / 2P
   10.0 Ampere Insulated Common Anode Super Fast Recovery Rectifiers
SFF1001GS THINKISEMI-SFF1001GS Datasheet
641Kb / 2P
   10.0 Ampere Insulated Series Connection Super Fast Recovery Rectifiers
SFF1001GD THINKISEMI-SFF1001GD Datasheet
641Kb / 2P
   10.0 Ampere Insulated Doubler Polarity Super Fast Recovery Rectifiers
SFF1001GA THINKISEMI-SFF1001GA Datasheet
640Kb / 2P
   10.0 Ampere Insulated Common Anode Super Fast Recovery Rectifiers
SFF1001G THINKISEMI-SFF1001G Datasheet
822Kb / 2P
   10.0 Ampere Insulated Common Cathode Super Fast Recovery Rectifiers
SFF10L04GS THINKISEMI-SFF10L04GS Datasheet
1Mb / 6P
   10.0 Ampere Insulated Dual Series Connection Super Fast Recovery Rectifiers
SFF10L04GD THINKISEMI-SFF10L04GD Datasheet
1Mb / 6P
   10.0 Ampere Insulated Dual Doubler Polarity Super Fast Recovery Rectifiers
SFF10L04GA THINKISEMI-SFF10L04GA Datasheet
1Mb / 6P
   10.0 Ampere Insulated Dual Common Anode Super Fast Recovery Rectifiers
SFF10L04G THINKISEMI-SFF10L04G Datasheet
1Mb / 6P
   10.0 Ampere Insulated Dual Common Cathode Super Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
SF1001G TSC-SF1001G Datasheet
100Kb / 2P
   10.0 AMPS. Glass Passivated Super Fast Rectifiers
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com