전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

XXXCXXXSXXN-M71RC 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 XXXCXXXSXXN-M71RC
상세설명  HEADER MALE .100.PITCH, RA
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

XXXCXXXSXXN-M71RC 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  XXXCXXXSXXN-M71RC Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Pb
RoHS COMPLIANT
.098 2.50
.025 0.64
A
.100 2.54
.098 2.50
B .012[ 0.30]
HEAD DIM.
TAIL DIM. .012[0.30]
.158 4.02
A
.100 2.54
.039 1.00
RECOMMENDED PCB LAYOUT
NOTES:
1. INSULATOR MATERIAL: SEE PART NUMBER CODING, UL 94V-0, BLACK.
2. CONTACT MATERIAL: SEE PART NUMBER CODING.
3. CONTACT PLATING: SEE PART NUMBER CODING.
4. CURRENT RATING: 3 AMPS PER CONTACT.
5. INSULATOR RESISTANCE: 5000 MEGOHMS MIN.
6. CONTACT RESISTANCE: 20 MILLIOHMS MAX.
7. DIELECTRIC WITHSTANDING: 1000 VAC.
8. OPERATING TEMPERATURE: SEE PART NUMBER CODING.
9. *PROCESSING TEMP.: SEE PART NUMBER CODING.
*INDICATED TEMPERATURE AND TIME IS FOR COMPONENT INSULATOR. HIGHER PROCESSING
TEMPERATURES MAY BE USED, PROVIDED HEAT IS APPLIED FROM BACK SIDE OF PCB,
AND INSULATOR DOES NOT EXCEED INDICATED TEMPERATURE AND TIME.
REVISIONS
REV.
ECO. NO
DESCRIPTION
DATE
BY
A
2268
INITIAL RELEASE
03/21/2011
LH
B
2422
ADD 'P' PLATING OPTION
08/08/2011
GC
D
C
B
A
A
B
C
D
1
2
3
4
5
6
7
8
8
7
6
5
4
3
2
1
E
F
E
F
UNLESS OTHERWISE SPECIFIED:
DIMENSIONS ARE IN INCHES [MM]
TOLERANCES: ANGULAR:
.XX= .012 [.30]
.XXX= .008 [.20]
.XXXX= .0040 [.100]
INTERPRET DIMENSIONS AND
TOLERANCING
PER: ASME Y14.5M-2009
DATE NAME
DRAWN
C
DWG. NO.
SHEET 1 OF 1
SCALE: 4:1
11637
B
_ R _C_ _ _S_ _N-M71RC
FILE NAME: Z:\ECO PENDING\2422, TAIWAN HEADER 100 CC ADD P PLATING\11637, _ R_C_ _ _S_ _N-M71RC PRINT: 8/26/2011
THE INFORMATION HEREIN CONTAINS
PROPIETARY INFORMATION OF
SULLINS ELECTRONICS AND IS NOT
TO BE REPRODUCED, USED OR
DISCLOSED TO OTHERS FOR ANY
PURPOSE EXCEPT AS SPECIFICALLY
AUTHORIZED IN WRITING BY AN
OFFICER OF SULLINS ELECTRONICS.
LH
03/21/2011
CAGE CODE
54453
PART NUMBER
TITLE
SIZE
REV
HEADER MALE .100"[2.54mm]PITCH, RA


유사한 부품 번호 - XXXCXXXSXXN-M71RC

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
XXXCXXXSXXN-RC ETC2-XXXCXXXSXXN-RC Datasheet
193Kb / 1P
   HEADER MALE .100 PITCH, STRAIGHT
More results

유사한 설명 - XXXCXXXSXXN-M71RC

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
XXXCXXSXXN-M71RC ETC2-XXXCXXSXXN-M71RC Datasheet
188Kb / 1P
   HEADER MALE .100ITCH, RA
logo
3M Electronics
2951398 3M-2951398 Datasheet
749Kb / 6P
   4-WALL HEADER, ,100 X 100 LATCH/EJECT STRAIGHT & RA
logo
List of Unclassifed Man...
XXXCXXXSXXN-RC ETC2-XXXCXXXSXXN-RC Datasheet
193Kb / 1P
   HEADER MALE .100 PITCH, STRAIGHT
logo
FCI connector
C-8626-0239 FCI-CONNECTOR-C-8626-0239 Datasheet
126Kb / 2P
   METRAL RA HEADER 5 ROW
75168 FCI-CONNECTOR-75168 Datasheet
144Kb / 2P
   HEADER SR RA POL 2.54mm
76382 FCI-CONNECTOR-76382 Datasheet
91Kb / 1P
   SSHR HEADER RA SR TMT
logo
List of Unclassifed Man...
XXXCXXXDXXN-M71RC ETC2-XXXCXXXDXXN-M71RC Datasheet
200Kb / 1P
   HEADER .100PITCH, 2 ROWS, RA
logo
FCI connector
76383 FCI-CONNECTOR-76383 Datasheet
90Kb / 1P
   SHR HEADER RA DR TMT
76382-302LF FCI-CONNECTOR-76382-302LF Datasheet
91Kb / 1P
   SHR. HEADER RA SR TMT
76382-402LF FCI-CONNECTOR-76382-402LF Datasheet
91Kb / 1P
   SHR. HEADER RA SR TMT
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com