전자부품 데이터시트 검색엔진 |
|
CA3102R20-27PX 데이터시트(PDF) 10 Page - ITT Industries |
|
CA3102R20-27PX 데이터시트(HTML) 10 Page - ITT Industries |
10 / 15 page www.ittcannon.com 176 Dimensions are shown in inches (millimeters). Dimensions subject to change. MIL-C-5015 Connectors MS-E/F/R/ER Wall Mounting Receptacle MS3100E/MS3100F Integral Cable Clamp CA3100E/CA3100E MS3100F wall mounting receptacles are used to carry wires thru walls or bulkheads, or to provide a means of disconnection at a bulkhead. MS3100F receptacles mate with 3106 and 3108 plugs. MS3100E is identical to MS3100F and is available upon request. For new equipment, customer should specify MS3100F. The MS3100R receptacle is identical in purpose to the MS3100F. The MS3100R features a shorter light weight endbell and mates with 3106 and3108 plugs. MS3100R Shell Size Shell Size †Not to MS specification *Not Available in MS3101E and MS3101R. Performance Specifications - Page 168 Contact, Sealing Plugs, Assembly Tools - Page 187 Contact Arrangements - Page 171-174 8S 10S 10SL 12S 14S 16S 12 14 1/2-28UNEF-2A 5/8-24UNEF-2A 5/8-24UNEF-2A 3/4-20UNEF-2A 7/8-20UNEF-2A 1-20UNEF-2A 3/4-20UNEF-2A 7/8-20UNEF-2A 1-20UNEF-2A 1-1/8-18UNEF-2A 1-1/4-18UNEF-2A 1-3/8-18UNEF-2A 1-1/2-18UNEF-2A 1-3/4-18UNS-2A 2-18UNS-2A 2-1/4-16UN-2A 2-1/2-16UN-2A 16 18 20 22 24 28 32 36 40 Shell Size A Thread A Thread 8S 10S 10SL 12S 14S 16S 12 14 16 18 20 22 24 28 32 36 40 .375 (9.53) .375 (9.53) .375 (9.53) .375 (9.53) .375 (9.53) .375 (9.53) .625(15.88) .625(15.88) .625(15.88) .625(15.88) .625(15.88) .625(15.88) .625(15.88) .625(15.88) .625(15.88) .625(15.88) .625(15.88) .235 (5.97) .235 (5.97) .297 (7.54) .297 (7.54) .422 (10.72) .547 (13.89) .297 (7.54) .422 (10.72) .547 (13.89) .610 (15.49) .735 (18.67) .740 (18.80) .922 (23.42) .922 (23.42) 1.235 (31.37) 1.360 (34.54) 1.628 (41.35) .102 (2.59) .102 (2.59) .140 (3.56) .140 (3.56) .195 (4.95) .255 (6.48) .140 (3.56) .195 (4.95) .255 (6.48) .285 (7.24) .350 (8.89) .350 (8.89) .468 (11.89) .468 (11.89) .664 (15.87) .694 (17.63) .911 (23.14) .125 (3.18) .125 (3.18) .125 (3.18) .140 (3.56) .140 (3.56) .140 (3.56) .146 (3.71) .146 (3.71) .146 (3.71) .180 (4.57) .180 (4.57) .180 (4.57) .203 (5.16) .203 (5.16) .203 (5.16) .203 (5.16) .203 (5.16) 2.250 (57.15) 2.250 (57.15) 2.250 (57.15) 2.250 (57.15) 2.250 (57.15) 2.250 (57.15) 2.625 (66.68) 2.625 (66.58) 2.625 (66.58) 2.688 (68.28) 2.750 (69.85) 2.750 (69.85) 2.969 (75.44) 3.031 (76.99) 3.031 (76.99) 3.281 (83.34) 3.560 (89.66)† 1.838 (46.69) 1.838 (46.69) 1.838 (46.69) 1.838 (46.69) 1.838 (46.69) 1.838 (46.69) 2.181 (55.40) 2.181 (55.40) 2.181 (55.40) 2.281 (55.40) 2.281 (55.40) 2.281 (55.40) 2.281 (55.40) 2.281 (55.40) 2.322 (58.98) 2.322 (58.98) 2.427 (61.65)† .562 (14.27) .562 (14.27) .562 (14.27) .562 (14.27) .562 (14.27) .562 (14.27) .750 (19.05) .750 (19.05) .750 (19.05) .750 (19.05) .750 (19.05) .750 (19.05) .812 (20.62) .812 (20.62) .875 (22.23) .875 (22.23) .875 (22.23) .890 (22.61) .890 (22.61) .970 (24.64) .970 (24.64) 1.150 (29.21) 1.250 (31.75) .970 (24.64) 1.150 (29.21) 1.250 (31.75) 1.450 (36.83) 1.570 (39.88) 1.570 (39.88) 1.880 (47.75) 1.880 (47.75) 2.205 (56.01) 2.400 (60.96) 2.840 (72.14) .594 (15.09) .719 (18.26) .719 (18.26) .812 (20.62) .906 (23.01) .969 (24.61) .812 (20.62) .906 (23.01) .969 (24.61) 1.062 (26.97) 1.156 (29.36) 1.250 (31.75) 1.375 (34.93) 1.562 (39.67) 1.750 (44.45) 1.938 (49.23) 2.188 (55.58) .875 (22.23) 1.000 (25.40) 1.000 (25.40) 1.094 (27.79) 1.188 (30.18) 1.281 (32.54) 1.094 (27.79) 1.188 (30.18) 1.281 (32.54) 1.375 (34.93) 1.500 (38.10) 1.625 (41.28) 1.750 (44.45) 2.000 (50.80) 2.250 (57.15) 2.500 (63.50) 2.750 (69.85) .120 (3.05) .120 (3.05) .120 (3.05) .120 (3.05) .120 (3.05) .120 (3.05) .120 (3.05) .120 (3.05) .120 (3.05) .120 (3.05) .120 (3.05) .120 (3.05) .147 (3.73) .147 (3.73) .173 (4.39) .173 (4.39) .173 (4.39) .840 (21.34) .840 (21.34) .900 (22.86) .900 (22.86) 1.100 (27.94) 1.200 (30.48) .900 (22.86) 1.100 (27.94) 1.200 (30.48) 1.300 (33.02) 1.500 (38.10) 1.500 (38.10) 1.740 (44.20) 1.740 (44.20) 2.075 (52.71) 2.300 (58.42) 2.688 (68.28) 1.046 (26.57) 1.046 (26.57) 1.125 (28.58) 1.125 (28.58) 1.343 (34.11) 1.484 (37.69) 1.125 (28.58) 1.343 (34.11) 1.484 (37.69) 1.609 (40.87) 1.890 (48.01) 1.890 (48.01) 2.170 (55.12) 2.170 (55.12) 2.656 (67.46) 2.922 (74.22) - * B Min. E Max. E Min. K Max. L Max. L Max. 1 P Max. S + _.031 R + _.005 V Max. W Max. M +.031 -.000 T +.010 -.005 CA3100R W P V A Thd. T Dia. 4 Mtg. Holes T Dia. 4 Mtg. Holes S Typ. R Typ. R Typ. S Typ. A Thd. B B M M L 1 L K K E |
유사한 부품 번호 - CA3102R20-27PX |
|
유사한 설명 - CA3102R20-27PX |