전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC54-10PA 데이터시트(PDF) 5 Page - EPCOS

부품명 BC54-10PA
상세설명  45 V, 1 A NPN medium power transistors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EPCOS [EPCOS]
홈페이지  http://www.epcos.com
Logo EPCOS - EPCOS

BC54-10PA 데이터시트(HTML) 5 Page - EPCOS

  BC54-10PA Datasheet HTML 1Page - EPCOS BC54-10PA Datasheet HTML 2Page - EPCOS BC54-10PA Datasheet HTML 3Page - EPCOS BC54-10PA Datasheet HTML 4Page - EPCOS BC54-10PA Datasheet HTML 5Page - EPCOS BC54-10PA Datasheet HTML 6Page - EPCOS BC54-10PA Datasheet HTML 7Page - EPCOS BC54-10PA Datasheet HTML 8Page - EPCOS BC54-10PA Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
13
04/00
EMC components are used to reduce conducted electromagnetic interference to the limits in an
EMC plan or to reduce this interference below the limit values specified in the EMC regulations.
These components may be installed either in the source of potential interference or in the disturbed
equipment (fig. 4).
Fig. 4
Susceptibility model and filtering
EPCOS offers EMI suppression components with a well-balanced range of rated voltages and cur-
rents for power supply lines as well as for signal and control lines.
Disturbed
equip-
ment
Power supply
Interference currents
Control line
Signal line
SA
RE
CE
CE
CE
CE
CE
CE
Source
CE
RE
Filter
RE
RE
RE
Interference voltages
Electric field
Magnetic field
Electromagnetic field
General Technical Information


유사한 부품 번호 - BC54-10PA

제조업체부품명데이터시트상세설명
logo
Nexperia B.V. All right...
BC54-10PA NEXPERIA-BC54-10PA Datasheet
252Kb / 13P
   45 V, 1 A NPN medium power transistors
Rev. 9 - 6 January 2023
BC54-10PA-Q NEXPERIA-BC54-10PA-Q Datasheet
241Kb / 13P
   45 V, 1 A NPN medium power transistors
Rev. 1 - 2 May 2022
BC54-10PAS NEXPERIA-BC54-10PAS Datasheet
1Mb / 14P
   45V/60V/80V, 1A NPN medium power transistors
BC54-10PAS NEXPERIA-BC54-10PAS Datasheet
1Mb / 14P
   45V/60V/80V, 1A NPN medium power transistors
Rev. 1 - 11 November 2014
More results

유사한 설명 - BC54-10PA

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BC635 NXP-BC635 Datasheet
152Kb / 15P
   45 V, 1 A NPN medium power transistors
Rev. 07 - 4 June 2007
BC635 NXP-BC635_13 Datasheet
160Kb / 15P
   45 V, 1 A NPN medium power transistors
Rev. 07-4 June 2007
BCP54 PHILIPS-BCP54_15 Datasheet
1Mb / 22P
   45 V, 1 A NPN medium power transistors
Rev. 8-21 October 2011
logo
Nexperia B.V. All right...
BCP54-Q_SER NEXPERIA-BCP54-Q_SER Datasheet
239Kb / 12P
   45 V, 1 A NPN medium power transistors
Rev. 1 - 2 May 2022
BCP54_SER NEXPERIA-BCP54_SER Datasheet
249Kb / 12P
   45 V, 1 A NPN medium power transistors
Rev. 9 - 6 January 2023
logo
NXP Semiconductors
BC54PA NXP-BC54PA Datasheet
1Mb / 22P
   45 V, 1 A NPN medium power transistors
Rev. 8-21 October 2011
logo
Nexperia B.V. All right...
BCX54_SER NEXPERIA-BCX54_SER Datasheet
230Kb / 12P
   45 V, 1 A NPN medium power transistors
Rev. 10 - 1 April 2023
BCX54-Q_SER NEXPERIA-BCX54-Q_SER Datasheet
230Kb / 12P
   45 V, 1 A NPN medium power transistors
Rev. 2 - 30 March 2022
BCP54T_SER NEXPERIA-BCP54T_SER Datasheet
274Kb / 14P
   45 V, 1 A NPN medium power transistors
Rev. 1 - 29 April 2019
BC54PA-Q_SER NEXPERIA-BC54PA-Q_SER Datasheet
241Kb / 13P
   45 V, 1 A NPN medium power transistors
Rev. 1 - 2 May 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com