전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

D00031 데이터시트(PDF) 1 Page - List of Unclassifed Manufacturers

부품명 D00031
상세설명  Gearless Ratchet Screwdrivers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

D00031 데이터시트(HTML) 1 Page - List of Unclassifed Manufacturers

  D00031 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Price Each
Description
Order Code
Long Shaft Screwdriver
133-6739
Stubby Screwdriver
133-6740
Gearless Ratchet Screwdrivers
Ì Gearless ratchet screwdrivers for confi-
dent driving
Ì Operates with friction rather than teeth
for a smoother, non-stepping action
Ì Forward and reverse settings
Ì Available as long shaft or stubby ver-
sions
Ì 6 x screwdriver
bits:
- Slotted: 5, 6mm
- Phillips: PH1, 2
- Pozidriv: PZ1, 2
Ì Length: 300mm (Long Shaft), 110mm
(Stubby)
460551.435197


유사한 부품 번호 - D00031

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
D00030093000 ETC2-D00030093000 Datasheet
1Mb / 3P
   Durable, rugged construction
D00030094000 ETC2-D00030094000 Datasheet
1Mb / 3P
   Durable, rugged construction
D00030095000 ETC2-D00030095000 Datasheet
1Mb / 3P
   Durable, rugged construction
D00030581000 ETC2-D00030581000 Datasheet
1Mb / 3P
   Durable, rugged construction
D00030582000 ETC2-D00030582000 Datasheet
1Mb / 3P
   Durable, rugged construction
More results

유사한 설명 - D00031

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
144-7390 ETC1-144-7390 Datasheet
34Kb / 1P
   6-in-1 Gearless Angled Ratchet Screwdriver
16112 ETC2-16112 Datasheet
231Kb / 1P
   Wiha Cabinet Tip Screwdrivers
logo
PANDUIT CORP.
MR20 PANDUIT-MR20 Datasheet
94Kb / 1P
   RATCHET TOOL
logo
List of Unclassifed Man...
W900837 ETC2-W900837 Datasheet
17Kb / 1P
   Screwdrivers for Terminal Blocks
HT-225D ETC2-HT-225D Datasheet
23Kb / 1P
   Ratchet Crimping Tool
21214 ETC-21214 Datasheet
253Kb / 1P
   Wiha Insulated Ratchet Wrenches
D00125 ETC2-D00125 Datasheet
31Kb / 1P
   Modular Ratchet Crimp Tool
logo
Molex Electronics Ltd.
0640160042 MOLEX11-0640160042 Datasheet
37Kb / 1P
   ServiceGrade Hand Crimp Tool - Ratchet
logo
Glenair, Inc.
809-200 GLENAIR-809-200 Datasheet
312Kb / 2P
   Locking Ratchet Type Receptacle Cover
logo
List of Unclassifed Man...
26076 ETC2-26076 Datasheet
313Kb / 1P
   Wiha Soft Grip PicoFinish Precision Screwdrivers
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com