전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LFD212G45DP3A140 데이터시트(PDF) 4 Page - Murata Manufacturing Co., Ltd.

부품명 LFD212G45DP3A140
상세설명  Filters for Communication Equipment
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA [Murata Manufacturing Co., Ltd.]
홈페이지  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LFD212G45DP3A140 데이터시트(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  LFD212G45DP3A140 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LFD212G45DP3A140 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LFD212G45DP3A140 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LFD212G45DP3A140 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LFD212G45DP3A140 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LFD212G45DP3A140 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LFD212G45DP3A140 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LFD212G45DP3A140 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LFD212G45DP3A140 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Filters for Communication Equipment
7
o LFB31_SN Series (1206)
Directional
Input Mark
3.20
±0.15
1.2
±0.1
0.3
±0.2
0.65
±0.20
1.90
±0.15
(1)
(2)
(3)
(4)
(in mm)
All the technical data and information contained herein are subject to
change without prior notice.
(1)(3) : GND
(2)
: OUT
(4)
: IN
Frequency Characteristics
0
10
20
30
40
50
60
70
0
10
20
30
40
50
60
70
3.0
8.0
13.0
Frequency Range (GHz)
Part Number
Nominal Center
Frequency (fo)
(MHz)
Bandwidth (BW)
(MHz)
Insertion Loss
in BW
(dB)
Attenuation (Absolute Value) I)
(dB)
Attenuation (Absolute Value) II)
(dB)
LFB315G82SN5-996
5820
fo
±30
2 max. (at 25
°C)
35 min. at 2000MHz
30 min. at 3000MHz
o LFB31_SP Series (1206)
(1)
(3)
(2)
(4)
3.20
±0.15
1.3
±0.1
Directional
Input Mark
0.25
±0.15
1.35
±0.20 0.50±0.15
(1) IN
(2) GND
(3) OUT
(4) GND
(in mm)
* All the technical data and Information contained herein are
subject to change without prior notice.
Frequency Characteristics
0
10
20
30
40
50
60
70
0
10
20
30
40
50
60
70
0
1.5
Frequency Range (GHz)
3.0
Part Number
Nominal Center
Frequency (fo)
(MHz)
Bandwidth (BW)
(MHz)
Insertion Loss
in BW
(dB)
Attenuation (Absolute Value) I)
(dB)
Attenuation (Absolute Value) II)
(dB)
LFB311G89SP1A542
1890
fo
±10.0
0.85 max. (at 25
°C)
29 min. at 1416.9~1436.9Hz
22 min. at 900MHz
LFB311G90SP1-798
1906.5
fo
±13.5
1.0 max. (at 25
°C)
38 min. at 1405~1440MHz
12.0 min. at 1649~1680MHz
LFB312G45SP1A502
2450
fo
±50
1.4 max. (at 25
°C)
20 min. at 902~928MHz
35 min. at 1500~1550MHz
o LFB32_SB Series (1210)
3.2
±0.2
(1)
(3)
(2)
(4)
(1) : IN
(2) : GND
(3) : OUT
(4) : GND
1.2
±0.3
0.8
±0.2
0.4
±0.3
(in mm)
Frequency Characteristics
0
10
20
30
40
50
60
70
900
1900
2900
Frequency (MHz)
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
06.12.25


유사한 부품 번호 - LFD212G45DP3A140

제조업체부품명데이터시트상세설명
logo
Murata Manufacturing Co...
LFD212G45DP3A140 MURATA-LFD212G45DP3A140 Datasheet
52Kb / 2P
   Chip Multilayer Diplexers
LFD212G45DP3A140 MURATA-LFD212G45DP3A140 Datasheet
474Kb / 17P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
LFD212G45DP3A140 MURATA1-LFD212G45DP3A140 Datasheet
485Kb / 17P
   Filters for Communication Equipment
06.12.25
LFD212G45DP3A140 MURATA1-LFD212G45DP3A140 Datasheet
474Kb / 17P
   Filters for Communication Equipment
06.12.25
More results

유사한 설명 - LFD212G45DP3A140

제조업체부품명데이터시트상세설명
logo
Murata Manufacturing Co...
LFL212G45TC1A007 MURATA-LFL212G45TC1A007 Datasheet
129Kb / 9P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
LFB32426MSC1-603 MURATA1-LFB32426MSC1-603_V01 Datasheet
79Kb / 5P
   Filters for Communication Equipment
03.12.9
LFB32741MSA1-744 MURATA1-LFB32741MSA1-744 Datasheet
153Kb / 9P
   Filters for Communication Equipment
10.12.17
logo
Murata Manufacturing Co...
516786 MURATA-516786 Datasheet
481Kb / 17P
   Filters for Communication Equipment
LFB212G45BA1A220 MURATA-LFB212G45BA1A220 Datasheet
129Kb / 9P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
SAWES881MCU2F00 MURATA1-SAWES881MCU2F00 Datasheet
485Kb / 17P
   Filters for Communication Equipment
06.12.25
LFE21560MHA1A004 MURATA1-LFE21560MHA1A004 Datasheet
474Kb / 17P
   Filters for Communication Equipment
06.12.25
SAFCC243MRB9X00 MURATA1-SAFCC243MRB9X00 Datasheet
85Kb / 4P
   Filters for Communication Equipment
03.12.9
logo
Murata Manufacturing Co...
LFB212G45BA1A234 MURATA-LFB212G45BA1A234 Datasheet
474Kb / 17P
   Filters for Communication Equipment
LFB155G37CB1C032 MURATA-LFB155G37CB1C032 Datasheet
129Kb / 9P
   Filters for Communication Equipment Chip Multilayer LC Filters (BPF)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com