전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC6501P095VCTRT 데이터시트(PDF) 5 Page - Microchip Technology

부품명 TC6501P095VCTRT
상세설명  Ultra Small Temperature Switches with Pin Selectable Hysteresis
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC6501P095VCTRT 데이터시트(HTML) 5 Page - Microchip Technology

  TC6501P095VCTRT Datasheet HTML 1Page - Microchip Technology TC6501P095VCTRT Datasheet HTML 2Page - Microchip Technology TC6501P095VCTRT Datasheet HTML 3Page - Microchip Technology TC6501P095VCTRT Datasheet HTML 4Page - Microchip Technology TC6501P095VCTRT Datasheet HTML 5Page - Microchip Technology TC6501P095VCTRT Datasheet HTML 6Page - Microchip Technology TC6501P095VCTRT Datasheet HTML 7Page - Microchip Technology TC6501P095VCTRT Datasheet HTML 8Page - Microchip Technology TC6501P095VCTRT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
 2004 Microchip Technology Inc.
DS21451D-page 5
TC6501/2/3/4
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Ground
Connect the device ground pins directly to the PCB
ground and minimize the length of the connection. The
thermal resistance to the die is at a minimum at Pin 2.
3.2
Hysteresis Input (HYST)
Either 2°C (GND) or 10°C (VCC) of hysteresis is
selected by connecting HYST to GND or VCC.
3.3
Supply Input (VCC)
A 100 pF or greater decoupling capacitor from VCC to
GND is recommended.
3.4
Open-Drain, Active-Low Output
(TC6501) (TOVER)
The voltage at the TOVER pin is equal to a logic-low
level if the sensor detects a temperature that is greater
than the factory-programmed threshold temperature.
Because this is an open-drain output, an external pull-
up resistor is required (a 100 k
Ω pull-up resistor is
recommended). The voltage on this pin can be higher
than VCC, though the voltage must not exceed the
absolute maximum input voltage of 7.0V.
3.5
Push/Pull Active-High Output
(TC6502) (TOVER)
The voltage at TOVER is equal to a logic-high level if the
sensor detects a temperature greater than the factory-
programmed threshold temperature.
3.6
Open-Drain, Active-Low Output
(TC6503) (TUNDER)
The voltage at the TUNDER pin is equal to a logic-low
level if the sensor detects a temperature that is less
than the factory-programmed threshold temperature.
Because this is an open-drain output, an external pull-
up resistor is required (a 100 k
Ω pull-up resistor is
recommended). The voltage on this pin can be higher
than VCC, though the voltage must not exceed the
absolute maximum input voltage of 7.0V
3.7
Push/Pull Active-High Output
(TC6504) (TUNDER)
The voltage at TUNDER is equal to a logic-high level if
the sensor detects a temperature less than the factory-
programmed threshold temperature.
TC6501
TC6502
TC6503
TC6504
Symbol
Description
1, 2
1, 21, 21, 2GND
Ground
3
3
3
3
HYST
Hysteresis Input
44
4
4
VCC
Supply Input (+2.7V to +5.5V)
5
———
TOVER
Open-Drain, Active-Low Output
—5
——
TOVER
Push/Pull Active-High Output
——
5
TUNDER
Open-Drain, Active-Low Output
——
5
TUNDER
Push/Pull Active-High Output


유사한 부품 번호 - TC6501P095VCTRT

제조업체부품명데이터시트상세설명
logo
Microchip Technology
TC6501P095VCTRT MICROCHIP-TC6501P095VCTRT Datasheet
254Kb / 16P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
11/29/12
TC6501P095VCTRT MICROCHIP-TC6501P095VCTRT Datasheet
262Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501P095VCTRT MICROCHIP-TC6501P095VCTRT Datasheet
261Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501P095VCTRT MICROCHIP-TC6501P095VCTRT Datasheet
272Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
More results

유사한 설명 - TC6501P095VCTRT

제조업체부품명데이터시트상세설명
logo
Microchip Technology
TC6501P120VCTTRG MICROCHIP-TC6501P120VCTTRG Datasheet
261Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501 MICROCHIP-TC6501 Datasheet
326Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
2004
TC6501 MICROCHIP-TC6501_13 Datasheet
254Kb / 16P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
11/29/12
TC6501P115VCTTR MICROCHIP-TC6501P115VCTTR Datasheet
272Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
TC6501P115VCTTR MICROCHIP-TC6501P115VCTTR Datasheet
262Kb / 17P
   Ultra Small Temperature Switches with Pin Selectable Hysteresis
01/08/04
logo
ON Semiconductor
NCT51 ONSEMI-NCT51 Datasheet
124Kb / 12P
   Ultra Small Temperature Switch with Pin-Selectable Hysteresis
June, 2002 ??Rev. 1
logo
Microchip Technology
MCP9501 MICROCHIP-MCP9501 Datasheet
338Kb / 20P
   Temperature Switch with Selectable Hysteresis
2011
logo
Richtek Technology Corp...
RT9726 RICHTEK-RT9726 Datasheet
115Kb / 8P
   High-Voltage Hysteresis Selectable Temperature Switch
logo
Torex Semiconductor
XC3101 TOREX-XC3101_12 Datasheet
225Kb / 13P
   Ultra Small Analog Output Temperature Sensor with Alarm Output Pin
XC3101 TOREX-XC3101 Datasheet
225Kb / 13P
   Ultra Small Analog Output Temperature Sensor with Alarm Output Pin
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com