전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD680AN 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD680AN
상세설명  Low Power, Low Cost 2.5 V Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD680AN 데이터시트(HTML) 4 Page - Analog Devices

  AD680AN Datasheet HTML 1Page - Analog Devices AD680AN Datasheet HTML 2Page - Analog Devices AD680AN Datasheet HTML 3Page - Analog Devices AD680AN Datasheet HTML 4Page - Analog Devices AD680AN Datasheet HTML 5Page - Analog Devices AD680AN Datasheet HTML 6Page - Analog Devices AD680AN Datasheet HTML 7Page - Analog Devices AD680AN Datasheet HTML 8Page - Analog Devices AD680AN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD680
Rev. H | Page 4 of 12
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
VIN to Ground
36 V
Power Dissipation (25°C)
500 mW
Storage Temperature
−65°C to +125°C
Lead Temperature (Soldering, 10 sec)
300°C
Package Thermal Resistance θJA (All Packages)
120°C/W
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
OUTPUT PROTECTION
Output safe for indefinite short to GND and momentary short
to −VIN.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


유사한 부품 번호 - AD680AN

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD680AN AD-AD680AN Datasheet
160Kb / 8P
   Low Power, Low Cost 2.5 V Reference
REV. C
AD680AN AD-AD680AN Datasheet
399Kb / 12P
   Low Power, Low Cost 2.5 V Reference
Rev. H
AD680ANZ1 AD-AD680ANZ1 Datasheet
399Kb / 12P
   Low Power, Low Cost 2.5 V Reference
Rev. H
More results

유사한 설명 - AD680AN

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD680 AD-AD680 Datasheet
160Kb / 8P
   Low Power, Low Cost 2.5 V Reference
REV. C
AD680 AD-AD680_05 Datasheet
399Kb / 12P
   Low Power, Low Cost 2.5 V Reference
Rev. H
AD680 AD-AD680_15 Datasheet
399Kb / 12P
   Low Power, Low Cost 2.5 V Reference
Rev. H
REF43BRC AD-REF43BRC Datasheet
926Kb / 12P
   2.5 V Low Power Precision Voltage Reference
REV. D
REF43 AD-REF43_15 Datasheet
961Kb / 12P
   2.5 V Low Power Precision Voltage Reference
REF43 AD-REF43_04 Datasheet
961Kb / 12P
   2.5 V Low Power Precision Voltage Reference
REV. D
REF43GSZ AD-REF43GSZ Datasheet
961Kb / 12P
   2.5 V Low Power Precision Voltage Reference
REV. D
logo
List of Unclassifed Man...
VRE302 ETC-VRE302 Datasheet
2Mb / 41P
   Low Cost Precision Reference
VRE3021 ETC-VRE3021 Datasheet
188Kb / 8P
   Low Cost Precision Reference
VRE306 ETC-VRE306 Datasheet
320Kb / 5P
   Low Cost Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com