전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD1580ARTZ-REEL 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD1580ARTZ-REEL
상세설명  1.2 V Micropower, Precision Shunt Voltage Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD1580ARTZ-REEL 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD1580ARTZ-REEL Datasheet HTML 4Page - Analog Devices AD1580ARTZ-REEL Datasheet HTML 5Page - Analog Devices AD1580ARTZ-REEL Datasheet HTML 6Page - Analog Devices AD1580ARTZ-REEL Datasheet HTML 7Page - Analog Devices AD1580ARTZ-REEL Datasheet HTML 8Page - Analog Devices AD1580ARTZ-REEL Datasheet HTML 9Page - Analog Devices AD1580ARTZ-REEL Datasheet HTML 10Page - Analog Devices AD1580ARTZ-REEL Datasheet HTML 11Page - Analog Devices AD1580ARTZ-REEL Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD1580
Rev. F | Page 10 of 12
The AD1580 is ideal for creating the reference level to use with 12-bit
multiplying DACs, such as the AD7943, AD7945, and AD7948.
In the single-supply bias mode (see Figure 26), the impedance
seen looking into the IOUT2 terminal changes with DAC code. If
the AD1580 drives IOUT2 and AGND directly, less than 0.2 LSBs
of additional linearity error results. The buffer amp eliminates
any linearity degradation that could result from variations in
the reference level.
DAC
RBF
AGND
DGND
A1
C1
3.3V
41.2k
3.3V
AD1580
SIGNAL GROUND
A1: OP295
AD822
OP2283
A1
VREF
VIN
VDD
IOUT1
IOUT2
VOUT
AD7943/
AD7945/
AD7948
Figure 26. Single-Supply System


유사한 부품 번호 - AD1580ARTZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1580ARTZ-REEL AD-AD1580ARTZ-REEL Datasheet
368Kb / 12P
   1.2 V Micropower, Precision
Rev. F
AD1580ARTZ-REEL AD-AD1580ARTZ-REEL Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580ARTZ-REEL AD-AD1580ARTZ-REEL Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580ARTZ-REEL AD-AD1580ARTZ-REEL Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580ARTZ-REEL7 AD-AD1580ARTZ-REEL7 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision
Rev. F
More results

유사한 설명 - AD1580ARTZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1580ART-REEL7 AD-AD1580ART-REEL7 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580BRT AD-AD1580BRT Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580ART AD-AD1580ART Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
ADR1581 AD-ADR1581_15 Datasheet
904Kb / 12P
   1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
ADR1581 AD-ADR1581 Datasheet
524Kb / 12P
   1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
ADR1581BRTZ-REEL7 AD-ADR1581BRTZ-REEL7 Datasheet
904Kb / 12P
   1.25 V Micropower, Precision Shunt Voltage Reference
REV. 0
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com