전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7243AN 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD7243AN
상세설명  LC2MOS 12-Bit Serial DACPORT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7243AN 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD7243AN Datasheet HTML 4Page - Analog Devices AD7243AN Datasheet HTML 5Page - Analog Devices AD7243AN Datasheet HTML 6Page - Analog Devices AD7243AN Datasheet HTML 7Page - Analog Devices AD7243AN Datasheet HTML 8Page - Analog Devices AD7243AN Datasheet HTML 9Page - Analog Devices AD7243AN Datasheet HTML 10Page - Analog Devices AD7243AN Datasheet HTML 11Page - Analog Devices AD7243AN Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
REV. A
–11–
AD7243
Common clock, data, and synchronization signals are applied to
all DACs in the chain. The loading sequence starts by taking
SYNC low. The data is then clocked into the input registers on
the falling edge of SCLK. Sixteen clock pulses are required for
each DAC in the chain. The data ripples through the input reg-
isters with the first 16-bit word filling the last register in the
chain after 16N clock pulses where N = the total number of
DACs in the chain.
When valid data has been loaded into all the registers, the
SYNC input should be taken high and a common LDAC pulse
used to update all the DACs simultaneously.
APPLICATIONS
OPTO-ISOLATED INTERFACE
In many process control type applications it is necessary to pro-
vide an isolation barrier between the controller and the unit be-
ing controlled. Opto-isolators can provide voltage isolation in
excess of 3 kV. The serial loading structure of the AD7243
makes it ideal for opto-isolated interfaces as the number of in-
terface lines is kept to a minimum.
Figure 17 shows a 4-channel isolated interface using the
AD7243. The DCEN pin must be connected high to enable the
daisy-chain facility. Four channels with 12-bit resolution are
provided in the circuit shown, but this may be expanded to ac-
commodate any number of DAC channels without any extra
isolation circuitry.
The sequence of events to program the output channels is as
follows:
1. Take the
SYNC line low.
2. Transmit the data as four 16-bit words. A total of 64 clock
pulses is required to clock the data through the chain.
3. Take the
SYNC line high.
4. Pulse the
LDAC line low. This updates all output channels
simultaneously on the falling edge of
LDAC.
To reduce the number of opto-couplers, the
LDAC line could
be driven from a one shot which is triggered by the rising edge
on the
SYNC line. A low level pulse of 50 ns duration or greater
is all that is required to update the outputs.
SCLK
AD7243*
SYNC
LDAC
SDIN
DCEN
SDO
SCLK
AD7243*
SYNC
LDAC
SDIN
DCEN
SDO
SCLK
AD7243*
SYNC
LDAC
SDIN
DCEN
SDO
SCLK
AD7243*
SYNC
LDAC
SDIN
DCEN
SDO
VOUT
*ADDITIONAL PINS OMITTED FOR CLARITY
DATA OUT
CLOCK OUT
SYNC OUT
CONTROL OUT
CONTROLLER
VDD
VOUT(A)
QUAD OPTO-COUPLER
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VOUT(B)
VOUT(C)
VOUT(D)
VOUT
VOUT
VOUT
Figure 17. Four-Channel Opto-lsolated Interface


유사한 부품 번호 - AD7243AN

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7243AN AD-AD7243AN Datasheet
171Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243AN AD-AD7243AN Datasheet
161Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
logo
List of Unclassifed Man...
AD7243ANZ ETC2-AD7243ANZ Datasheet
82Kb / 12P
   STANDARD MICROCIRCUIT DRAWING
logo
Analog Devices
AD7243ANZ AD-AD7243ANZ Datasheet
282Kb / 13P
   LC2MOS 12-Bit Serial DACPORT
Rev. B
More results

유사한 설명 - AD7243AN

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7243 AD-AD7243 Datasheet
171Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243ARZ AD-AD7243ARZ Datasheet
161Kb / 12P
   LC2MOS 12-Bit Serial DACPORT
REV. A
AD7243 AD-AD7243_V01 Datasheet
282Kb / 13P
   LC2MOS 12-Bit Serial DACPORT
Rev. B
AD7249 AD-AD7249 Datasheet
149Kb / 12P
   LC2MOS Dual 12-Bit Serial DACPORT
REV. C
AD7245JNZ AD-AD7245JNZ Datasheet
3Mb / 16P
   LC2MOS 12-BiT DACPORT
AD7233 AD-AD7233 Datasheet
99Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. A
AD7233ANZ AD-AD7233ANZ Datasheet
95Kb / 8P
   LC2MOS 12-Bit Serial Mini-DIP DACPORT
REV. B
AD7248JNZ AD-AD7248JNZ Datasheet
3Mb / 16P
   LC2MOS 12-Bit DACPORT
AD7245 AD-AD7245 Datasheet
1Mb / 16P
   LC2MOS 12-Bit DACPORT
REV. A
AD7247AAR-REEL AD-AD7247AAR-REEL Datasheet
1Mb / 12P
   LC2MOS Dual 12-Bit DACPORT
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com