전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7742 데이터시트(PDF) 1 Page - Analog Devices

부품명 AD7742
상세설명  Single and Multichannel, Synchronous Voltage-to-Frequency Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7742 데이터시트(HTML) 1 Page - Analog Devices

  AD7742 Datasheet HTML 1Page - Analog Devices AD7742 Datasheet HTML 2Page - Analog Devices AD7742 Datasheet HTML 3Page - Analog Devices AD7742 Datasheet HTML 4Page - Analog Devices AD7742 Datasheet HTML 5Page - Analog Devices AD7742 Datasheet HTML 6Page - Analog Devices AD7742 Datasheet HTML 7Page - Analog Devices AD7742 Datasheet HTML 8Page - Analog Devices AD7742 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD7741/AD7742
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
Single and Multichannel, Synchronous
Voltage-to-Frequency Converters
FUNCTIONAL BLOCK DIAGRAMS
X1
VOLTAGE-TO-
FREQUENCY
MODULATOR
CLOCK
GENERATION
CLKIN
CLKOUT
GND
VIN
POWER-DOWN
LOGIC
PD
REFIN/OUT
VDD
fOUT
AD7741
+2.5V
REFERENCE
X1/X2
INPUT
MUX
VOLTAGE-TO-
FREQUENCY
MODULATOR
REFIN
+2.5V
REFERENCE
REFOUT
CLOCK
GENERATION
CLKIN
CLKOUT
GND
GAIN
VIN1
A1
A0
VIN2
VIN3
VIN4
POWER-DOWN
LOGIC
PD
UNI/
BIP
VDD
fOUT
AD7742
FEATURES
AD7741: One Single-Ended Input Channel
AD7742: Two Differential or Three Pseudo-Differential
Input Channels
Integral Nonlinearity of 0.012% at fOUT(Max) = 2.75 MHz
(AD7742) and at fOUT(Max) = 1.35 MHz (AD7741)
Single +5 V Supply Operation
Buffered Inputs
Programmable Gain Analog Front-End
On-Chip +2.5 V Reference
Internal/External Reference Option
Power Down to 35
A Max
Minimal External Components Required
8-Lead and 16-Lead DIP and SOIC Packages
APPLICATIONS
Low Cost Analog-to-Digital Conversion
Signal Isolation
GENERAL DESCRIPTION
The AD7741/AD7742 are a new generation of synchronous
voltage-to-frequency converters (VFCs). The AD7741 is a
single-channel version in an 8-lead package (SOIC/DIP) and the
AD7742 is a multichannel version in a 16-lead package (SOIC/
DIP). No user trimming is required to achieve the specified
performance.
The AD7741 has a single buffered input whereas the AD7742
has four buffered inputs that may be configured as two fully-
differential inputs or three pseudo-differential inputs. Both parts
include an on-chip +2.5 V bandgap reference that provides the
user with the option of using this internal reference or an exter-
nal reference.
The AD7741 has a single-ended voltage input range from 0 V
to REFIN. The AD7742 has a differential voltage input range
from –VREF to +VREF. Both parts operate from a single +5 V
supply consuming typically 6 mA, and also contain a power-
down feature that reduces the current consumption to less than
35
µA.


유사한 부품 번호 - AD7742

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7742 AD-AD7742 Datasheet
131Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7742BN AD-AD7742BN Datasheet
131Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7742BN AD-AD7742BN Datasheet
135Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7742BN AD-AD7742BN Datasheet
135Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7742BR AD-AD7742BR Datasheet
131Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
More results

유사한 설명 - AD7742

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7741 AD-AD7741 Datasheet
131Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7742 AD-AD7742_15 Datasheet
135Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7741 AD-AD7741_15 Datasheet
135Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
EVAL-AD7741-42EBZ AD-EVAL-AD7741-42EBZ Datasheet
135Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7742YRZ AD-AD7742YRZ Datasheet
135Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
AD7741BRZ AD-AD7741BRZ Datasheet
135Kb / 12P
   Single and Multichannel, Synchronous Voltage-to-Frequency Converters
REV. 0
logo
Microchip Technology
TC9400 MICROCHIP-TC9400 Datasheet
504Kb / 20P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2002
logo
TelCom Semiconductor, I...
TC9400 TELCOM-TC9400 Datasheet
154Kb / 13P
   VOLTAGE-TO-FREQUENCY/FREQUENCY-TO-VOLTAGE CONVERTERS
logo
Microchip Technology
TC9400 MICROCHIP-TC9400_06 Datasheet
691Kb / 24P
   Voltage-to-Frequency/Frequency-to-Voltage Converters
2006
logo
Texas Instruments
LM2917P TI1-LM2917P Datasheet
96Kb / 7P
[Old version datasheet]   FREQUENCY-TO-VOLTAGE CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com