전자부품 데이터시트 검색엔진 |
|
AD7810YR 데이터시트(PDF) 1 Page - Analog Devices |
|
AD7810YR 데이터시트(HTML) 1 Page - Analog Devices |
1 / 11 page REV. B Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. a AD7810 One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781/329-4700 World Wide Web Site: http://www.analog.com Fax: 781/326-8703 © Analog Devices, Inc., 2000 2.7 V to 5.5 V, 2.3 s, 10-Bit ADC in 8-Lead microSOIC/DIP FUNCTIONAL BLOCK DIAGRAM CLOCK OSC DOUT SCLK VREF AGND VDD VIN+ VIN– CONVST SERIAL PORT CHARGE REDISTRIBUTION DAC CONTROL LOGIC AD7810 COMP VDD/3 FEATURES 10-Bit ADC with 2.3 s Conversion Time Small Footprint 8-Lead microSOIC Package Specified Over a –40 C to +105 C Temperature Range Inherent Track-and-Hold Functionality Operating Supply Range: 2.7 V to 5.5 V Specifications at 2.7 V to 5.5 V Microcontroller-Compatible Serial Interface Optional Automatic Power-Down at End of Conversion Low Power Operation 270 W at 10 kSPS Throughput Rate 2.7 mW at 100 kSPS Throughput Rate Analog Input Range: 0 V to VREF Reference Input Range: 0 V to VDD APPLICATIONS Low Power, Hand-Held Portable Applications that Require Analog-to-Digital Conversion with 10-Bit Accuracy; e.g., Battery Powered Test Equipment, Battery-Powered Communications Systems GENERAL DESCRIPTION The AD7810 is a high speed, low power, 10-bit A/D con- verter that operates from a single 2.7 V to 5.5 V supply. The part contains a 2.3 µs successive approximation A/D converter, with inherent track/hold functionality, a pseudo differential input and a high speed serial interface that interfaces to most microcontrollers. The AD7810 is fully specified over a tem- perature range of –40 °C to +105°C. By using a technique that samples the state of the CONVST (convert start) signal at the end of a conversion, the AD7810 may be used in an automatic power-down mode. When used in this mode, the AD7810 automatically powers down at the end of a conversion and “wakes up” at the start of a new conversion. This feature significantly reduces the power consumption of the part at lower throughput rates. The AD7810 can also operate in a high speed mode where the part is not powered down between conversions. In this high speed mode of operation, the conver- sion time of the AD7810 is 2.3 µs. The maximum throughput rate is dependent on the speed of the serial interface of the microcontroller. The part is available in a small 8-lead, 0.3" wide, plastic dual- in-line package (mini-DIP); in an 8-lead, small outline IC (SOIC); and in an 8-lead microSOIC package. PRODUCT HIGHLIGHTS 1. Complete, 10-Bit ADC in 8-Lead Package The AD7810 is a 10-bit 2.3 µs ADC with inherent track/hold functionality and a high speed serial interface—all in an 8-lead microSOIC package. VREF may be connected to VDD to eliminate the need for an external reference. The result is a high speed, low power, space saving ADC solution. 2. Low Power, Single Supply Operation The AD7810 operates from a single 2.7 V to 5.5 V supply and typically consumes only 9 mW of power while convert- ing. The power dissipation can be significantly reduced at lower throughput rates by using the automatic power-down mode, e.g., at a throughput rate of 10 kSPS the power consumption is only 270 µW. 3. Automatic Power-Down The automatic power-down mode, whereby the AD7810 powers down at the end of a conversion and “wakes up” before the next conversion, means the AD7810 is ideal for battery powered applications. See Power vs. Throughput Rate section. 4. Serial Interface An easy to use, fast serial interface allows connection to most popular microprocessors with no external circuitry. |
유사한 부품 번호 - AD7810YR |
|
유사한 설명 - AD7810YR |