전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8182AR 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD8182AR
상세설명  750 MHz, 3.8 mA 10 ns Switching Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8182AR 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD8182AR Datasheet HTML 2Page - Analog Devices AD8182AR Datasheet HTML 3Page - Analog Devices AD8182AR Datasheet HTML 4Page - Analog Devices AD8182AR Datasheet HTML 5Page - Analog Devices AD8182AR Datasheet HTML 6Page - Analog Devices AD8182AR Datasheet HTML 7Page - Analog Devices AD8182AR Datasheet HTML 8Page - Analog Devices AD8182AR Datasheet HTML 9Page - Analog Devices AD8182AR Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD8180/AD8182–Typical Performance Curves
–6–
REV. B
FREQUENCY – Hz
–25
–35
–95
100k
200M
1M
10M
100M
–55
–65
–75
–85
–45
150M
2ND HARMONIC
3RD HARMONIC
VOUT = 2V p-p
RL = 1k
Figure 16. Harmonic Distortion vs. Frequency
FREQUENCY – Hz
31.6M
3.16M
31.6
1k
100M
10k
100k
1M
10M
31.6k
3.16k
316
316k
120
100
0
60
40
20
80
1G
ZOUT (DISABLED)
ZIN (ENABLED)
ZOUT (ENABLED)
Figure 17. Disabled Output and Input Impedance vs.
Frequency
FREQUENCY – MHz
0
–20
0.03
500
0.1
1
10
100
–40
–60
–10
–30
–50
–70
+PSRR
–PSRR
Figure 18. Power Supply Rejection vs. Frequency
+1
0
–9
–1
–2
–3
–4
–5
–6
–7
–8
–0.4
+0.1
0
–0.1
–0.2
–0.3
VIN = 500mV rms
RL = 5k
CL =
0pF
CL =
10pF
CL =
33pF
CL = 100pF
CL = 100pF
CL = 33pF
10M
100M
1G
4M
40M
400M
FREQUENCY – Hz
1M
Figure 19. Frequency Response vs. Capacitive Load
+1
0
–9
–1
–2
–3
–4
–5
–6
–7
–8
–0.4
0.6
0.4
0.2
0
–0.2
VIN = 50mV rms
RL = 5k
RS = 0
RS = 75
0.8
1.0
RS = 150
RS = 0
RS = 75
RS = 150
10M
100M
40M
FREQUENCY – Hz
400M
1G
4M
1M
Figure 20. Frequency Response vs. Input Series Resistance
INPUT VOLTAGE – Volts
5
–1
–5
–5
5
–4
–3
–2
–1
0123
4
4
0
–2
–4
2
1
–3
3
Figure 21. Output Voltage vs. Input Voltage, RL = 1 kΩ


유사한 부품 번호 - AD8182AR

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8182AR AD-AD8182AR Datasheet
253Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8182AR AD-AD8182AR Datasheet
256Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8182AR-REEL AD-AD8182AR-REEL Datasheet
253Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8182AR-REEL AD-AD8182AR-REEL Datasheet
256Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8182AR-REEL7 AD-AD8182AR-REEL7 Datasheet
253Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
More results

유사한 설명 - AD8182AR

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8180 AD-AD8180 Datasheet
253Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8182ARZ AD-AD8182ARZ Datasheet
256Kb / 12P
   750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8180 AD-AD8180_15 Datasheet
256Kb / 12P
   10 ns Switching Multiplexers
REV. B
AD8182 AD-AD8182_15 Datasheet
256Kb / 12P
   10 ns Switching Multiplexers
REV. B
AD8170 AD-AD8170 Datasheet
474Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
AD8174ARZ AD-AD8174ARZ Datasheet
476Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
AD8170ARZ AD-AD8170ARZ Datasheet
476Kb / 16P
   250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
logo
TAI-SAW TECHNOLOGY CO.,...
TC0648B TAI-SAW-TC0648B Datasheet
394Kb / 6P
   750 MHz SMD 3.8 x 3.8 mm SAW Resonator
logo
Analog Devices
ADP3088 AD-ADP3088 Datasheet
623Kb / 11P
   1 MHz, 750 mA Buck Regulator
REV. PrK 3/28/02
ADP3088 AD-ADP3088_15 Datasheet
1Mb / 16P
   1 MHz, 750 mA Buck Regulator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com