전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UF1A 데이터시트(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

부품명 UF1A
상세설명  1.0 AMP. Glass Passivated High Efficient Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TSC [Taiwan Semiconductor Company, Ltd]
홈페이지  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

UF1A 데이터시트(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  UF1A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd UF1A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd UF1A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd UF1A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
creat by art
Glass passivated chip junction
Excellent high temperature switching
Ultrafast recovery time for high efficiency
Soft recovery characteristics
UF1A
DO-41
3K / AMMO box
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Symbol
UF1A
UF1B
UF1D
UF1G
UF1J
UF1K
UF1M
Units
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
IF(AV)
A
Trr
nS
Cj
pF
TJ, TSTG
OC
Version:E13
A0G
52mm
UF1A - UF1M
1.0 AMP. Glass Passivated High Efficient Rectifiers
DO-41/DO-204AL
Features
Plastic package has Underwriters Laboratory
Flammability Classification 94V0
Packing code
Packing code
(Green)
ldally suited for use in very high frequency
switching power supplies, inverters and as free
wheeling diodes
High temperature soldering guaranteed:
260
oC/10 seconds
Green compound with suffix "G" on packing
code & prefix "G" on datecode.
Mechanical Data
Case: JEDEC DO-204AL molded plastic body over
passivated chip
Terminals: Pure tin plate, lead free, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode
Weight: 0.34 grams
Parameter
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
INNER
TAPE
A0
Maximum DC Blocking Voltage
Ordering Information (example)
Part No.
Package
Packing
Maximum Average Forward Rectified Current
1
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
IFSM
30
A
Maximum Instantaneous Forward Voltage (Note 1)
@ 1 A
VF
1.0
1.7
V
Maximum DC Reverse Current at
@ TA=25 ℃
Rated DC Blocking Voltage
@ TA=125 ℃
IR
5
uA
uA
150
Maximum Reverse Recovery Time (Note 2)
50
75
Typical Junction Capacitance (Note 3)
17
Typical Thermal Resistance
RθJA
RθJL
60
15
OC/W
Operating/Storage Temperature Range
- 55 to + 150
Note 1: Pulse Test with PW=300 usec, 1% Duty Cycle
Note 2: Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
Note 3: Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.


유사한 부품 번호 - UF1A

제조업체부품명데이터시트상세설명
logo
Pan Jit International I...
UF1A PANJIT-UF1A Datasheet
70Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Micro Commercial Compon...
UF1A MCC-UF1A Datasheet
230Kb / 3P
   1 Amp Surface Mount Ultra Fast Rectifier 50 to 1000 Volts
logo
Taiwan Semiconductor Co...
UF1A TSC-UF1A Datasheet
381Kb / 4P
   Glass Passivated High Efficient Rectifiers
logo
Surge Components
UF1A SURGE-UF1A Datasheet
75Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 1.0 Ampere???
logo
Chongqing Pingwei Enter...
UF1A CHONGQING-UF1A Datasheet
41Kb / 1P
   ULTRAFAST RECTIFIER
More results

유사한 설명 - UF1A

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
HT11G TSC-HT11G_10 Datasheet
563Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
MUR160 TSC-MUR160_10 Datasheet
504Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
UF4001 TSC-UF4001_10 Datasheet
599Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
HER101G TSC-HER101G_10 Datasheet
611Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
HT11G TSC-HT11G Datasheet
64Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
HER101G TSC-HER101G Datasheet
70Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
HER101SG TSC-HER101SG_10 Datasheet
588Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
logo
Shenzhen Luguang Electr...
HER101SG LUGUANG-HER101SG Datasheet
1Mb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
logo
Taiwan Semiconductor Co...
UF1A TSC-UF1A Datasheet
247Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
MUR160A TSC-MUR160A_10 Datasheet
563Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com