전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSM2018TP 데이터시트(PDF) 2 Page - Analog Devices

부품명 SSM2018TP
상세설명  Trimless Voltage Controlled Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

SSM2018TP 데이터시트(HTML) 2 Page - Analog Devices

  SSM2018TP Datasheet HTML 1Page - Analog Devices SSM2018TP Datasheet HTML 2Page - Analog Devices SSM2018TP Datasheet HTML 3Page - Analog Devices SSM2018TP Datasheet HTML 4Page - Analog Devices SSM2018TP Datasheet HTML 5Page - Analog Devices SSM2018TP Datasheet HTML 6Page - Analog Devices SSM2018TP Datasheet HTML 7Page - Analog Devices SSM2018TP Datasheet HTML 8Page - Analog Devices SSM2018TP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SSM2018T–SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
Parameter
Conditions
Min
Typ
Max
Max (E Grade)
Unit
AUDIO PERFORMANCE
Noise
VIN = GND, 20 kHz Bandwidth
–95
–93
dBu
Headroom
Clip Point = 1% THD + N
22
dBu
Total Harmonic Distortion plus Noise
2nd and 3rd Harmonics Only
(25
∞Cto 85∞C)
AV = 0 dB, VIN = +10 dBu
0.006 0.020
0.01
%
AV = +20 dB, VIN = –10 dBu
0.013 0.03
0.02
%
AV = –20 dB, VIN = +10 dBu
0.013 0.03
0.02
%
INPUT AMPLIFIER
Bias Current
VCM = 0 V
0.25
1
mA
Offset Voltage
VCM = 0 V
1
15
mV
Offset Current
VCM = 0 V
10
100
nA
Input Impedance
4
M
W
Common-Mode Range
±13
V
Gain Bandwidth
VCA Configuration
0.7
MHz
VCP Configuration
14
MHz
Slew Rate
5V/
ms
OUTPUT AMPLIFIER
Offset Voltage
VIN = 0 V, VC = 4 V
1.0
15
mV
Output Voltage Swing
IOUT = 1.5 mA
Positive
10
13
V
Negative
–10
–14
V
Minimum Load Resistance
For Full Output Swing
9
k
W
CONTROL PORT
Bias Current
0.36
1
mA
Input Impedance
1
M
W
Gain Constant
Device Powered in Socket > 60 sec
–30
mV/dB
Gain Constant Temperature Coefficient
–3500
ppm/
∞C
Control Feedthrough
0 dB to –40 dB Gain Range
±1
±4
±3mV
Maximum Gain
VC = –1.3 V
40
mV
Maximum Attenuation
VC = 4 V
100
dB
POWER SUPPLIES
Supply Voltage Range
±5
±18
V
Supply Current
11
15
mA
Power Supply Rejection Ratio
80
dB
Specifications subject to change without notice.
REV. B
–2–
(VS =
15 V, AV = 0 dB, RL = 100 k , f = 1 kHz, 0 dBu = 0.775 V rms, simple VCA application
circuit with 18 k
resistors, –VIN floating, and Class AB gain core bias (RB = 150 k ), –40 C < TA < +85 C, unless otherwise noted. Typical
specifications apply at TA = 25 C.)


유사한 부품 번호 - SSM2018TP

제조업체부품명데이터시트상세설명
logo
Analog Devices
SSM2018TP AD-SSM2018TP Datasheet
604Kb / 16P
   Trimless Voltage Controlled Amplifiers
REV. A
SSM2018TP AD-SSM2018TP Datasheet
502Kb / 16P
   Trimless Voltage Controlled Amplifiers
REV. A
SSM2018TP AD-SSM2018TP Datasheet
200Kb / 16P
   Trimless Voltage Controlled Amplifiers
REV. B
SSM2018TPZ AD-SSM2018TPZ Datasheet
366Kb / 16P
   Trimless Voltage Controlled Amplifier
REV. C
SSM2018TPZ AD-SSM2018TPZ Datasheet
366Kb / 16P
   Trimless Voltage Controlled Amplifier
REV. C
More results

유사한 설명 - SSM2018TP

제조업체부품명데이터시트상세설명
logo
Analog Devices
SSM2018S AD-SSM2018S Datasheet
200Kb / 16P
   Trimless Voltage Controlled Amplifiers
REV. B
SSM2118T AD-SSM2118T_15 Datasheet
502Kb / 16P
   Trimless Voltage Controlled Amplifiers
SSM2018T AD-SSM2018T Datasheet
604Kb / 16P
   Trimless Voltage Controlled Amplifiers
REV. A
SSM2018T AD-SSM2018T_15 Datasheet
502Kb / 16P
   Trimless Voltage Controlled Amplifiers
SSM2018P AD-SSM2018P Datasheet
502Kb / 16P
   Trimless Voltage Controlled Amplifiers
REV. A
SSM2018TPZ AD-SSM2018TPZ Datasheet
366Kb / 16P
   Trimless Voltage Controlled Amplifier
REV. C
SSM2018TPZ AD-SSM2018TPZ Datasheet
366Kb / 16P
   Trimless Voltage Controlled Amplifier
REV. C
SSM2018 AD-SSM2018_15 Datasheet
366Kb / 16P
   Trimless Voltage Controlled Amplifier
logo
List of Unclassifed Man...
THAT2151 ETC-THAT2151 Datasheet
144Kb / 10P
   IC Voltage-Controlled Amplifiers
THAT2181 ETC1-THAT2181 Datasheet
252Kb / 10P
   Trimmable IC Voltage Controlled Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com