전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSM2019BRNZ 데이터시트(PDF) 4 Page - Analog Devices

부품명 SSM2019BRNZ
상세설명  Self-Contained Audio Preamplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

SSM2019BRNZ 데이터시트(HTML) 4 Page - Analog Devices

  SSM2019BRNZ Datasheet HTML 1Page - Analog Devices SSM2019BRNZ Datasheet HTML 2Page - Analog Devices SSM2019BRNZ Datasheet HTML 3Page - Analog Devices SSM2019BRNZ Datasheet HTML 4Page - Analog Devices SSM2019BRNZ Datasheet HTML 5Page - Analog Devices SSM2019BRNZ Datasheet HTML 6Page - Analog Devices SSM2019BRNZ Datasheet HTML 7Page - Analog Devices SSM2019BRNZ Datasheet HTML 8Page - Analog Devices SSM2019BRNZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
REV.
SSM2019
–4–
GAIN
1
1
10
10
100
100
1k
0.1
TA = 25 C
VS = 15V
f = 1kHz OR 10kHz
TPC 3. RTI Voltage Noise Density
vs. Gain
LOAD RESISTANCE –
0
10
1k
10k
2
4
6
10
14
100k
G = 1
G
10
TA = 25 C
VS = 15V
100
8
12
16
TPC 6. Output Voltage vs. Load
Resistance
0
10
100k
20
40
60
80
100
120
140
160
180
200
100
1k
10k
G = 1000
G = 100
G = 10
G = 1
VCM = 100mV
VS = 15V
TA = 25 C
FREQUENCY– Hz
TPC 9. CMRR vs. Frequency
FREQUENCY – Hz
100
100
1M
1k
10k
100k
0
10
20
30
40
50
60
70
80
90
TPC 4. Output Impedance vs.
Frequency
SUPPLY VOLTAGE (V+ – V) – V
0
10
30
TA = 25 C
f = 100kHz
10
20
30
40
0
40
20
TPC 7. Input Voltage Range vs.
Supply Voltage
FREQUENCY – Hz
0
100
1k
10k
VCM = 100mV
TA = 25 C
VS = 15V
75
100k
G = 1
10
150
G = 1000
G = 10
G = 100
125
50
25
100
TPC 10. Positive PSRR vs. Frequency
FREQUENCY – Hz
100
30
1M
20
10
15
25
1k
10k
100k
TA = 25 C
RL = 2k
VS = 15V
GAIN
10
GAIN = 1
TPC 5. Maximum Output Swing
vs. Frequency
SUPPLY VOLTAGE (V+ – V) – V
0
10
30
TA = 25 C
5
10
15
40
0
20
20
TPC 8. Output Voltage Range vs.
Supply Voltage
FREQUENCY – Hz
0
100
1k
10k
VS = 100mV
TA = 25 C
VS = 15V
75
100
100k
G = 1
10
150
G = 1000
G = 10
G = 100
125
50
25
TPC 11. Negative PSRR vs. Frequency
A


유사한 부품 번호 - SSM2019BRNZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
SSM2019BRNZ AD-SSM2019BRNZ Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
SSM2019BRNZ AD-SSM2019BRNZ Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
SSM2019BRNZRL AD-SSM2019BRNZRL Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
SSM2019BRNZRL AD-SSM2019BRNZRL Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
More results

유사한 설명 - SSM2019BRNZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
SSM2017 AD-SSM2017_15 Datasheet
325Kb / 8P
   Self-Contained Audio Preamplifier
REV. B
SSM2019BRWZRL AD-SSM2019BRWZRL Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
SSM2017 AD-SSM2017 Datasheet
243Kb / 8P
   Self-Contained Audio Preamplifier
REV. C
SSM2019 AD-SSM2019 Datasheet
277Kb / 8P
   Self-Contained Audio Preamplifier
REV. 0
SSM2019BRNZRL AD-SSM2019BRNZRL Datasheet
208Kb / 10P
   Self-Contained Audio Preamplifier
REV. A
SSM2019 AD-SSM2019_15 Datasheet
207Kb / 10P
   Self-Contained Audio Preamplifier
AD612 AD-AD612_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
AD614 AD-AD614_15 Datasheet
2Mb / 6P
   Self-Contained HighPerformance
logo
Texas Instruments
PT79SR100 TI1-PT79SR100_09 Datasheet
701Kb / 8P
[Old version datasheet]   Self-Contained Inductor
logo
List of Unclassifed Man...
AITT-500G ETC2-AITT-500G Datasheet
1Mb / 1P
   Thermoelectric Self-contained Current Source
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com