전자부품 데이터시트 검색엔진 |
|
TMP04 데이터시트(PDF) 6 Page - Analog Devices |
|
TMP04 데이터시트(HTML) 6 Page - Analog Devices |
6 / 16 page TEMPERATURE – C 0 –75 10 V+ = 5V RLOAD = 10k 20 30 40 50 60 70 –25 25 75 125 175 TPC 1. Output Frequency vs. Temperature TEMPERATURE – C 0 –75 5 VS = 5V RLOAD = 10k 10 15 20 25 30 35 –25 25 75 125 175 40 45 T1 T2 TPC 2. T1 and T2 Times vs. Temperature TIME SCALE = 250ns/DIV SAMPLE ( T ) TA = 25 C VDD = 5V CLOAD = 100pF RLOAD = 1k RUNNING: 200MS/s ET CH 1 +WIDTH s Wfm DOES NOT CROSS REF CH 1 –WIDTH s Wfm DOES NOT CROSS REF CH 1 RISE s NO VALID EDGE CH 1 FALL 209.6ns TPC 3. TMP03 Output Fall Time at 25 °C SUPPLY VOLTAGE – Volts 0.97 4.5 TA = 25 C RLOAD = 10k 5 5.5 6 6.5 7 7.5 0.98 0.99 1.00 1.01 1.02 1.03 1.04 1.05 TPC 4. Normalized Output Frequency vs. Supply Voltage TIME SCALE = 1 s/DIV SAMPLE ( T ) TA = 25 C VDD = 5V CLOAD = 100pF RLOAD = 1k RUNNING: 50.0MS/s CH 1 +WIDTH s Wfm DOES NOT CROSS REF CH 1 –WIDTH s Wfm DOES NOT CROSS REF CH 1 RISE 500ns CH 1 FALL s NO VALID EDGE TPC 5. TMP03 Output Rise Time at 25 °C TIME SCALE = 1 s/DIV SAMPLE ( T ) TA = 125 C VDD = 5V CLOAD = 100pF RLOAD = 1k RUNNING: 50.0MS/s CH 1 +WIDTH s Wfm DOES NOT CROSS REF CH 1 –WIDTH s Wfm DOES NOT CROSS REF CH 1 RISE 5380ns CH 1 FALL s NO VALID EDGE TPC 6. TMP03 Output Rise Time at 125 °C REV. A –6– TMP03/TMP04–Typical Performance Characteristics |
유사한 부품 번호 - TMP04 |
|
유사한 설명 - TMP04 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |