전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1-1393194-3 데이터시트(PDF) 1 Page - Tyco Electronics

부품명 1-1393194-3
상세설명  General Purpose Relays PCB Relays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

1-1393194-3 데이터시트(HTML) 1 Page - Tyco Electronics

  1-1393194-3 Datasheet HTML 1Page - Tyco Electronics 1-1393194-3 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10-2011, Rev. 1011
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
Potter & Brumfield
General Purpose Relays
PCB Relays
Miniature PCB Relay T77
Coil Data
Coil voltage range
5 to 48VDC
Operative range, IEC 61810
2
Coil insulation system according UL
Class E, F
Coil versions, DC coil, sensitive type, 200mW
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%
mW
003
3
2.25
0.15
45
200
005
5
3.75
0.25
125
200
006
6
4.5
0.3
180
200
009
9
6.75
0.45
405
200
012
12
9
0.6
720
200
024
24
18
1.2
2880
200
048
48
36
2.4
11520
200
All figures are given for coil without pre-energization, at ambient temperature +23°C
Coil versions, DC coil, standard type, 450mW
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%
mW
003
3
2.1
0.15
20
450
005
5
3.5
0.25
55.6
450
006
6
4.2
0.3
80
450
009
9
6.3
0.45
180
450
012
12
8.4
0.6
320
450
024
24
16.8
1.2
1280
450
048
48
33.6
2.4
5120
450
All figures are given for coil without pre-energization, at ambient temperature +23°C
n
3 to 10A rating
n
Small size
n
Creepage spacings of 6.5mm between coil and contacts
n
4,000Vrms coil to contact dielectric strength
n
UL Class F approved insulation system
Typical applications
Appliances, HVAC, industrial control
Approvals
VDE 40010327, UL E29244
Technical data of approved types on request
Contact Data
Contact arrangement
1 form A, 1 NO
Rated voltage
30VDC, 250VAC
Max. switching voltage
30VDC, 277VAC
Rated current
3 to 10A
Contact material
3A type: Ag
10A type: AgCdO
Min. recommended contact load
100mA at 5VDC
Frequency of operation
360 ops./h
Operate/release time max.
10ms/4ms
Electrical endurance
3A type
3A, 250VAC res., -30°C to +55°C
100x103 ops.
5A type
5A, 250VAC res., -30°C to +40°C
100x103 ops.
5A, 250VAC res, -30°C to +85°C
10x103 ops.
10A type 10A, 250VAC res., -30°C to +55°C
100x103 ops.
10A, 250VAC res., -30°C to +85°C
10x103 ops.
Contact ratings
3A type: 3A 250VAC
5A type: 5A 250VAC
10A type: 10A 250VAC
Mechanical endurance, DC coil
10x106 operations
421
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
P&B
Catalog 1308242
Issued 3-03 (PDF Rev. 11-04)
Outline Dimensions
Wiring Diagram (Bottom View)
1 Form A
Suggested PC Board Layout (Bottom View)
.716
(18.20)
.57
(14.70)
.40
(10.20)
2 PLACES
.017 X .017
(.45 X .45)
2 PLACES
.04 X .011
(1.0 X .30)
.16
(4.0)
*Not suitable for immersion cleaning processes.
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.
T77V1D3-12
T77V1D3-24
T77V1D10-12
T77V1D10-24
T77S1D3-12
T77S1D3-24
T77S1D10-12
T77S1D10-24
.100
(2.54)
.50
(12.7)
.30
(7.6)
4 - .051(1.3)Ø
12
10
8
6
4
2
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Coil Power (W)
Coil Power (W)
60
50
40
30
20
10
Release Time
Operate Time
100
Contact Current (A)
10
1
0
1
2
3
45
6
7
8
9 10
Contact Rating 10,
120VAC Res.
Contact Rating 3,
250VAC Res.
Figure 1 - Coil Temperature Rise
Operate Time
Life Expectancy
Note: Graphical data should not be used as a substitute for specific application verification. To be used for estimates only.
Ordering Information
Typical Part Number
B
T77
V
1
D
10
-24
1. Basic Series:
T77 = Miniature PCB relay.
2. Enclosure:
V = Vented (Flux-tight)*
S = Immersion cleanable case
3. Contact Arrangement:
1 = (SPST-NO)
4. Coil Input:
D = DC Voltage
5. Contact Rating:
3 = 3A
10 = 10A
6. Coil Voltage:
03 = 3VDC 05 = 5VDC 12 = 12VDC
24 = 24VDC
Coil temperature rise
Operate time
421
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
P&B
Catalog 1308242
Issued 3-03 (PDF Rev. 11-04)
Outline Dimensions
Wiring Diagram (Bottom View)
1 Form A
Suggested PC Board Layout (Bottom View)
.716
(18.20)
.57
(14.70)
.40
(10.20)
2 PLACES
.017 X .017
(.45 X .45)
2 PLACES
.04 X .011
(1.0 X .30)
.16
(4.0)
*Not suitable for immersion cleaning processes.
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.
T77V1D3-12
T77V1D3-24
T77V1D10-12
T77V1D10-24
T77S1D3-12
T77S1D3-24
T77S1D10-12
T77S1D10-24
.100
(2.54)
.50
(12.7)
.30
(7.6)
4 - .051(1.3)Ø
12
10
8
6
4
2
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Coil Power (W)
Coil Power (W)
60
50
40
30
20
10
Release Time
Operate Time
100
Contact Current (A)
10
1
0
1
2
3
45
6
7
8
9 10
Contact Rating 10,
120VAC Res.
Contact Rating 3,
250VAC Res.
Figure 1 - Coil Temperature Rise
Operate Time
Life Expectancy
Note: Graphical data should not be used as a substitute for specific application verification. To be used for estimates only.
Ordering Information
Typical Part Number
B
T77
V
1
D
10
-24
1. Basic Series:
T77 = Miniature PCB relay.
2. Enclosure:
V = Vented (Flux-tight)*
S = Immersion cleanable case
3. Contact Arrangement:
1 = (SPST-NO)
4. Coil Input:
D = DC Voltage
5. Contact Rating:
3 = 3A
10 = 10A
6. Coil Voltage:
03 = 3VDC 05 = 5VDC 12 = 12VDC
24 = 24VDC
421
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
P&B
Catalog 1308242
Issued 3-03 (PDF Rev. 11-04)
Outline Dimensions
Wiring Diagram (Bottom View)
1 Form A
Suggested PC Board Layout (Bottom View)
.716
(18.20)
.57
(14.70)
.40
(10.20)
2 PLACES
.017 X .017
(.45 X .45)
2 PLACES
.04 X .011
(1.0 X .30)
.16
(4.0)
*Not suitable for immersion cleaning processes.
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.
T77V1D3-12
T77V1D3-24
T77V1D10-12
T77V1D10-24
T77S1D3-12
T77S1D3-24
T77S1D10-12
T77S1D10-24
.100
(2.54)
.50
(12.7)
.30
(7.6)
4 - .051(1.3)Ø
12
10
8
6
4
2
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Coil Power (W)
Coil Power (W)
60
50
40
30
20
10
Release Time
Operate Time
100
Contact Current (A)
10
1
0
1
2
3
45
6
7
8
9 10
Contact Rating 10,
120VAC Res.
Contact Rating 3,
250VAC Res.
Figure 1 - Coil Temperature Rise
Operate Time
Life Expectancy
Note: Graphical data should not be used as a substitute for specific application verification. To be used for estimates only.
Ordering Information
Typical Part Number
B
T77
V
1
D
10
-24
1. Basic Series:
T77 = Miniature PCB relay.
2. Enclosure:
V = Vented (Flux-tight)*
S = Immersion cleanable case
3. Contact Arrangement:
1 = (SPST-NO)
4. Coil Input:
D = DC Voltage
5. Contact Rating:
3 = 3A
10 = 10A
6. Coil Voltage:
03 = 3VDC 05 = 5VDC 12 = 12VDC
24 = 24VDC
Electrical endurance
420
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
P&B
Catalog 1308242
Issued 3-03 (PDF Rev. 11-04)
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Coil Data @ 20
°C
Voltage: 3 to 24VDC.
Nominal Coil Power: Contact rating 3 = 200mW.
Contact rating 10 = 450mW.
Coil Temperature Rise: Contact rating 3 = 35
°C max.
Contact rating 10 = 40
°C max.
Max. Coil Power: 120% of nominal.
Duty Cycle: Continuous.
Features
• Small size for high density PC board mounting.
• 1 Form A contact arrangements.
• Creepage spacings of 6.5mm between contact and coil.
• Ideal for appliance, office equipment.
• 4,000VAC dielectric strength between contact and coil.
• UL Class F (155
°C) approved insulation system.
File E29244
File LR48471
Coil Data @ 20
°C
T77 series
10 Amp Miniature
PC Board Relay
Initial Insulation Resistance
Between Mutually Insulated Elements: 108 ohms, min. @ 500VDC.
Initial Dielectric Strength
Between Open Contacts: 750VAC 50/60 Hz. (1 minute).
Between Coil and Contacts: 4,000VAC 50/60 Hz. (1 minute).
Rated
Coil
Must
Must
Coil
Resistance
Operate
Release
Voltage
(Ohms)
±10%
Voltage
Voltage
(VDC)
Contact Rating 3
Contact Rating 10
(VDC)
(VDC)
3
45
20
2.25
0.15
5
125
55
3.75
0.25
12
720
320
9.00
0.60
24
2,800
1,280
18.00
1.20
Mechanical Data
Termination: Printed circuit board.
Enclosures (94V-0 Flammability Ratings):
T77S: Immersion cleanable.
T77V: Vented, flux-tight, plastic cover.
Weight: 0.36 oz. (9g).
Environmental Data
Temperature Range: Storage: -40
°C to +130°C.
Operating: Contact Rating 3: -40
°C to +105°C.
Contact Rating 10: -40
°C to +85°C.
Vibration: Mechanical: 10 to 55 Hz., 1.5mm double amplitude.
Operational: 10 to 55 Hz., 1.5mm double amplitude.
Shock: Mechanical: 100g min.
Operational: 10g min.
Operating Humidity: 45 to 85% RH.
Operate Data @ 20
°C
Operate Time: 10 ms, max. (excluding bounce).
Release Time: 4 ms, max. (excluding bounce).
Contact Data @ 20
°C
Arrangements: 1 Form A (SPST-NO).
Material: Contact rating 3 - Silver.
Contact rating 10 - Silver alloy.
Max. Switching Rate: 300 ops./min. (no load).
30 ops./min. (rated load).
Expected Mechanical Life: 10 million operations.
Expected Electrical Life: 100,000 operations.
Minimum Contact Load: 10mA @ 5VDC.
Initial Contact Resistance: 100 milliohms max. @ 100mA, 6VDC.
*Denotes test at 70
°C ambient temperature.
**Denotes test at 85
°C ambient temperature.
***Denotes test at 105
°C ambient temperature.
Contact Ratings @ 20
°C with relay properly vented. Remove vent
nib after soldering and cleaning.
Contact
UL/CSA Ratings
Type
Operations
Rating
3
3A @ 277VAC
Resistive
6,000
10LRA/1.5FLA @ 120VAC
Motor
30,000**
5.4LRA/0.9FLA @ 240VAC
Motor
30,000**
3LRA/1.5FLA @ 120VAC
Motor
100,000*
3A @ 250VAC
Resistive
100,000
3A @ 250VAC UL
General Purpose
100,000
3A @ 30VDC
Resistive
100,000
2A @ 120VAC
Gen. Purpose
100,000***
3A @ 120VAC
Resistive
100,000***
10
10LRA/1.5FLA @ 120VAC
Motor
30,000**
5.4LRA/0.9FLA @ 240VAC
Motor
30,000**
10A @ 250VAC
Resistive
100,000
10A @ 30VDC
Resistive
100,000
10A @ 250VAC UL
General Purpose
200,000
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that user also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.
Z
V


유사한 부품 번호 - 1-1393194-3

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
1-1393190-0 TEC-1-1393190-0 Datasheet
595Kb / 3P
   UL Class F coil insulation system
logo
Tyco Electronics
1-1393190-0 MACOM-1-1393190-0 Datasheet
1Mb / 3P
   add new type and modify mistake
logo
TE Connectivity Ltd
1-1393190-2 TEC-1-1393190-2 Datasheet
595Kb / 3P
   UL Class F coil insulation system
logo
Tyco Electronics
1-1393190-2 MACOM-1-1393190-2 Datasheet
1Mb / 3P
   add new type and modify mistake
logo
TE Connectivity Ltd
1-1393190-4 TEC-1-1393190-4 Datasheet
595Kb / 3P
   UL Class F coil insulation system
More results

유사한 설명 - 1-1393194-3

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
3-1393240-9 MACOM-3-1393240-9 Datasheet
582Kb / 4P
   General Purpose Relays PCB Relays
3-1393224-5 MACOM-3-1393224-5 Datasheet
399Kb / 4P
   General Purpose Relays PCB Relays
6-1415029-1 MACOM-6-1415029-1 Datasheet
419Kb / 2P
   General Purpose Relays PCB Relays
04-2011, Rev. 0411
1-1393239-3 MACOM-1-1393239-3 Datasheet
729Kb / 5P
   General Purpose Relays PCB Relays
logo
TE Connectivity Ltd
PCB-PE TEC-PCB-PE Datasheet
253Kb / 2P
   General Purpose Relays PCB Relays
logo
Tyco Electronics
5-1415520-1 MACOM-5-1415520-1 Datasheet
480Kb / 3P
   General Purpose Relays PCB Relays
logo
TE Connectivity Ltd
RPII-1 TEC-RPII-1 Datasheet
274Kb / 3P
   General Purpose Relays PCB Relays
T73 TEC-T73 Datasheet
438Kb / 2P
   General Purpose Relays PCB Relays
logo
Tyco Electronics
V23061B1002A401 MACOM-V23061B1002A401 Datasheet
407Kb / 3P
   General Purpose Relays PCB Relays
RTD14012AP MACOM-RTD14012AP Datasheet
566Kb / 3P
   General Purpose Relays PCB Relays
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com