전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74001PU 데이터시트(PDF) 4 Page - List of Unclassifed Manufacturers

부품명 74001PU
상세설명  Industrial Ethernet Cables
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

74001PU 데이터시트(HTML) 4 Page - List of Unclassifed Manufacturers

  74001PU Datasheet HTML 1Page - List of Unclassifed Manufacturers 74001PU Datasheet HTML 2Page - List of Unclassifed Manufacturers 74001PU Datasheet HTML 3Page - List of Unclassifed Manufacturers 74001PU Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
74002E / 74002NH / 74002PU / 74003PU (AWG26)
Mechanical, Physical and/or Environmental Characteristics
Flame Resistance
IEC 60332-1
Oil Resistance
IEC 60811-2-1
Bending Radius / Setting Radius
10 x Diameter / 5 x Diameter
Halogen Free
IEC 60754-1 / IEC 60754-2 (FRNC and PUR Cable)
Maximum Pulling Tension
80N
Temperature Range - Installation
-5.0
oC to +50.0oC
Temperature Range - Operating
-40.0
oC to +80.0oC
Version 03 (07/10)
Frequency
Frequency
Frequency
Frequency
(MHz)
(MHz)
(MHz)
(MHz)
Insertion Loss
Insertion Loss
Insertion Loss
Insertion Loss
(Max)
(Max)
(Max)
(Max) (dB/100m)
(dB/100m)
(dB/100m)
(dB/100m)
NEXT
NEXT
NEXT
NEXT
(dB)
(dB)
(dB)
(dB)
ELFEXT
ELFEXT
ELFEXT
ELFEXT
(dB/100m)
(dB/100m)
(dB/100m)
(dB/100m)
RETURN
RETURN
RETURN
RETURN
LOSS
(dB)
LOSS
(dB)
LOSS
(dB)
LOSS
(dB)
1
3.2
65.3
63.8
20.0
4
6.0
56.3
51.7
23.0
10
9.5
50.3
43.8
25.0
16
12.1
47.2
39.7
25.0
20
13.6
45.8
37.7
25.0
25
15.3
44.3
35.8
24.3
31.25
17.1
42.9
33.9
23.6
62.5
24.8
38.3
27.8
21.5
100
32
35.3
23.8
20.1


유사한 부품 번호 - 74001PU

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
74001PU ETC2-74001PU Datasheet
295Kb / 4P
   Industrial Ethernet Cables
logo
Belden Inc.
74001PU BELDEN-74001PU Datasheet
169Kb / 2P
   DataTuff® 5E, 4PR #24 Sol BC, PO ins, SF/UTP, PUR HF jkt, AWM 20549
2022 Belden, Inc
74001PU.01305 BELDEN-74001PU.01305 Datasheet
169Kb / 2P
   DataTuff® 5E, 4PR #24 Sol BC, PO ins, SF/UTP, PUR HF jkt, AWM 20549
2022 Belden, Inc
74001PU.01500 BELDEN-74001PU.01500 Datasheet
169Kb / 2P
   DataTuff® 5E, 4PR #24 Sol BC, PO ins, SF/UTP, PUR HF jkt, AWM 20549
2022 Belden, Inc
More results

유사한 설명 - 74001PU

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
1319753 ETC2-1319753 Datasheet
280Kb / 4P
   Industrial Ethernet Cables
1319766 ETC2-1319766 Datasheet
286Kb / 4P
   Industrial Ethernet Cables
1319759 ETC2-1319759 Datasheet
295Kb / 4P
   Industrial Ethernet Cables
logo
Omron Electronics LLC
XS6 OMRON-XS6 Datasheet
2Mb / 12P
   Industrial Ethernet Cables
logo
Intel Corporation
XLDACBL1 INTEL-XLDACBL1 Datasheet
187Kb / 2P
   Intel짰 Ethernet QSFP Cables
logo
Weidmuller
IE-SW-BL08-6TX-2SC WEIDMULLER-IE-SW-BL08-6TX-2SC Datasheet
235Kb / 4P
   Industrial Ethernet
February 26, 2019
logo
List of Unclassifed Man...
30065 ETC2-30065 Datasheet
136Kb / 1P
   Industrial Data Solutions LonWorks Cables
logo
Advantech Co., Ltd.
708FX2 ADVANTECH-708FX2 Datasheet
549Kb / 3P
   Industrial Ethernet Switch
logo
List of Unclassifed Man...
HEST12M ETC2-HEST12M Datasheet
699Kb / 3P
   Industrial Ethernet Switch
logo
Omron Electronics LLC
XS5H-T421-BM0-K OMRON-XS5H-T421-BM0-K Datasheet
1Mb / 8P
   Industrial Ethernet Connectors
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com