전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSALF8M00T55-B0 데이터시트(PDF) 5 Page - Murata Manufacturing Co., Ltd.

부품명 CSALF8M00T55-B0
상세설명  Specification of Piezoelectric Ceramic Resonator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA [Murata Manufacturing Co., Ltd.]
홈페이지  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSALF8M00T55-B0 데이터시트(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  CSALF8M00T55-B0 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. CSALF8M00T55-B0 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. CSALF8M00T55-B0 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. CSALF8M00T55-B0 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. CSALF8M00T55-B0 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. CSALF8M00T55-B0 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. CSALF8M00T55-B0 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CSALF8M00T55-B0 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CSALF8M00T55-B0 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
仕様書番号
Drawing No. JGC40-3562
株式会社 村 田 製 作 所
Murata Manufacturing Co.,Ltd.
P. 5/12
6. 耐候性能 Environmental Characteristics
Item
試 験 条 件
Test Condition
試験後の規格
Specification
After Test
6-1
高温放置
Dry Heat
(Storage)
温度+85±2℃の恒温槽中に1000時間保持し、
常温に取出して、1時間後に測定する。
Components
shall
be
left
in
a
chamber
(Temperature: +85±2°C) for 1000 hours, then
measured after leaving in natural condition for 1
hour.
表1及び4-3を満足しま
す。
The measured values
shall meet Table 1 and
4-3.
6-2
低温放置
Cold
(Storage)
温度-55±2℃の恒温槽中に1000時間保持し、
常温に取出し1時間放置後測定する。
Components
shall
be
left
in
a
chamber
(Temperature: -55±2°C) for 1000 hours, then
measured after leaving in natural condition for 1
hour.
表1及び4-3を満足しま
す。
The measured values
shall meet Table 1 and
4-3.
6-3
耐湿特性
Humidity
温度+60±2℃湿度90 +−
5
0
%R.H.の恒温恒湿槽中
にて1000時間保持した後、常温に取り出して1
時間後に測定する。
Components shall be left in a chamber (90 to
95%R.H.
at
+60±2°C)
1000
hours,
then
measured after leaving in natural condition for 1
hour.
表1及び4-3を満足しま
す。
The measured values
shall meet Table 1 and
4-3.
6-4
熱衝撃特性
Thermal Shock
温度-55
°Cの恒温槽中に30分間保持後、温度
+85
°Cの恒温槽中に直ちに移し、30分間保持す
る。これを1サイクルとし、全10サイクル行
い、常温に取り出して1時間後に測定する。
After performing 10 cycles of thermal test (-
55°C 30 minutes to +85°C 30 minutes),
components shall be left in natural condition for
1 hour.
表1及び4-3を満足しま
す。
The measured values
shall meet Table 1 and
4-3.
6-5
塩水噴霧
Salt Mist Test
温度+35±2℃、濃度(重量比)5±1%で 48 時
間連続噴霧後、常温に取り出し 1 時間放置後測
定する。
Components shall be left in a chamber with
+35±2°C, density of 5±1% (by weight) for 48
hours, then measured after leaving in natural
condition for 1 hour
目視にて著しいサビが
なく表 1 及び 4-3 を満
足します。
There
shall
be
no
evidence of destructive
corrosion
and
the
measured values shall
meet Table 1 and 4-3.


유사한 부품 번호 - CSALF8M00T55-B0

제조업체부품명데이터시트상세설명
logo
Murata Manufacturing Co...
CSALF4M00G55-B0 MURATA-CSALF4M00G55-B0 Datasheet
343Kb / 11P
   Specification of Piezoelectic Ceramic Resonator
More results

유사한 설명 - CSALF8M00T55-B0

제조업체부품명데이터시트상세설명
logo
Murata Manufacturing Co...
CSTNE8M00G550000R0 MURATA-CSTNE8M00G550000R0 Datasheet
594Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0G52A000R0 MURATA-CSTNE12M0G52A000R0 Datasheet
1,001Kb / 19P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0G55Z000R0 MURATA-CSTNE12M0G55Z000R0 Datasheet
599Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE12M0GH5L000R0 MURATA-CSTNE12M0GH5L000R0 Datasheet
602Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE16M0V530000R0 MURATA-CSTNE16M0V530000R0 Datasheet
595Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE16M0VH3C000R0 MURATA-CSTNE16M0VH3C000R0 Datasheet
660Kb / 19P
   Specification of Piezoelectric Ceramic Resonator
CSTNE16M0VH3L000R0 MURATA-CSTNE16M0VH3L000R0 Datasheet
601Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
CSTNE20M0V53C000R0 MURATA-CSTNE20M0V53C000R0 Datasheet
646Kb / 19P
   Specification of Piezoelectric Ceramic Resonator
logo
Murata Manufacturing Co...
CSTNE16M0V53L00ZR0 MURATA1-CSTNE16M0V53L00ZR0_V01 Datasheet
761Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
July 8, 2019
CSTNE16M0V53Z000R0 MURATA1-CSTNE16M0V53Z000R0_V01 Datasheet
695Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
April 23, 2019
CSTNE17M2V53L000R0 MURATA1-CSTNE17M2V53L000R0 Datasheet
664Kb / 16P
   Specification of Piezoelectric Ceramic Resonator
July 5, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com