전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

OP11EPZ1 데이터시트(PDF) 8 Page - Analog Devices

부품명 OP11EPZ1
상세설명  Quad Matched 741-Type Operational Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

OP11EPZ1 데이터시트(HTML) 8 Page - Analog Devices

Back Button OP11EPZ1 Datasheet HTML 4Page - Analog Devices OP11EPZ1 Datasheet HTML 5Page - Analog Devices OP11EPZ1 Datasheet HTML 6Page - Analog Devices OP11EPZ1 Datasheet HTML 7Page - Analog Devices OP11EPZ1 Datasheet HTML 8Page - Analog Devices OP11EPZ1 Datasheet HTML 9Page - Analog Devices OP11EPZ1 Datasheet HTML 10Page - Analog Devices OP11EPZ1 Datasheet HTML 11Page - Analog Devices OP11EPZ1 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
OP11
Rev. B | Page 8 of 12
20
0
–20
0
200
400
600
800
TIME (ns)
VS = ±15V
RL = 2kΩ
TA = 25°C
CL = 100pF
Figure 15. Transient Response
2
0
–2
–3
3
1
–1
2
6
10
14
18
20
04
8
12
16
TIME (µs)
VS = ±15V
RL = 2kΩ
TA = 25°C
CL = 100pF
Figure 16. Voltage Follower Pulse Response
28
(27)
24
20
16
12
8
4
0
1k
10k
100k
1M
FREQUENCY (Hz)
VS = ±15V
RL = 2kΩ
TA = 25°C
Figure 17. Maximum Output Swing vs. Frequency
POSITIVE SWING
NEGATIVE SWING
VS = ±15V
TA = 25°C
16
14
12
10
8
6
4
2
0
0.1
1
10
LOAD RESISTANCE TO GROUND (kΩ)
Figure 18. Output Voltage Swing vs. Load Resistance
5
4
3
2
1
TA = 25°C
010
20
30
TOTAL SUPPLY VOLTAGE (V)
0
40
Figure 19. Quiescent Current vs. Total Supply Voltage
VS = ±15V
140
130
120
110
100
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
Figure 20. Power Consumption vs. Temperature


유사한 부품 번호 - OP11EPZ1

제조업체부품명데이터시트상세설명
logo
Analog Devices
OP11EPZ AD-OP11EPZ Datasheet
260Kb / 12P
   Quad Matched 741-Type Operational Amplifiers
REV. B
More results

유사한 설명 - OP11EPZ1

제조업체부품명데이터시트상세설명
logo
Analog Devices
OP11 AD-OP11_15 Datasheet
260Kb / 12P
   Quad Matched 741-Type Operational Amplifiers
OP11 AD-OP11 Datasheet
137Kb / 8P
   Quad Matched 741-Type Operational Amplifiers
REV. A
OP11EPZ AD-OP11EPZ Datasheet
260Kb / 12P
   Quad Matched 741-Type Operational Amplifiers
REV. B
OP-09 AD-OP-09 Datasheet
718Kb / 7P
   Quad Matched 741-Type Operational Amplifiers
OP-11 AD-OP-11_15 Datasheet
727Kb / 7P
   QUAD MATCHED 741 TYPE OPERATIONAL AMPLIGIERS
OP-09 AD-OP-09_15 Datasheet
727Kb / 7P
   QUAN MATCHED 741 TYPE OPERATIONAL AMPLIGIERS
logo
Motorola, Inc
MC1537 MOTOROLA-MC1537 Datasheet
245Kb / 4P
   MATCHED DUAL OPERATIONAL AMPLIFIERS
logo
HTC Korea TAEJIN Techno...
LM324 HTC-LM324 Datasheet
104Kb / 4P
   QUAD OPERATIONAL AMPLIFIERS
logo
Estek Electronics Co. L...
ET-LM324 ESTEK-ET-LM324 Datasheet
287Kb / 6P
   Quad Operational Amplifiers
Version 0.2 27 July 2011
logo
National Semiconductor ...
LM3303 NSC-LM3303 Datasheet
200Kb / 10P
   Quad Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com