전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2703MFX-ADJ 데이터시트(PDF) 9 Page - Texas Instruments

부품명 LM2703MFX-ADJ
상세설명  LM2703 Micropower Step-Up DC/DC Converter with 350mA Peak Current Limit
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM2703MFX-ADJ 데이터시트(HTML) 9 Page - Texas Instruments

Back Button LM2703MFX-ADJ Datasheet HTML 5Page - Texas Instruments LM2703MFX-ADJ Datasheet HTML 6Page - Texas Instruments LM2703MFX-ADJ Datasheet HTML 7Page - Texas Instruments LM2703MFX-ADJ Datasheet HTML 8Page - Texas Instruments LM2703MFX-ADJ Datasheet HTML 9Page - Texas Instruments LM2703MFX-ADJ Datasheet HTML 10Page - Texas Instruments LM2703MFX-ADJ Datasheet HTML 11Page - Texas Instruments LM2703MFX-ADJ Datasheet HTML 12Page - Texas Instruments LM2703MFX-ADJ Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
IPK = ICL +
VIN(max)
L
200ns
VOUT - VIN(min) + VD
ICL
L =
TOFF
LM2703
www.ti.com
SNVS172F – FEBRUARY 2002 – REVISED MAY 2013
off the NMOS switch.The SW voltage will then rise to the output voltage plus a diode drop and the inductor
current will begin to decrease as shown in Figure 16. During this time the energy stored in the inductor is
transferred to COUT and the load. After the 400ns off-time the NMOS switch is turned on and energy is stored in
the inductor again. This energy transfer from the inductor to the output causes a stepping effect in the output
ripple as shown in Figure 16.
This cycle is continued until the voltage at FB reaches 1.237V. When FB reaches this voltage, the enable
comparator then disables the device turning off the NMOS switch and reducing the Iq of the device to 40uA. The
load current is then supplied solely by COUT indicated by the gradually decreasing slope at the output as shown
in Figure 16. When the FB pin drops slightly below 1.237V, the enable comparator enables the device and
begins the cycle described previously. The SHDN pin can be used to turn off the LM2703 and reduce the Iq to
0.01µA. In shutdown mode the output voltage will be a diode drop lower than the input voltage.
APPLICATION INFORMATION
INDUCTOR SELECTION
The appropriate inductor for a given application is calculated using the following equation:
(2)
where VD is the schottky diode voltage, ICL is the switch current limit found in the Typical Performance
Characteristics section, and TOFF is the switch off time. When using this equation be sure to use the minimum
input voltage for the application, such as for battery powered applications. For the LM2703 constant-off time
control scheme, the NMOS power switch is turned off when the current limit is reached. There is approximately a
200ns delay from the time the current limit is reached in the NMOS power switch and when the internal logic
actually turns off the switch. During this 200ns delay, the peak inductor current will increase. This increase in
inductor current demands a larger saturation current rating for the inductor. This saturation current can be
approximated by the following equation:
(3)
Choosing inductors with low ESR decrease power losses and increase efficiency.
Care should be taken when choosing an inductor. For applications that require an input voltage that approaches
the output voltage, such as when converting a Li-Ion battery voltage to 5V, the 400ns off time may not be enough
time to discharge the energy in the inductor and transfer the energy to the output capacitor and load. This can
cause a ramping effect in the inductor current waveform and an increased ripple on the output voltage. Using a
smaller inductor will cause the IPK to increase and will increase the output voltage ripple further. This can be
solved by adding a 4.7pF capacitor across the RF1 feedback resistor (Figure 15) and slightly increasing the
output capacitor. A smaller inductor can then be used to ensure proper discharge in the 400ns off time.
DIODE SELECTION
To maintain high efficiency, the average current rating of the schottky diode should be larger than the peak
inductor current, IPK. Schottky diodes with a low forward drop and fast switching speeds are ideal for increasing
efficiency in portable applications. Choose a reverse breakdown of the schottky diode larger than the output
voltage.
CAPACITOR SELECTION
Choose low ESR capacitors for the output to minimize output voltage ripple. Multilayer ceramic capacitors are the
best choice. For most applications, a 1µF ceramic capacitor is sufficient. For some applications a reduction in
output voltage ripple can be achieved by increasing the output capacitor.
Local bypassing for the input is needed on the LM2703. Multilayer ceramic capacitors are a good choice for this
as well. A 4.7µF capacitor is sufficient for most applications. For additional bypassing, a 100nF ceramic capacitor
can be used to shunt high frequency ripple on the input.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM2703


유사한 부품 번호 - LM2703MFX-ADJ

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2703MFX-ADJ NSC-LM2703MFX-ADJ Datasheet
307Kb / 11P
   Micropower Step-up DC/DC Converter with 350mA Peak Current Limit
More results

유사한 설명 - LM2703MFX-ADJ

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2703 NSC-LM2703 Datasheet
307Kb / 11P
   Micropower Step-up DC/DC Converter with 350mA Peak Current Limit
LM2704 NSC-LM2704 Datasheet
312Kb / 11P
   Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
LM2705 NSC-LM2705_07 Datasheet
322Kb / 12P
   Micropower Step-up DC/DC Converter with 150mA Peak Current Limit
LM2705 NSC-LM2705 Datasheet
367Kb / 11P
   Micropower Step-up DC/DC Converter with 150mA Peak Current Limit
logo
Texas Instruments
LM2704 TI1-LM2704 Datasheet
1Mb / 18P
[Old version datasheet]   Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
LM2704 TI1-LM2704_15 Datasheet
1,006Kb / 19P
[Old version datasheet]   LM2704 Micropower Step-up DC/DC Converter with 550mA Peak Current Limit
LM2705 TI1-LM2705 Datasheet
1Mb / 20P
[Old version datasheet]   LM2705 Micropower Step-up DC/DC Converter with 150mA Peak Current Limit
logo
Linear Technology
LT1316 LINER-LT1316_15 Datasheet
311Kb / 16P
   Micropower DC/DC Converter with Programmable Peak Current Limit
LT1316 LINER-LT1316 Datasheet
344Kb / 16P
   Micropower DC/DC Converter with Programmable Peak Current Limit
LTC3125 LINER-LTC3125 Datasheet
297Kb / 16P
   1.2A Synchronous Step-Up DC/DC Converter with Input Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com