전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM20134MH 데이터시트(PDF) 4 Page - Texas Instruments

부품명 LM20134MH
상세설명  LM20134/LM20134Q 4A, PowerWise Synchronous Buck Regulator with Input Synchronization
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM20134MH 데이터시트(HTML) 4 Page - Texas Instruments

  LM20134MH Datasheet HTML 1Page - Texas Instruments LM20134MH Datasheet HTML 2Page - Texas Instruments LM20134MH Datasheet HTML 3Page - Texas Instruments LM20134MH Datasheet HTML 4Page - Texas Instruments LM20134MH Datasheet HTML 5Page - Texas Instruments LM20134MH Datasheet HTML 6Page - Texas Instruments LM20134MH Datasheet HTML 7Page - Texas Instruments LM20134MH Datasheet HTML 8Page - Texas Instruments LM20134MH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
LM20134, LM20134Q
SNVS527G – OCTOBER 2007 – REVISED MARCH 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
Unless otherwise stated, the following conditions apply: AVIN = PVIN = VIN = 5V. Limits in standard type are for TJ = 25°C
only, limits in bold face type apply over the junction temperature (TJ) range of -40°C to +125°C. Minimum and Maximum limits
are specified by through test, design, or statistical correlation. Typical values represent the most likely parametric norm at TJ
= 25°C, and are provided for reference purposes only.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VFB
Feedback pin voltage
VIN = 2.95V to 5.5V
0.788
0.8
0.812
V
ΔVOUT/ΔIOUT
Load Regulation
IOUT = 100 mA to 4A
0.08
%/A
ICL
Switch Current Limit Threshold
VIN = 3.3V
5.8
6.4
7.9
A
RDS_ON
High-Side Switch On Resistance
ISW = 3.5A
36
55
m
RDS_ON
Low-Side Switch On Resistance
ISW = 3.5A
32
52
m
IQ
Operating Quiescent Current
Non-switching, VFB = VCOMP
3.5
6
mA
ISD
Shutdown Quiescent current
VEN = 0V
90
180
µA
VUVLO
VIN Under Voltage Lockout
Rising VIN
2.45
2.7
2.95
V
VUVLO_HYS
VIN Under Voltage Lockout Hysteresis
Falling VIN
45
100
mV
VVCC
VCC Voltage
IVCC = 0 µA
2.45
2.7
2.95
V
ISS
Soft-Start Pin Source Current
VSS/TRK = 0V
2
4.5
7
µA
VTRACK
SS/TRK Accuracy, VSS - VFB
VSS/TRK = 0.4V
-10
3
15
mV
Oscillator and Clock Synchronization
FOSC
Oscillator Frequency
VSYNC = Static
360
410
460
kHz
FOSCH
Maximum SYNC Frequency
1500
kHz
FOSCL
Minimum SYNC Frequency
460
kHz
VIH_SYNC
SYNC pin Logic High
2
V
VIL_SYNC
SYNC pin Logic Low
0.8
V
ISYNC
SYNC pin input leakage
VSYNC = 5V
10
nA
DCMAX
Maximum Duty Cycle
ILOAD = 0A
85
%
TON_TIME
Minimum On Time
100
ns
TCL_BLANK
Current Sense Blanking Time
After Rising VSW
80
ns
Error Amplifier and Modulator
IFB
Feedback pin bias current
VFB = 0.8V
1
100
nA
ICOMP_SRC
COMP Output Source Current
VFB = VCOMP = 0.6V
80
100
µA
ICOMP_SNK
COMP Output Sink Current
VFB = 1.0V, VCOMP = 0.6V
80
100
µA
gm
Error Amplifier Transconductance
ICOMP = ± 50 µA
450
510
600
µmho
AVOL
Error Amplifier Voltage Gain
2000
V/V
Power Good
VOVP
Over Voltage Protection Rising Threshold
With respect to VFB
105
108
111
%
VOVP_HYS
Over Voltage Protection Hysteresis
2
3
%
VPGTH
PGOOD Rising Threshold
With respect to VFB
92
94
96
%
VPGHYS
PGOOD Falling Hysteresis
2
3
%
TPGOOD
PGOOD deglitch time
16
µs
IOL
PGOOD Low Sink Current
VPGOOD = 0.4V
0.6
1
mA
IOH
PGOOD High Leakage Current
VPGOOD = 5V
5
100
nA
Enable
VIH_EN
EN Pin Turn on Threshold
VEN Rising
1.08
1.18
1.28
V
VEN_HYS
EN Pin Hysteresis
66
mV
Thermal Shutdown
TSD
Thermal Shutdown
160
°C
TSD_HYS
Thermal Shutdown Hysteresis
10
°C
Thermal Resistance
θJA
Junction to Ambient
38
°C/W
4
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM20134 LM20134Q


유사한 부품 번호 - LM20134MH

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM20134MH NSC-LM20134MH Datasheet
699Kb / 22P
   4A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20134MH NSC-LM20134MH Datasheet
699Kb / 22P
   4A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
logo
Texas Instruments
LM20134MH TI-LM20134MH Datasheet
1Mb / 31P
[Old version datasheet]   LM20134/LM20134Q 4A, PowerWise Synchronous Buck Regulator with Input
logo
National Semiconductor ...
LM20134MHE NSC-LM20134MHE Datasheet
699Kb / 22P
   4A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20134MHE NSC-LM20134MHE Datasheet
699Kb / 22P
   4A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
More results

유사한 설명 - LM20134MH

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM20134MHE TI-LM20134MHE Datasheet
1Mb / 31P
[Old version datasheet]   LM20134/LM20134Q 4A, PowerWise Synchronous Buck Regulator with Input
LM20133 TI-LM20133_15 Datasheet
1Mb / 29P
[Old version datasheet]   3A, PowerWise Synchronous Buck Regulator with Input Synchronization
logo
National Semiconductor ...
LM20134 NSC-LM20134 Datasheet
699Kb / 22P
   4A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20134 NSC-LM20134_08 Datasheet
699Kb / 22P
   4A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
logo
Texas Instruments
LM20144 TI-LM20144_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A PowerWise Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20136 NSC-LM20136 Datasheet
543Kb / 22P
   6A, Synchronous Buck Regulator with Input Synchronization
logo
Texas Instruments
LM20144QMHX TI1-LM20144QMHX Datasheet
1Mb / 30P
[Old version datasheet]   LM20144/LM20144Q 4A, PowerWise Adjustable Frequency Synchronous Buck Regulator
logo
National Semiconductor ...
LM20133 NSC-LM20133_08 Datasheet
710Kb / 22P
   3A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
LM20133 NSC-LM20133 Datasheet
710Kb / 22P
   3A, PowerWise짰 Synchronous Buck Regulator with Input Synchronization
logo
Texas Instruments
LM20136 TI-LM20136_15 Datasheet
1Mb / 32P
[Old version datasheet]   LM20136 6A, Synchronous Buck Regulator with Input Synchronization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com