전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMAJ11A 데이터시트(PDF) 2 Page - Ruilongyuan Electronics Co.,Ltd

부품명 SMAJ11A
상세설명  Transient Voltage Suppressors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RUILON [Ruilongyuan Electronics Co.,Ltd]
홈페이지  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

SMAJ11A 데이터시트(HTML) 2 Page - Ruilongyuan Electronics Co.,Ltd

  SMAJ11A Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd SMAJ11A Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd SMAJ11A Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd SMAJ11A Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd SMAJ11A Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd SMAJ11A Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd SMAJ11A Datasheet HTML 7Page - Ruilongyuan Electronics Co.,Ltd SMAJ11A Datasheet HTML 8Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Circuit Protection
System
Page:1
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Transient Voltage Suppressors - SMAJ Series
Features
Mechanical Characteristics
Rating
Symbol
Value
Units
Peak Pulse Power Dissipation at TA=25°C by 10x1000μs test
waveform (Fig.1)(Note 1),(Note 2)
P
PPM
600
Watts
Power Dissipation on inifinite heat sink at TA=50°C
P
D
3.3
Watts
Peak Forward Surge Current, 8.3ms Single Half Sine
Wave(Note 3)
IFSM
40
Amps
Maximum Instantaneous Forward Voltage at 25A for
Unidirectional only (Note 4)
V
F
3.5/5.0
V
Operating junction and Storage Temperature Range.
T
J,TSTG
-55°C to 150°C
°C
Typical Thermal Resistance Junction to Lead
R
uJL
30
°C/W
Typical Thermal Resistance Junction
to Ambient
R
uJA
150
°C/W
Notes:
1. Non-repetitive current pulse , per Fig. 3 and derated above TA = 25°C per Fig. 2.
2. Measured on 8.3ms single half sine wave or equivalent square wave, duty cycle=4 perminute maximum.
3. VF<3.5V for devices of VBR _< 200V and VF<5.0V for devices of VBR _> 201V.
1. Halogen-free
2. Rohs compliant
3. Typical maximum temperature coefficient
4. ΔVBR=0.1%xVBR@25°C x ΔT
5. Glass passivated Chip junction in DO-214AC package
6. 800W peak pulse capadility at 10x1000μs waveform,repetition rate (duty
cycles):0.01%
7. Fast response time:typically less than 1.0ps from 0 Volts to BV min
8. Excellent clamping capability
9. Low incremental surge resistance
10. Typical IR less than 5μA above 11V
11. High temperature soldering guaranteed: 260°C/40 seconds / 0.375”,
(9.5mm) lead length, 5lbs., (2.3kg)tension
12. Plastic package has underwriters laboratory
flammability classification 94v-0
TVS devices are ideal for the protection of I/O interfaces,VCC bus and other vulnerable circuits used in telecom, computer,
industrial and consumer electronic applications.
UNI
BI
UNI
BI
Anode
Cathode
Applications


유사한 부품 번호 - SMAJ11A

제조업체부품명데이터시트상세설명
logo
Alpha & Omega Semicondu...
SMAJ11A AOSMD-SMAJ11A Datasheet
713Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
logo
Jinan Gude Electronic D...
SMAJ11A JGD-SMAJ11A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
StarHope
SMAJ11A SPSEMI-SMAJ11A Datasheet
458Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 440 Volts
logo
Littelfuse
SMAJ11A LITTELFUSE-SMAJ11A Datasheet
3Mb / 146P
   TVS Diode Products
logo
Galaxy Semi-Conductor H...
SMAJ11A BILIN-SMAJ11A Datasheet
775Kb / 7P
   Transient Voltage Suppressor
More results

유사한 설명 - SMAJ11A

제조업체부품명데이터시트상세설명
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com