전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC1526AJ 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 UC1526AJ
상세설명  Regulating Pulse Width Modulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

UC1526AJ 데이터시트(HTML) 4 Page - Texas Instruments

  UC1526AJ Datasheet HTML 1Page - Texas Instruments UC1526AJ Datasheet HTML 2Page - Texas Instruments UC1526AJ Datasheet HTML 3Page - Texas Instruments UC1526AJ Datasheet HTML 4Page - Texas Instruments UC1526AJ Datasheet HTML 5Page - Texas Instruments UC1526AJ Datasheet HTML 6Page - Texas Instruments UC1526AJ Datasheet HTML 7Page - Texas Instruments UC1526AJ Datasheet HTML 8Page - Texas Instruments UC1526AJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
UC1526
UC2526
UC3526
APPLICATIONS INFORMATION
Voltage Reference
T
he reference regulator of the UC1526 is based on a tem-
perature compensated zener diode. The circuitry is fully
active at supply voltages above +8V, and provides up to
20mA of load current to external circuitry at +5.0V. In sys-
tems where additional current is required, an external
PNP transistor can be used to boost the available current.
A rugged low frequency audio-type transistor should be
used, and lead lengths between the PWM and transistor
should be as short as possible to minimize the risk of os-
cillations. Even so, some types of transistors may require
collector-base capacitance for stability. Up to 1 amp of
load current can be obtained with excellent regulation if
the device selected maintains high current gain.
Under-Voltage Lockout
The under-voltage lockout circuit protects the UC1526
and the power devices it controls from inadequate supply
voltage, If +VIN is too low, the circuit disables the output
drivers and holds the RESET
_______
pin LOW. This prevents
spurious output pulses while the control circuitry is stabi-
lizing, and holds the soft-start timing capacitor in a dis-
charged state.
The circuit consists of a +1.2V bandgap reference and
comparator circuit which is active when the reference
voltage has risen to 3VBE or +1.8V at 25°C. When the ref-
erence voltage rises to approximately +4.4V, the circuit
enables the output drivers and releases the RESET
_______
pin,
allowing a normal soft-start. The comparator has 200mV
of hysteresis to minimize oscillation at the trip point.
When +VIN to the PWM is removed and the reference
drops to +4.2V, the under-voltage circuit pulls RESET
_______
LOW again. The soft-start capacitor is immediately dis-
charged, and the PWM is ready for another soft-start cy-
cle.
The UC1526 can operate from a +5V supply by connect-
ing the VREF pin to the +VIN pin and maintaining the sup-
ply between +4.8 and +5.2V.
Soft-Start Circuit
The soft-start circuit protects the power transistors and
rectifier diodes from high current surges during power
supply turn-on. When supply voltage is first applied to the
UC1526, the under-voltage lockout circuit holds RESET
_______
LOW with Q3. Q1 is turned on, which holds the soft-start
capacitor voltage at zero.
The second collector of Q1
clamps the output of the error amplifier to ground, guaran-
teeing zero duty cycle at the driver outputs. When the
supply voltage reaches normal operating range, RESET
_______
will go HIGH. Q1 turns off, allowing the internal 100mA
current source to charge CS. Q2 clamps the error ampli-
fier output to 1VBE above the voltage on CS. As the soft-
start voltage ramps up to +5V, the duty cycle of the PWM
linearly increases to whatever value the voltage regula-
tion loop requires for an error null.
Digital Control Ports
The three digital control ports of the UC1526 are bi-direc-
tional. Each pin can drive TTL and 5V CMOS logic di-
rectly, up to a fan-out of 10 low-power Schottky gates.
Each pin can also be directly driven by open-collector
Figure 2. Under-Voltage Lockout Schematic
Figure 1. Extending Reference Output Current
Figure 3. Soft-Start Circuit Schematic
4


유사한 부품 번호 - UC1526AJ

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC1526AJ TI-UC1526AJ Datasheet
594Kb / 11P
[Old version datasheet]   Regulating Pulse Width Modulator
UC1526AJ TI1-UC1526AJ Datasheet
606Kb / 12P
[Old version datasheet]   Regulating Pulse Width Modulator
UC1526AJ883B TI-UC1526AJ883B Datasheet
594Kb / 11P
[Old version datasheet]   Regulating Pulse Width Modulator
UC1526AJ883B TI1-UC1526AJ883B Datasheet
606Kb / 12P
[Old version datasheet]   Regulating Pulse Width Modulator
More results

유사한 설명 - UC1526AJ

제조업체부품명데이터시트상세설명
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
[Old version datasheet]   Regulating Pulse Width Modulator
UC1526 TI-UC1526_07 Datasheet
757Kb / 13P
[Old version datasheet]   Regulating Pulse Width Modulator
logo
Intersil Corporation
CA1524 INTERSIL-CA1524 Datasheet
206Kb / 16P
   Regulating Pulse Width Modulator
October 2000
logo
Linear Technology
LT1524 LINER-LT1524 Datasheet
726Kb / 8P
   Regulating Pulse Width Modulator
logo
Microsemi Corporation
SG1526B MICROSEMI-SG1526B Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1526 LINER-LT1526 Datasheet
659Kb / 8P
   Regulating Pulse Width Modulator?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com