전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD611216C 데이터시트(PDF) 3 Page - Power Analog Micoelectronics

부품명 CD611216C
상세설명  POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 800 to 1800 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PAM [Power Analog Micoelectronics]
홈페이지  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

CD611216C 데이터시트(HTML) 3 Page - Power Analog Micoelectronics

  CD611216C Datasheet HTML 1Page - Power Analog Micoelectronics CD611216C Datasheet HTML 2Page - Power Analog Micoelectronics CD611216C Datasheet HTML 3Page - Power Analog Micoelectronics CD611216C Datasheet HTML 4Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Powerex, Inc., 173 Pavilion Lane, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
http://www.pwrx.com
Single & Dual Diode Isolated Module
160 Amperes / 800 to 1800 Volts
Revision Date: 08/31/2011
CD61__16C, CS61__16C
CC61__16C, CN61__16C
®
Electrical Characteristics, TJ=25°C unless otherwise specified
Characteristics
Symbol
Test Conditions
Min.
Max.
Units
Repetitive Peak Reverse Leakage Current
IRRM
Up to VRRM, TJ=150°C
12
mA
Peak On-State Voltage
V FM
IFM =480A
1.56
V
Threshold Voltage, Low-level
Slope Resistance, Low-level
V(TO)1
rT1
TJ = 150°C, I = 16.7% x IT(AV) to IT(AV)
0.80
1.35
V
m
Ω
Thermal Characteristics
Characteristics
Symbol
Max.
Units
Thermal Resistance, Junction to Case
DC Operation
RΘJ-C
Per Junction, both conducting
0.23
°C/W
Thermal Resistance, Case to Sink Lubricated
RΘC-S
Per Module
0.08
°C/W


유사한 부품 번호 - CD611216C

제조업체부품명데이터시트상세설명
logo
Power Analog Micoelectr...
CD611216C PAM-CD611216C Datasheet
490Kb / 4P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 800 to 1800 Volts
CD611216C PAM-CD611216C Datasheet
490Kb / 4P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 800 to 1800 Volts
CD611216C PAM-CD611216C Datasheet
490Kb / 4P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 800 to 1800 Volts
More results

유사한 설명 - CD611216C

제조업체부품명데이터시트상세설명
logo
Power Analog Micoelectr...
CC611416C PAM-CC611416C Datasheet
490Kb / 4P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 800 to 1800 Volts
CC611216C PAM-CC611216C Datasheet
490Kb / 4P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 800 to 1800 Volts
CC610816C PAM-CC610816C Datasheet
490Kb / 4P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 800 to 1800 Volts
CC612016C PAM-CC612016C Datasheet
454Kb / 5P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 2000 to 2500 Volts
logo
Powerex Power Semicondu...
CD410899C POWEREX-CD410899C Datasheet
476Kb / 4P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 100 Amperes / Up to 1800 Volts
logo
Power Analog Micoelectr...
CC612216C PAM-CC612216C Datasheet
454Kb / 5P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 2000 to 2500 Volts
CC612416C PAM-CC612416C Datasheet
454Kb / 5P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 2000 to 2500 Volts
logo
Powerex Power Semicondu...
CD420840B POWEREX-CD420840B Datasheet
118Kb / 4P
   POW-R-BLOKTM Dual SCR/Diode Isolated Module 40 Amperes / Up to 1800 Volts
PD471207 POWEREX-PD471207 Datasheet
373Kb / 5P
   POW-R-BLOKTM Dual Diode / SCR Isolated Module 700 Amperes / Up to 1800 Volts
PD421407 POWEREX-PD421407 Datasheet
376Kb / 5P
   POW-R-BLOKTM Dual SCR / Diode Isolated Module 700 Amperes, Up to 1800 Volts
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com