전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD612216C 데이터시트(PDF) 4 Page - Power Analog Micoelectronics

부품명 CD612216C
상세설명  POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 2000 to 2500 Volts
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PAM [Power Analog Micoelectronics]
홈페이지  http://www.poweranalog.com
Logo PAM - Power Analog Micoelectronics

CD612216C 데이터시트(HTML) 4 Page - Power Analog Micoelectronics

  CD612216C Datasheet HTML 1Page - Power Analog Micoelectronics CD612216C Datasheet HTML 2Page - Power Analog Micoelectronics CD612216C Datasheet HTML 3Page - Power Analog Micoelectronics CD612216C Datasheet HTML 4Page - Power Analog Micoelectronics CD612216C Datasheet HTML 5Page - Power Analog Micoelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Powerex, Inc., 173 Pavilion Lane, Youngwood, Pennsylvania 15697 (724) 925-7272
POW-R-BLOK
TM
http://www.pwrx.com
Single & Dual Diode Isolated Module
160 Amperes / 2000 to 2500 Volts
Revision Date: 05/20/2013
CD61__16C, CS61__16C
CC61__16C, CN61__16C
®
0
0.05
0.1
0.15
0.2
0.25
0.0001
0.001
0.01
0.1
1
10
100
Time - t - Seconds
Maximum Transient Thermal Impedance
(Junction to Case)
0
1
2
3
4
5
10
100
1000
10000
Instantaneous On-State Current - Ifm - Amperes
Maximum On-State Forward Voltage Drop
( Tj = 150 C )
15°
30°
60°
90°
120°
180°
0
50
100
150
200
250
0
20
40
60
80
100
120
140
160
180
Average On-State Current - If(av) - Amperes
Maximum On-State Power Dissipation
(Sinusoidal Waveform)
15°
30°
60°
90°
120°
180°
70
80
90
100
110
120
130
140
150
160
0
20
40
60
80
100
120
140
160
180
Average On-State Current - If(av) - Amperes
Maximum Allowable Case Temperature
(Sinusoidal Waveform)
15°
30°
60°
90°
120°
180°
270°
360°
0
50
100
150
200
250
300
350
0
50
100
150
200
250
300
Average On-State Current - If(av) - Amperes
Maximum On-State Power Dissipation
(Rectangular Waveform)
15°
30°
60°
90° 120°
180°
270°
360°(DC)
70
80
90
100
110
120
130
140
150
160
0
50
100
150
200
250
300
Average On-State Current - If(av) - Amperes
Maximum Allowable Case Temperature
(Rectangular Waveform)


유사한 부품 번호 - CD612216C

제조업체부품명데이터시트상세설명
logo
Power Analog Micoelectr...
CD612216C PAM-CD612216C Datasheet
454Kb / 5P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 2000 to 2500 Volts
CD612216C PAM-CD612216C Datasheet
454Kb / 5P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 2000 to 2500 Volts
More results

유사한 설명 - CD612216C

제조업체부품명데이터시트상세설명
logo
Power Analog Micoelectr...
CC612216C PAM-CC612216C Datasheet
454Kb / 5P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 2000 to 2500 Volts
CC612416C PAM-CC612416C Datasheet
454Kb / 5P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 2000 to 2500 Volts
CD412499C PAM-CD412499C Datasheet
463Kb / 5P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 100 Amperes / 2000 to 2500 Volts
logo
Powerex Power Semicondu...
CC412099C POWEREX-CC412099C Datasheet
463Kb / 5P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 100 Amperes / 2000 to 2500 Volts
logo
Power Analog Micoelectr...
CC611416C PAM-CC611416C Datasheet
490Kb / 4P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 800 to 1800 Volts
CC611216C PAM-CC611216C Datasheet
490Kb / 4P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 800 to 1800 Volts
CC610816C PAM-CC610816C Datasheet
490Kb / 4P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 800 to 1800 Volts
CC611016C PAM-CC611016C Datasheet
490Kb / 4P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 160 Amperes / 800 to 1800 Volts
logo
Powerex Power Semicondu...
CD410899C POWEREX-CD410899C Datasheet
476Kb / 4P
   POW-R-BLOKTM Single & Dual Diode Isolated Module 100 Amperes / Up to 1800 Volts
LD412260 POWEREX-LD412260 Datasheet
393Kb / 6P
   POW-R-BLOKTM Dual Diode Isolated Module 600 Amperes / Up to 2600 Volts
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com