전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SS4-40-3.50-L-D-K-TR 데이터시트(PDF) 1 Page - Samtec, Inc

부품명 SS4-40-3.50-L-D-K-TR
상세설명  ULTRA FINE PITCH HEADER & SOCKET
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMTEC [Samtec, Inc]
홈페이지  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

SS4-40-3.50-L-D-K-TR 데이터시트(HTML) 1 Page - Samtec, Inc

  SS4-40-3.50-L-D-K-TR Datasheet HTML 1Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
(0,40mm) .01575"
SS4, ST4 SERIES
SS4–20–3.00–L–D–K–TR
SS4–40–3.00–L–D–K–TR
ST4–40–1.00–L–D–P–TR
ST4–20–1.00–L–D–P–TR
WWW.SAMTEC.COM
F-211-1
SS4 Mates with:
ST4
ST4 Mates with:
SS4
Note: Some lengths,
styles and options are
non-standard, non-returnable.
SPECIFICATIONS
(0,40) .01575
(5,00)
.197
(4,35)
.171
A
(0,15) .006
No. of positions x
(0,40) .01575 + (3,54) .139
B
(4,00)
.157
No. of positions x
(0,40) .01575 + (1,58) .062
(3,70)
.146
A
B
(0,20) .008
(0,40) .01575
For complete specifications
and recommended PCB layouts
see www.samtec.com?SS4 or
www.samtec.com?ST4
Insulator Material:
Black LCP
Contact Material:
Phosphor Bronze
Plating:
Au or Sn over 50µ" (1,27µm) Ni
Operating Temp Range:
-55°C to +125°C
Current Rating:
1.3A @ 80°C ambient
RoHS Compliant:
Yes
Processing:
Lead-Free Solderable:
Yes
SMT Lead Coplanarity:
(0,10mm) .004" max
SS4
POSITIONS
PER ROW
KTR
–10, –20,
–30, –40, –50
LEAD
STYLE
–3.00
= 3.00mm
–3.50
= 3.50mm
–L
= 10µ" (0,25µm)
Gold on contact,
Matte Tin on tail
(Required
in callout)
–TR
= Tape &
Reel
(Required
in callout)
–K
= (3,51mm)
.138" DIA
Polyimide
Film Pick &
Place Pad
PLATING
OPTION
MATED HEIGHT
SS4
ST4
MATED
HEIGHT
LEAD
STYLE
AB
(1,00)
.039
(1,50)
.059
(2,50)
.098
(3,08)
.121
(3,58)
.141
(4,58)
.180
–1.00
–1.50
–2.50
LEAD
STYLE
AB
(2,85)
.112
(3,35)
.132
(3,50)
.138
(4,00)
.157
–3.00
–3.50
4mm Stack
Height
Rated @ 3dB
Insertion Loss
Single-Ended
Signaling
7.0 GHz / 14 Gbps
Differential
Pair Signaling
4.5 GHz / 9 Gbps
Complete test data available
at www.samtec.com?SS4,
www.samtec.com?ST4 or
contact sig@samtec.com
ST4
LEAD
STYLE
–3.00
–3.50
(4,00) .157
(4,50) .177
(5,50) .217
(4,50) .177
(5,00) .197
(6,00) .236
–1.00
–1.50
–2.50
MATED HEIGHT*
SS4 LEAD STYLE
*Processing conditions will
affect mated height.
ULTRA FINE PITCH HEADER & SOCKET
D
ST4
POSITIONS
PER ROW
PTR
–10, –20,
–30, –40, –50
LEAD
STYLE
–1.00
= 1.00mm
–1.50
= 1.50mm
–2.50
= 2.50mm
–L
= 10µ" (0,25µm)
Gold on contact,
Matte Tin on tail
(Required
in callout)
–TR
= Tape &
Reel
(Required
in callout)
–P
= Pick &
Place Pad
PLATING
OPTION
D


유사한 부품 번호 - SS4-40-3.50-L-D-K-TR

제조업체부품명데이터시트상세설명
logo
Richco, Inc.
SS4-4 RICHCO-SS4-4 Datasheet
52Kb / 1P
   ROUND SPACERS SEIRIES
More results

유사한 설명 - SS4-40-3.50-L-D-K-TR

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
643416-1 MACOM-643416-1 Datasheet
65Kb / 1P
   SOCKET HEADER ASSEMBLY
207610-7 MACOM-207610-7 Datasheet
47Kb / 1P
   SOCKET HEADER ASSEMBLY
logo
Wurth Elektronik GmbH &...
6130XX11821 WURTH-6130XX11821 Datasheet
216Kb / 1P
   2.54MM SOCKET HEADER
6130XX21821 WURTH-6130XX21821 Datasheet
379Kb / 1P
   2.54MM DUAL SOCKET HEADER
6130XX143121 WURTH-6130XX143121 Datasheet
1Mb / 2P
   2.54MM ANGLED SOCKET HEADER
61300411821 WURTH-61300411821 Datasheet
701Kb / 7P
   WR-PHD Socket Header
001.001
61300811821 WURTH-61300811821 Datasheet
701Kb / 7P
   WR-PHD Socket Header
001.001
61301311821 WURTH-61301311821 Datasheet
701Kb / 7P
   WR-PHD Socket Header
001.001
61302011821 WURTH-61302011821 Datasheet
701Kb / 7P
   WR-PHD Socket Header
001.001
61301611821 WURTH-61301611821 Datasheet
701Kb / 7P
   WR-PHD Socket Header
001.001
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com