전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSD19533Q5A 데이터시트(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
부품명 CSD19533Q5A
상세설명  100 V N-Channel NexFET Power MOSFETs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

CSD19533Q5A 데이터시트(HTML) 2 Page - Texas Instruments

  CSD19533Q5A Datasheet HTML 1Page - Texas Instruments CSD19533Q5A Datasheet HTML 2Page - Texas Instruments CSD19533Q5A Datasheet HTML 3Page - Texas Instruments CSD19533Q5A Datasheet HTML 4Page - Texas Instruments CSD19533Q5A Datasheet HTML 5Page - Texas Instruments CSD19533Q5A Datasheet HTML 6Page - Texas Instruments CSD19533Q5A Datasheet HTML 7Page - Texas Instruments CSD19533Q5A Datasheet HTML 8Page - Texas Instruments CSD19533Q5A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CSD19533Q5A
SLPS486 – DECEMBER 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Static Characteristics
BVDSS
Drain-to-Source Voltage
VGS = 0 V, ID = 250 μA
100
V
IDSS
Drain-to-Source Leakage Current
VGS = 0 V, VDS = 80 V
1
μA
IGSS
Gate-to-Source Leakage Current
VDS = 0 V, VGS = 20 V
100
nA
VGS(th)
Gate-to-Source Threshold Voltage
VDS = VGS, ID = 250 μA
2.2
2.8
3.4
V
VGS = 6 V, ID = 13 A
8.7
11.1
m
RDS(on)
Drain-to-Source On Resistance
VGS = 10 V, ID = 13 A
7.8
9.4
m
gfs
Transconductance
VDS = 10 V, ID = 13 A
63
S
Dynamic Characteristics
Ciss
Input Capacitance
2050
2670
pF
Coss
Output Capacitance
VGS = 0 V, VDS = 50 V, f = 1 MHz
395
514
pF
Crss
Reverse Transfer Capacitance
9.6
12.5
pF
RG
Series Gate Resistance
1.2
2.4
Qg
Gate Charge Total (10 V)
27
35
nC
Qgd
Gate Charge Gate to Drain
4.9
nC
VDS = 50 V, ID = 13 A
Qgs
Gate Charge Gate to Source
7.9
nC
Qg(th)
Gate Charge at Vth
5.7
nC
Qoss
Output Charge
VDS = 50 V, VGS = 0 V
75
nC
td(on)
Turn On Delay Time
6
ns
tr
Rise Time
6
ns
VDS = 50 V, VGS = 10 V,
IDS = 13 A, RG = 0 Ω
td(off)
Turn Off Delay Time
16
ns
tf
Fall Time
5
ns
Diode Characteristics
VSD
Diode Forward Voltage
ISD = 13 A, VGS = 0 V
0.8
1.0
V
Qrr
Reverse Recovery Charge
163
nC
VDS= 50 V, IF = 13 A,
di/dt = 300 A/
μs
trr
Reverse Recovery Time
62
ns
THERMAL CHARACTERISTICS
(TA = 25°C unless otherwise stated)
PARAMETER
MIN
TYP
MAX
UNIT
RθJC
Thermal Resistance Junction to Case(1)
1.3
°C/W
RθJA
Thermal Resistance Junction to Ambient(1)(2)
50
°C/W
(1)
RθJC is determined with the device mounted on a 1-inch
2 (6.45-cm2), 2-oz. (0.071-mm thick) Cu pad on a 1.5-inch × 1.5-inch (3.81-cm ×
3.81-cm), 0.06-inch (1.52-mm) thick FR4 PCB. RθJC is specified by design, whereas RθJA is determined by the user’s board design.
(2)
Device mounted on FR4 material with 1-inch2 (6.45-cm2), 2-oz. (0.071-mm thick) Cu.
2
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: CSD19533Q5A


유사한 부품 번호 - CSD19533Q5A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD19533Q5A TI1-CSD19533Q5A Datasheet
773Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
CSD19533Q5AT TI1-CSD19533Q5AT Datasheet
773Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
CSD19533Q5A TI1-CSD19533Q5A_16 Datasheet
773Kb / 14P
[Old version datasheet]   100V N-Channel NexFET Power MOSFET
More results

유사한 설명 - CSD19533Q5A

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CSD19533KCS TI1-CSD19533KCS Datasheet
768Kb / 10P
[Old version datasheet]   100 V N-Channel NexFET Power MOSFETs
CSD19531Q5A TI1-CSD19531Q5A Datasheet
1Mb / 14P
[Old version datasheet]   CSD19531Q5A 100 V N-Channel NexFET Power MOSFETs
CSD19534Q5A TI-CSD19534Q5A_15 Datasheet
885Kb / 16P
[Old version datasheet]   CSD19534Q5A 100 V N-Channel NexFET Power MOSFETs
CSD17581Q5A TI1-CSD17581Q5A Datasheet
337Kb / 13P
[Old version datasheet]   V N-Channel NexFET Power MOSFETs
CSD16556Q5B TI-CSD16556Q5B Datasheet
908Kb / 12P
[Old version datasheet]   25-V N-Channel NexFET Power MOSFETs
CSD18503KCS TI-CSD18503KCS Datasheet
740Kb / 8P
[Old version datasheet]   40-V, N-Channel NexFET Power MOSFETs
CSD18534KCS TI-CSD18534KCS Datasheet
843Kb / 8P
[Old version datasheet]   60-V, N-Channel NexFET Power MOSFETs
CSD18532NQ5B TI-CSD18532NQ5B Datasheet
1Mb / 12P
[Old version datasheet]   60-V, N-Channel NexFET??Power MOSFETs
CSD18563Q5A TI-CSD18563Q5A Datasheet
421Kb / 10P
[Old version datasheet]   60-V N-Channel NexFET Power MOSFETs
CSD18502Q5B TI-CSD18502Q5B Datasheet
1Mb / 12P
[Old version datasheet]   40-V, N-Channel NexFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com