전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMZ30602 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 LMZ30602
상세설명  2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ30602 데이터시트(HTML) 1 Page - Texas Instruments

  LMZ30602 Datasheet HTML 1Page - Texas Instruments LMZ30602 Datasheet HTML 2Page - Texas Instruments LMZ30602 Datasheet HTML 3Page - Texas Instruments LMZ30602 Datasheet HTML 4Page - Texas Instruments LMZ30602 Datasheet HTML 5Page - Texas Instruments LMZ30602 Datasheet HTML 6Page - Texas Instruments LMZ30602 Datasheet HTML 7Page - Texas Instruments LMZ30602 Datasheet HTML 8Page - Texas Instruments LMZ30602 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
60
65
70
75
80
85
90
95
100
0
0.5
1
1.5
2
Output Current (A)
VIN = 5 V,VOUT = 3.3 V,fSW = 1.5 MHz
VIN = 3.3 V,VOUT = 1.8 V,fSW = 1 MHz
G000
VOUT
VIN
LMZ30602
SENSE+
VADJ
AGND
PGND
VOUT
VIN
PWRGD
RT/CLK
INH/UVLO
SS/TR
STSEL
CIN
RSET
COUT
LMZ30602
www.ti.com
SNVS997 – JULY 2013
2A SIMPLE SWITCHER® Power Module with 2.95V-6V Input in QFN Package
Check for Samples: LMZ30602
1
FEATURES
DESCRIPTION
The LMZ30602 SIMPLE SWITCHER® power module
2
Complete Integrated Power Solution Allows
is an easy-to-use integrated power solution that
Small Footprint, Low-Profile Design
combines
a
2-A
DC/DC
converter
with
power
9mm x 11mm x 2.8mm package
MOSFETs, a shielded inductor, and passives into a
- Pin Compatible with LMZ30604 & LMZ30606
low profile, QFN package. This total power solution
requires as few as 3 external components and
Efficiencies Up To 96%
eliminates the loop compensation and magnetics part
Wide-Output Voltage Adjust
selection process.
0.8 V to 3.6 V, with ±1% Reference Accuracy
The 9×11×2.8 mm QFN package is easy to solder
Adjustable Switching Frequency
onto a printed circuit board and allows a compact
(500 kHz to 2 MHz)
point-of-load design with greater than 90% efficiency
Synchronizes to an External Clock
and excellent power dissipation with a thermal
Adjustable Slow-Start
impedance of 12°C/W junction to ambient. The
device delivers the full 2-A rated output current at
Output Voltage Sequencing / Tracking
85°C ambient temperature without airflow.
Power Good Output
The LMZ30602 offers the flexibility and the feature-
Programmable Undervoltage Lockout (UVLO)
set of a discrete point-of-load design and is ideal for
Output Overcurrent Protection
powering performance DSPs and FPGAs. Advanced
Over Temperature Protection
packaging technology afford a robust and reliable
power
solution
compatible
with
standard
QFN
Operating Temperature Range: –40°C to 85°C
mounting and testing techniques.
Enhanced Thermal Performance: 12°C/W
Meets EN55022 Class B Emissions
SIMPLIFIED APPLICATION
- Integrated Shielded Inductor
APPLICATIONS
Broadband & Communications Infrastructure
Automated Test and Medical Equipment
Compact PCI / PCI Express / PXI Express
DSP and FPGA Point of Load Applications
High Density Distributed Power Systems
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SIMPLE SWITCHER is a registered trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - LMZ30602

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LMZ30602 TI-LMZ30602 Datasheet
1Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI-LMZ30602 Datasheet
363Kb / 16P
[Old version datasheet]   LMZ30604EVM-001 2-A to 6-A Simple Switcher Power Module
LMZ30602EVM-002 TI-LMZ30602EVM-002 Datasheet
363Kb / 16P
[Old version datasheet]   LMZ30604EVM-001 2-A to 6-A Simple Switcher Power Module
LMZ30602RKGR TI-LMZ30602RKGR Datasheet
1Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30602RKGT TI-LMZ30602RKGT Datasheet
1Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
More results

유사한 설명 - LMZ30602

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LMZ30602 TI-LMZ30602 Datasheet
1Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI1-LMZ30606 Datasheet
827Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI1-LMZ30606 Datasheet
978Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
841Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI-LMZ30602_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
992Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI-LMZ30604_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI-LMZ30606_15 Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com