전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA0508JRX7R9BB473 데이터시트(PDF) 3 Page - YAGEO Corporation

부품명 CA0508JRX7R9BB473
상세설명  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YAGEO [YAGEO Corporation]
홈페이지  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CA0508JRX7R9BB473 데이터시트(HTML) 3 Page - YAGEO Corporation

  CA0508JRX7R9BB473 Datasheet HTML 1Page - YAGEO Corporation CA0508JRX7R9BB473 Datasheet HTML 2Page - YAGEO Corporation CA0508JRX7R9BB473 Datasheet HTML 3Page - YAGEO Corporation CA0508JRX7R9BB473 Datasheet HTML 4Page - YAGEO Corporation CA0508JRX7R9BB473 Datasheet HTML 5Page - YAGEO Corporation CA0508JRX7R9BB473 Datasheet HTML 6Page - YAGEO Corporation CA0508JRX7R9BB473 Datasheet HTML 7Page - YAGEO Corporation CA0508JRX7R9BB473 Datasheet HTML 8Page - YAGEO Corporation CA0508JRX7R9BB473 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
www.yageo.com
Feb 05, 2010 V.1
Surface-Mount Ceramic Multilayer Capacitors
3
17
Product specification
4C-Array
NP0/X7R/Y5V
16 V to 50 V
2 2 X X
X X
X
X
X
X
X X
Carrier type
55 = Paper/PE
Voltage
10 = 16 V
12 = 25 V
14 = 50 V
Size
7 = 0508 (4 x 0402)
6 = 0612 (4 x 0603)
Capacitance value(1)
Tolerance
5 =
±5%
6 =
±10%
7 =
±20%
8 = -20% to +80%
Packaging(2)
1 = reel:
∅180 mm; 7"
Temperature characteristic
1 = NP0
5 = X7R
9 = Y5V
YNM0030
P
PH
HY
YC
CO
OM
MP
P B
BR
RA
AN
ND
D o
orrd
deerriin
ngg cco
od
deess
GLOBAL PART NUMBER (preferred), PHYCOMP CTC (for North America) and 12NC (traditional) codes are
acceptable to order Phycomp brand products.
GLOBAL PART NUMBER (PREFERRED)
For detailed information of GLOBAL PART NUMBER and ordering example, please refer to page 2.
12NC CODE
PHYCOMP CTC CODE (FOR NORTH AMERICA)
Example: 0508CG220K9B200
0508
CG
220
K
9
B
2
0
0
Size code
Temp.
Char.
Capacitance
in pF
Tolerance
Voltage Termination
Packing
Marking
Range identifier
0508
(4 x 0402)
0612
(4 x 0603)
CG = NP0
2R = X7R
2F = Y5V
101 = 100 pF;
the third digit
signifies the
multiplying factor:
0 = × 1
1 = × 10
2 = × 100
3 = × 1,000
J = ±5%
K = ±10%
M = ±20%
Z = -20% to +80%
7 = 16 V
8 = 25 V
9 = 50 V
B = NiSn
2 = 180 mm
7” Paper/PE
0 = no marking 0 = conv. Ceramic
D = Class 2 MLCC
(1) Refer to “Conversion table of capacitance & last 2-digit of 12NC”
(2) Quantity on reel depends on thickness classification; see table 5


유사한 부품 번호 - CA0508JRX7R9BB473

제조업체부품명데이터시트상세설명
logo
YAGEO Corporation
CA0508JRX7R9BB121 YAGEO-CA0508JRX7R9BB121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

유사한 설명 - CA0508JRX7R9BB473

제조업체부품명데이터시트상세설명
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com