전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PD121XL6 데이터시트(PDF) 9 Page - AZ Displays

부품명 PD121XL6
상세설명  12.1??TFT-LCD module
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AZDISPLAYS [AZ Displays]
홈페이지  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD121XL6 데이터시트(HTML) 9 Page - AZ Displays

Back Button PD121XL6 Datasheet HTML 2Page - AZ Displays PD121XL6 Datasheet HTML 3Page - AZ Displays PD121XL6 Datasheet HTML 4Page - AZ Displays PD121XL6 Datasheet HTML 5Page - AZ Displays PD121XL6 Datasheet HTML 6Page - AZ Displays PD121XL6 Datasheet HTML 7Page - AZ Displays PD121XL6 Datasheet HTML 8Page - AZ Displays PD121XL6 Datasheet HTML 9Page - AZ Displays PD121XL6 Datasheet HTML 10Page - AZ Displays  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
PD121XL6
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be
distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co.,
Ltd.
Page:9
6-2) Electrical Performances:
Parameters
Symbol
MIN.
Typ.
MAX.
Unit
Remark
X
20
-
500
Terminal Resistance
Y
20
-
500
Input Voltage
VT
-
5
-
V
Linearity(X ,Y direction)
-
-
±1.5
%
Insulation Impedance
20
-
-
MΩ
DC= 25V
Response Time
-
-
15
ms
Operation Force
-
-
80
g
Note 6-2
Note 6 - 2: Input through R0.8mm stylus or R8.0mm finger.
6-3) Durability Performances
1) Hitting Durability:
At least 10,000,000 times with R8.0mm silicon rubber, 150g, 3times/sec .
2) Sliding Durability:
At least 100,000 times with R0.8mm polydactyl stylus, 150g, 50mm/sec.
6-4) Integration Design Guide
Avoid the design that Front-case overlap and press on the active area of the touch-panel.
Give enough gap (over 0.5mm at compressed) between the front case and touch-panel to protect
wrong operating.
Use a buffer material (Gasket) between the touch-panel and front-case to protect damage and
wrong operating.
Avoid the design that buffer material overlap and press on the inside of touch-panel viewing area.
P-511-596(V:1)


유사한 부품 번호 - PD121XL6

제조업체부품명데이터시트상세설명
logo
AZ Displays
PD121XL4 AZDISPLAYS-PD121XL4 Datasheet
460Kb / 21P
   12.1??TFT-LCD module
More results

유사한 설명 - PD121XL6

제조업체부품명데이터시트상세설명
logo
AZ Displays
G121S1-L02 AZDISPLAYS-G121S1-L02 Datasheet
769Kb / 29P
   12.1??TFT-LCD module
PD121XL4 AZDISPLAYS-PD121XL4 Datasheet
460Kb / 21P
   12.1??TFT-LCD module
logo
Bolymin, Inc
BT121BANNCB BOLYMIN-BT121BANNCB Datasheet
419Kb / 1P
   12.1 Color TFT-LCD module
BT121BABACB BOLYMIN-BT121BABACB Datasheet
351Kb / 1P
   12.1 Color TFT-LCD video module
BT121BADACB BOLYMIN-BT121BADACB Datasheet
322Kb / 1P
   12.1 Color TFT-LCD video module
logo
LG Semicon Co.,Ltd.
LB121S03 LG-LB121S03 Datasheet
396Kb / 23P
   12.1??SVGA TFT LCD
logo
AAEON Technology
OPD-212A AAEON-OPD-212A Datasheet
257Kb / 2P
   12.1??TFT SVGA LCD
logo
AU Optronics Corp.,
G121SN01V2 AUO-G121SN01V2 Datasheet
510Kb / 26P
   12.1 Inch Color TFT-LCD
G121SN01V3 AUO-G121SN01V3 Datasheet
508Kb / 27P
   12.1 Inch Color TFT-LCD
logo
Purdy Electronics Corpo...
ANDPSI121GAOS-HB PURDY-ANDPSI121GAOS-HB Datasheet
612Kb / 5P
   12.1??XGA Color p-Si TFT LCD Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com