전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TA1678A 데이터시트(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

부품명 TA1678A
상세설명  SAW Filter 388.5MHz 3MHz BW SMD 5횞5 mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
홈페이지  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1678A 데이터시트(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1678A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1678A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1678A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1678A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1678A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1678A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1678A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
3
TST DCC
Release document
C. FREQUENCY CHARACTERISTICS:
Wideband response: (span 600MHz)
S21 response: (span 40MHz)


유사한 부품 번호 - TA1678A

제조업체부품명데이터시트상세설명
logo
Golledge Electronics Lt...
TA1678A GOLLEDGE-TA1678A Datasheet
276Kb / 6P
   SAW Filter 388.50MHz
More results

유사한 설명 - TA1678A

제조업체부품명데이터시트상세설명
logo
TAI-SAW TECHNOLOGY CO.,...
TB0648A TAI-SAW-TB0648A Datasheet
322Kb / 6P
   SAW Filter 351MHz 90 MHz BW (SMD 5횞5 mm)
TB0651A TAI-SAW-TB0651A Datasheet
334Kb / 6P
   SAW Filter 525MHz 54 MHz BW (SMD 5횞5 mm)
TB0649A TAI-SAW-TB0649A Datasheet
351Kb / 6P
   SAW Filter 255MHz 90 MHz BW (SMD 5횞5 mm)
TB0650A TAI-SAW-TB0650A Datasheet
322Kb / 7P
   SAW Filter 447MHz 90 MHz BW (SMD 5횞5 mm)
TA1759A TAI-SAW-TA1759A Datasheet
178Kb / 8P
   SAW Filter 403.5MHz 3MHz BW SMD 1.4X1.1 mm
TA1323A TAI-SAW-TA1323A Datasheet
150Kb / 7P
   SAW Filter 2017.5MHz 15MHz BW SMD 1.4X1.1 mm
TB0210A TAI-SAW-TB0210A Datasheet
232Kb / 7P
   SAW Filter 374MHz 17MHz BW (SMD 3.8횞3.8 mm)
TB0887A TAI-SAW-TB0887A Datasheet
345Kb / 6P
   SAW Filter 55MHz 0.5MHz BW (SMD 13.3횞6.5 mm)
TB0892A TAI-SAW-TB0892A Datasheet
295Kb / 6P
   SAW Filter 343MHz 1MHz BW (SMD 5.0횞7.0 mm)
TB0903A TAI-SAW-TB0903A Datasheet
349Kb / 7P
   SAW Filter 751.5MHz 65MHz BW (SMD 5.0횞5.0 mm)
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com