전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74ACTQ244 데이터시트(PDF) 9 Page - Fairchild Semiconductor

부품명 74ACTQ244
상세설명  Quiet Series田?Octal Buffer/Line Driver with 3-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACTQ244 데이터시트(HTML) 9 Page - Fairchild Semiconductor

Back Button 74ACTQ244 Datasheet HTML 2Page - Fairchild Semiconductor 74ACTQ244 Datasheet HTML 3Page - Fairchild Semiconductor 74ACTQ244 Datasheet HTML 4Page - Fairchild Semiconductor 74ACTQ244 Datasheet HTML 5Page - Fairchild Semiconductor 74ACTQ244 Datasheet HTML 6Page - Fairchild Semiconductor 74ACTQ244 Datasheet HTML 7Page - Fairchild Semiconductor 74ACTQ244 Datasheet HTML 8Page - Fairchild Semiconductor 74ACTQ244 Datasheet HTML 9Page - Fairchild Semiconductor 74ACTQ244 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
www.fairchildsemi.com
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
20-Lead Quarter Size Outline Package (QSOP), JEDEC MO-137, 0.150” Wide
Package Number MQA20
20-Lead Shrink Small Outline Package (SSOP), EIAJ TYPE II, 5.3mm Wide
Package Number MSA20


유사한 부품 번호 - 74ACTQ244

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ACTQ244 FAIRCHILD-74ACTQ244 Datasheet
103Kb / 10P
   Quiet Series. Octal Buffer/Line Driver with 3-STATE Outputs
74ACTQ244 FAIRCHILD-74ACTQ244 Datasheet
307Kb / 12P
   Quiet Series??Octal Buffer/Line Driver with 3-STATE Outputs
logo
National Semiconductor ...
74ACTQ244D NSC-74ACTQ244D Datasheet
309Kb / 10P
   Quiet Seres Octal Buffer/Line Driver with TRI-STATE Outputs
74ACTQ244F NSC-74ACTQ244F Datasheet
309Kb / 10P
   Quiet Seres Octal Buffer/Line Driver with TRI-STATE Outputs
74ACTQ244L NSC-74ACTQ244L Datasheet
309Kb / 10P
   Quiet Seres Octal Buffer/Line Driver with TRI-STATE Outputs
More results

유사한 설명 - 74ACTQ244

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
74ACQ240 FAIRCHILD-74ACQ240_07 Datasheet
274Kb / 11P
   Quiet Series??Octal Buffer/Line Driver with 3-STATE Outputs
74ACQ240 FAIRCHILD-74ACQ240 Datasheet
95Kb / 10P
   Quiet Series. Octal Buffer/Line Driver with 3-STATE Outputs
74ACQ244 FAIRCHILD-74ACQ244 Datasheet
103Kb / 10P
   Quiet Series. Octal Buffer/Line Driver with 3-STATE Outputs
74ACTQ541 FAIRCHILD-74ACTQ541 Datasheet
185Kb / 8P
   Quiet Series Octal Buffer/Line Driver with 3-STATE Outputs
74ACTQ541 FAIRCHILD-74ACTQ541_07 Datasheet
381Kb / 9P
   Quiet Series Octal Buffer/Line Driver with 3-STATE Outputs
74ACQ244 FAIRCHILD-74ACQ244_07 Datasheet
307Kb / 12P
   Quiet Series??Octal Buffer/Line Driver with 3-STATE Outputs
logo
Texas Instruments
54ACQ240 TI1-54ACQ240 Datasheet
189Kb / 10P
[Old version datasheet]   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
logo
National Semiconductor ...
54ACTQ541 NSC-54ACTQ541 Datasheet
117Kb / 6P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
54ACQ244 NSC-54ACQ244 Datasheet
140Kb / 8P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
54ACTQ241 NSC-54ACTQ241 Datasheet
139Kb / 8P
   Quiet Series Octal Buffer/Line Driver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com