전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7248ATQ3 데이터시트(PDF) 3 Page - Analog Devices

부품명 AD7248ATQ3
상세설명  LC2MOS 12-Bit DACPORTs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7248ATQ3 데이터시트(HTML) 3 Page - Analog Devices

  AD7248ATQ3 Datasheet HTML 1Page - Analog Devices AD7248ATQ3 Datasheet HTML 2Page - Analog Devices AD7248ATQ3 Datasheet HTML 3Page - Analog Devices AD7248ATQ3 Datasheet HTML 4Page - Analog Devices AD7248ATQ3 Datasheet HTML 5Page - Analog Devices AD7248ATQ3 Datasheet HTML 6Page - Analog Devices AD7248ATQ3 Datasheet HTML 7Page - Analog Devices AD7248ATQ3 Datasheet HTML 8Page - Analog Devices AD7248ATQ3 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD7245A/AD7248A
REV. B
–3–
SWITCHING CHARACTERISTICS
1
Parameter
A, B Versions
T Version
Unit
Conditions
t1
@ 25
°C
55
55
ns typ
Chip Select Pulsewidth
TMIN to TMAX
80
100
ns min
t2
@ 25
°C
40
40
ns typ
Write Pulsewidth
TMIN to TMAX
80
100
ns min
t3
@ 25
°C
0
0
ns min
Chip Select to Write Setup Time
TMIN to TMAX
0
0
ns min
t4
@ 25
°C
0
0
ns min
Chip Select to Write Hold Time
TMIN to TMAX
0
0
ns min
t5
@ 25
°C
40
40
ns typ
Data Valid to Write Setup Time
TMIN to TMAX
80
80
ns min
t6
@ 25
°C
10
10
ns min
Data Valid to Write Hold Time
TMIN to TMAX
10
10
ns min
t7
@ 25
°C
40
40
ns typ
Load DAC Pulsewidth
TMIN to TMAX
80
100
ns min
t8 (AD7245A Only)
@ 25
°C
40
40
ns typ
Clear Pulsewidth
TMIN to TMAX
80
100
ns min
NOTES
1Sample tested at 25
°C to ensure compliance.
2Power supply tolerance is
±10%.
ABSOLUTE MAXIMUM RATINGS
1
VDD to AGND . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +17 V
VDD to DGND . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +17 V
VDD to VSS . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +34 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V, VDD
Digital Input Voltage to DGND . . . . . . . –0.3 V, VDD + 0.3 V
VOUT to AGND
2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . VSS, VDD
VOUT to VSS
2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 V, 24 V
VOUT to VDD
2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –32 V, 0 V
REF OUT
2 to AGND . . . . . . . . . . . . . . . . . . . . . . . . 0 V, V
DD
Power Dissipation (Any Package) to 75
°C . . . . . . . . . 450 mW
Derates above 75
°C by . . . . . . . . . . . . . . . . . . . . 6 mW/°C
Operating Temperature
Commercial (A, B Versions) . . . . . . . . . . . –40
°C to +85°C
Extended (S Version) . . . . . . . . . . . . . . . –55
°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering, 10 secs) . . . . . . . . . . . . . 300
°C
NOTES
1Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
2The output may be shorted to voltages in this range provided the power dissipation
of the package is not exceeded. V OUT short circuit current is typically
80 mA.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD7245A/AD7248A features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions
are recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
(VDD = +12 V to +15 V;
2 V
SS = 0 V to –12 V to –15 V;
2 See Figures 5 and 7.)


유사한 부품 번호 - AD7248ATQ3

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7248ATQ3 AD-AD7248ATQ3 Datasheet
669Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
AD7248ATQ3 AD-AD7248ATQ3 Datasheet
669Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
More results

유사한 설명 - AD7248ATQ3

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7245A AD-AD7245A Datasheet
306Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. A
AD7245ABRZ AD-AD7245ABRZ Datasheet
669Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
AD7245AARZ AD-AD7245AARZ Datasheet
669Kb / 16P
   LC2MOS 12-Bit DACPORTs
REV. B
AD7237A AD-AD7237A Datasheet
392Kb / 12P
   LC2MOS Dual 12-Bit DACPORTs
REV. 0
AD7245A AD-AD7245A_15 Datasheet
703Kb / 16P
   LC MOS 12-Bit DACPORTs
REV. B
AD7248A AD-AD7248A_15 Datasheet
703Kb / 16P
   LC MOS 12-Bit DACPORTs
REV. B
AD7247A AD-AD7247A_15 Datasheet
395Kb / 12P
   LC MOS Dual 12-Bit DACPORTs
REV. 0
AD7237A AD-AD7237A_15 Datasheet
395Kb / 12P
   LC MOS Dual 12-Bit DACPORTs
REV. 0
AD7245JNZ AD-AD7245JNZ Datasheet
3Mb / 16P
   LC2MOS 12-BiT DACPORT
AD7245 AD-AD7245 Datasheet
1Mb / 16P
   LC2MOS 12-Bit DACPORT
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com